Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA843 Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA843
Description  Wideband, Low Distortion, Medium Gain, Voltage-Feedback OPERATIONAL AMPLIFIER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA843 Datasheet(HTML) 1 Page - Burr-Brown (TI)

  OPA843 Datasheet HTML 1Page - Burr-Brown (TI) OPA843 Datasheet HTML 2Page - Burr-Brown (TI) OPA843 Datasheet HTML 3Page - Burr-Brown (TI) OPA843 Datasheet HTML 4Page - Burr-Brown (TI) OPA843 Datasheet HTML 5Page - Burr-Brown (TI) OPA843 Datasheet HTML 6Page - Burr-Brown (TI) OPA843 Datasheet HTML 7Page - Burr-Brown (TI) OPA843 Datasheet HTML 8Page - Burr-Brown (TI) OPA843 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
DESCRIPTION
The OPA843 provides a level of speed and dynamic range
previously unattainable in a monolithic op amp. Using a high
Gain Bandwidth (GBW), two gain-stage design, the OPA843
gives a medium gain range device with exceptional dynamic
range. The “classic” differential input complements this high
dynamic range with DC precision beyond most high-speed
amplifier products. Very low input offset voltage and current,
high Common-Mode Rejection Ratio (CMRR) and Power-
Supply Rejection Ratio (PSRR), and high open-loop gain
combine to give a high DC precision amplifier along with low
noise and high 3rd-order intercept.
12- to 16-bit converter interfaces will benefit from this combi-
nation of features. High-speed transimpedance applications
can be implemented with exceptional DC precision as well.
Differential configurations using two OPA843s can deliver
very low distortion to high output voltages, as shown below.
FEATURES
q HIGH BANDWIDTH: 260MHz (G = +5)
q GAIN BANDWIDTH PRODUCT: 800MHz
q LOW INPUT VOLTAGE NOISE: 2.0nV/
√Hz
q VERY LOW DISTORTION: –96dBc (5MHz)
q HIGH OPEN-LOOP GAIN: 110dB
q FAST 12-BIT SETTLING: 10.5ns (0.01%)
q LOW INPUT OFFSET VOLTAGE: 300
µV
q OUTPUT CURRENT:
±100mA
APPLICATIONS
q ADC/DAC BUFFER AMPLIFIER
q LOW DISTORTION “IF” AMPLIFIER
q ACTIVE FILTERS
q LOW-NOISE RECEIVER
q WIDEBAND TRANSIMPEDANCE
q TEST INSTRUMENTATION
q PROFESSIONAL AUDIO
q OPA643 UPGRADE
OPA843
SBOS268A – DECEMBER 2002 – OCTOBER 2003
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 2002-2003, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.
Wideband, Low Distortion, Medium Gain,
Voltage-Feedback OPERATIONAL AMPLIFIER
INPUT NOISE
GAIN-BANDWIDTH
SINGLES
VOLTAGE (nV/√Hz )
PRODUCT (MHz)
OPA842
2.6
200
OPA846
1.2
1750
OPA847
0.85
3900
OPA843 RELATED PRODUCTS
OPA8
43
V
O = 10VI
V
I
1:1
50
132
OPA843
OPA843
+5V
+5V
–5V
–5V
Very Low Distortion Differential Driver
R
L
400
402
40.2
40.2
402
DIFFERENTIAL DISTORTION vs OUTPUT VOLTAGE
Output Voltage Swing (Vp-p)
10
1
–85
–90
–95
–100
–105
–110
G
D = 10
R
L = 400Ω
F = 5MHz
2nd-Harmonic
3rd-Harmonic


Similar Part No. - OPA843

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA843 TI1-OPA843 Datasheet
707Kb / 30P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
OPA843 TI1-OPA843 Datasheet
861Kb / 29P
[Old version datasheet]   Wideband, Low Distortion, Medium Gain Voltage-Feedback OPERATIONAL AMPLIFIER
OPA843ID TI1-OPA843ID Datasheet
861Kb / 29P
[Old version datasheet]   Wideband, Low Distortion, Medium Gain Voltage-Feedback OPERATIONAL AMPLIFIER
OPA843IDBVR TI1-OPA843IDBVR Datasheet
861Kb / 29P
[Old version datasheet]   Wideband, Low Distortion, Medium Gain Voltage-Feedback OPERATIONAL AMPLIFIER
OPA843IDBVRG4 TI1-OPA843IDBVRG4 Datasheet
1Mb / 34P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
More results

Similar Description - OPA843

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA843 TI1-OPA843 Datasheet
861Kb / 29P
[Old version datasheet]   Wideband, Low Distortion, Medium Gain Voltage-Feedback OPERATIONAL AMPLIFIER
OPA842IDG4 TI-OPA842IDG4 Datasheet
812Kb / 29P
[Old version datasheet]   Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA842 TI1-OPA842_15 Datasheet
818Kb / 29P
[Old version datasheet]   Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA842 TI-OPA842 Datasheet
438Kb / 19P
[Old version datasheet]   Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA642 TI1-OPA642 Datasheet
176Kb / 16P
[Old version datasheet]   Wideband, Low Distortion, Low Gain OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA642 BURR-BROWN-OPA642 Datasheet
243Kb / 15P
   Wideband, Low Distortion, Low Gain OPERATIONAL AMPLIFIER
OPA643 BURR-BROWN-OPA643 Datasheet
262Kb / 17P
   Wideband Low Distortion, High Gain OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA643 TI1-OPA643 Datasheet
177Kb / 18P
[Old version datasheet]   Wideband Low Distortion, High Gain OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA628 BURR-BROWN-OPA628 Datasheet
172Kb / 13P
   Low Distortion Wideband OPERATIONAL AMPLIFIER
OPA640 BURR-BROWN-OPA640 Datasheet
190Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com