Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA2903YF-LB Datasheet(PDF) 6 Page - Rohm

Part # BA2903YF-LB
Description  Ground Sense Comparators
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA2903YF-LB Datasheet(HTML) 6 Page - Rohm

Back Button BA2903YF-LB Datasheet HTML 2Page - Rohm BA2903YF-LB Datasheet HTML 3Page - Rohm BA2903YF-LB Datasheet HTML 4Page - Rohm BA2903YF-LB Datasheet HTML 5Page - Rohm BA2903YF-LB Datasheet HTML 6Page - Rohm BA2903YF-LB Datasheet HTML 7Page - Rohm BA2903YF-LB Datasheet HTML 8Page - Rohm BA2903YF-LB Datasheet HTML 9Page - Rohm BA2903YF-LB Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
TSZ02201-0RFR0G200680-1-2
6/27
30.Jan.2014 Rev.001
BA2903YF-LB BA2901YF-LB
Datasheet
© 2014 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111 • 15 • 001
Description of electrical characteristics
Described below are descriptions of the relevant electrical terms used in this datasheet. Items and symbols used are also
shown. Note that item name and symbol and their meaning may differ from those on another manufacturer’s document or
general document.
1. Absolute maximum ratings
Absolute maximum rating items indicate the condition which must not be exceeded. Application of voltage in excess of absolute
maximum rating or use out of absolute maximum rated temperature environment may cause deterioration of characteristics.
(1) Supply Voltage (VCC/VEE)
Indicates the maximum voltage that can be applied between the VCC terminal and the VEE terminal without
deterioration or destruction of characteristics of internal circuit.
(2) Differential Input Voltage (VID)
Indicates the maximum voltage that can be applied between non-inverting and inverting terminals without damaging
the IC.
(3) Input Common-mode Voltage Range (VICM)
Indicates the maximum voltage that can be applied to the non-inverting and inverting terminals without deterioration
or destruction of electrical characteristics. Input common-mode voltage range of the maximum ratings does not assure
normal operation of IC. For normal operation, use the IC within the input common-mode voltage range characteristics.
(4) Operating and Storage Temperature Ranges (Topr, Tstg)
The operating temperature range indicates the temperature range within which the IC can operate. The higher the
ambient temperature, the lower the power consumption of the IC. The storage temperature range denotes the range
of temperatures the IC can be stored under without causing excessive deterioration of the electrical characteristics.
(5) Power Dissipation (PD)
Indicates the power that can be consumed by the IC when mounted on a specific board at the ambient temperature 25°C
(normal temperature). As for package product, PD is determined by the temperature that can be permitted by the IC in
the package (maximum junction temperature) and the thermal resistance of the package.
2. Electrical characteristics
(1) Input Offset Voltage (VIO)
Indicates the voltage difference between non-inverting terminal and inverting terminals. It can be translated into the
input voltage difference required for setting the output voltage at 0 V.
(2) Input Offset Current (IIO)
Indicates the difference of input bias current between the non-inverting and inverting terminals.
(3) Input Bias Current (IB)
Indicates the current that flows into or out of the input terminal. It is defined by the average of input bias currents at
the non-inverting and inverting terminals.
(4) Input Common-mode Voltage Range (VICM)
Indicates the input voltage range where IC normally operates.
(5) Large Signal Voltage Gain (AV)
Indicates the amplifying rate (gain) of output voltage against the voltage difference between non-inverting terminal
and inverting terminal. It is normally the amplifying rate (gain) with reference to DC voltage.
AV = (Output voltage) / (Differential Input voltage)
(6) Supply Current (ICC)
Indicates the current that flows within the IC under specified no-load conditions.
(7) Output Sink Current (ISINK)
Denotes the maximum current that can be output under specific output conditions.
(8) Output Saturation Voltage, Low Level Output Voltage (VOL)
Signifies the voltage range that can be output under specific output conditions.
(9) Output Leakage Current, High Level Output Current (ILEAK)
Indicates the current that flows into the IC under specific input and output conditions.
(10) Response Time (tRE)
Response time indicates the delay time between the input and output signal is determined by the time difference
from the fifty percent of input signal swing to the fifty percent of output signal swing.


Similar Part No. - BA2903YF-LB

ManufacturerPart #DatasheetDescription
logo
Rohm
BA2903YF-C ROHM-BA2903YF-C Datasheet
382Kb / 17P
   Automotive Comparators:Ground Sense
BA2903YF-C ROHM-BA2903YF-C Datasheet
1Mb / 33P
   Automotive Ground Sense Comparators
29.Sep.2015 Rev.005
BA2903YF-CE2 ROHM-BA2903YF-CE2 Datasheet
825Kb / 32P
   Automotive Ground Sense Comparators
BA2903YF-CE2 ROHM-BA2903YF-CE2 Datasheet
1Mb / 34P
   Automotive Ground Sense Comparators
BA2903YF-CE2 ROHM-BA2903YF-CE2 Datasheet
1Mb / 33P
   Automotive Ground Sense Comparators
29.Sep.2015 Rev.005
More results

Similar Description - BA2903YF-LB

ManufacturerPart #DatasheetDescription
logo
Rohm
BA10393F-E2 ROHM-BA10393F-E2 Datasheet
533Kb / 25P
   Ground Sense Comparators
BA10393F ROHM-BA10393F_09 Datasheet
574Kb / 20P
   Comparators: Ground Sense
BA10339FV-E2 ROHM-BA10339FV-E2 Datasheet
533Kb / 25P
   Ground Sense Comparators
LM393XXX ROHM-LM393XXX Datasheet
4Mb / 40P
   Ground Sense Comparators
15.Jul.2016 Rev.002
BA10393F ROHM-BA10393F_10 Datasheet
466Kb / 20P
   Comparators : Ground Sense
BA10393F ROHM-BA10393F_11 Datasheet
551Kb / 25P
   Ground Sense Comparators
BA2903YFC ROHM-BA2903YFC Datasheet
825Kb / 32P
   Automotive Ground Sense Comparators
BA2903YFV-C ROHM-BA2903YFV-C Datasheet
1Mb / 33P
   Automotive Ground Sense Comparators
29.Sep.2015 Rev.005
BA2901YF-M ROHM-BA2901YF-M Datasheet
531Kb / 27P
   Automotive Ground Sense Comparators
BA2903YF-CE2 ROHM-BA2903YF-CE2 Datasheet
1Mb / 34P
   Automotive Ground Sense Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com