Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA2901YF-LB Datasheet(PDF) 3 Page - Rohm

Part # BA2901YF-LB
Description  Ground Sense Comparators
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA2901YF-LB Datasheet(HTML) 3 Page - Rohm

  BA2901YF-LB Datasheet HTML 1Page - Rohm BA2901YF-LB Datasheet HTML 2Page - Rohm BA2901YF-LB Datasheet HTML 3Page - Rohm BA2901YF-LB Datasheet HTML 4Page - Rohm BA2901YF-LB Datasheet HTML 5Page - Rohm BA2901YF-LB Datasheet HTML 6Page - Rohm BA2901YF-LB Datasheet HTML 7Page - Rohm BA2901YF-LB Datasheet HTML 8Page - Rohm BA2901YF-LB Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
TSZ02201-0RFR0G200680-1-2
3/27
30.Jan.2014 Rev.001
BA2903YF-LB BA2901YF-LB
Datasheet
© 2014 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111 • 15 • 001
Ordering Information
B
A
2
9
0
x
Y
F
-
LB H2
Part Number
BA2903YF
BA2901YF
Package
F
: SOP8
SOP14
Product class
LB for Industrial applications
Packaging and forming specification
H2: Embossed tape and reel
(SOP8/SOP14)
Line-up
Topr
Operating
Supply
Voltage
Dual/Quad
Package
Orderable
Part Number
-40°C to +125°C
+2.0V to +36V
Dual
SOP8
Reel of 250
BA2903YF-LBE2
Quad
SOP14
Reel of 250
BA2901YF-LBE2
Absolute Maximum Ratings (TA=25°C)
Parameter
Symbol
Ratings
Unit
BA2903YF-LB
BA2901YF-LB
Supply Voltage
VCC-VEE
+36
V
Power dissipation
PD
SOP8
0.77
(Note 1,3)
-
W
SOP14
-
0.56
(Note 2,3)
Differential Input Voltage
(Note 4)
VID
+36
V
Input Common-mode Voltage Range
VICM
(VEE-0.3) to (VEE+36)
V
Input Current
(Note 5)
II
-10
mA
Operating Supply Voltage
Vopr
+2.0 ~ +36 (±1.0 ~ ±18)
V
Operating Temperature Range
Topr
-40 to +125
°C
Storage Temperature Range
Tstg
-55 to +150
°C
Maximum junction Temperature
TJmax
+150
°C
(Note 1) To use at temperature above TA=25°C reduce 6.2mW/°C.
(Note 2) To use at temperature above TA=25°C reduce 4.5mW/°C.
(Note 3) Mounted on a FR4 glass epoxy PCB 70mm×70mm×1.6mm (copper foil area less than 3%).
(Note 4) The voltage difference between inverting input and non-inverting input is the differential input voltage.
Then input terminal voltage is set to more than VEE.
(Note 5) An excessive input current will flow when input voltages of less than VEE-0.6V are applied.
The input current can be set to less than the rated current by adding a limiting resistor.
Caution: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit
between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is operated over
the absolute maximum ratings.


Similar Part No. - BA2901YF-LB

ManufacturerPart #DatasheetDescription
logo
Rohm
BA2901YF-C ROHM-BA2901YF-C Datasheet
382Kb / 17P
   Automotive Comparators:Ground Sense
BA2901YF-C ROHM-BA2901YF-C Datasheet
1Mb / 33P
   Automotive Ground Sense Comparators
29.Sep.2015 Rev.005
BA2901YF-CE2 ROHM-BA2901YF-CE2 Datasheet
825Kb / 32P
   Automotive Ground Sense Comparators
BA2901YF-CE2 ROHM-BA2901YF-CE2 Datasheet
1Mb / 34P
   Automotive Ground Sense Comparators
BA2901YF-CE2 ROHM-BA2901YF-CE2 Datasheet
1Mb / 33P
   Automotive Ground Sense Comparators
29.Sep.2015 Rev.005
More results

Similar Description - BA2901YF-LB

ManufacturerPart #DatasheetDescription
logo
Rohm
BA10393F-E2 ROHM-BA10393F-E2 Datasheet
533Kb / 25P
   Ground Sense Comparators
BA10393F ROHM-BA10393F_09 Datasheet
574Kb / 20P
   Comparators: Ground Sense
BA10339FV-E2 ROHM-BA10339FV-E2 Datasheet
533Kb / 25P
   Ground Sense Comparators
LM393XXX ROHM-LM393XXX Datasheet
4Mb / 40P
   Ground Sense Comparators
15.Jul.2016 Rev.002
BA10393F ROHM-BA10393F_10 Datasheet
466Kb / 20P
   Comparators : Ground Sense
BA10393F ROHM-BA10393F_11 Datasheet
551Kb / 25P
   Ground Sense Comparators
BA2903YFC ROHM-BA2903YFC Datasheet
825Kb / 32P
   Automotive Ground Sense Comparators
BA2903YFV-C ROHM-BA2903YFV-C Datasheet
1Mb / 33P
   Automotive Ground Sense Comparators
29.Sep.2015 Rev.005
BA2901YF-M ROHM-BA2901YF-M Datasheet
531Kb / 27P
   Automotive Ground Sense Comparators
BA2903YF-CE2 ROHM-BA2903YF-CE2 Datasheet
1Mb / 34P
   Automotive Ground Sense Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com