Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD7673AG Datasheet(PDF) 10 Page - Rohm

Part # BD7673AG
Description  PWM Control Type DC/DC Converter IC for AC/DC Driver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD7673AG Datasheet(HTML) 10 Page - Rohm

Back Button BD7673AG Datasheet HTML 6Page - Rohm BD7673AG Datasheet HTML 7Page - Rohm BD7673AG Datasheet HTML 8Page - Rohm BD7673AG Datasheet HTML 9Page - Rohm BD7673AG Datasheet HTML 10Page - Rohm BD7673AG Datasheet HTML 11Page - Rohm BD7673AG Datasheet HTML 12Page - Rohm BD7673AG Datasheet HTML 13Page - Rohm BD7673AG Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
10/17
Datasheet
Datasheet
BD7673AG
TSZ02201-0F2F0A200120-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
16.Jul.2015 Rev.002
www.rohm.com
TSZ22111・15・001
●Electrical Characteristics of control block (Unless otherwise noted, Ta = 25
C, VCC=12V)
Parameter
Symbol
Specifications
Unit
Conditions
MIN
TYP
MAX
[PWM Type DCDC Driver Block]
Oscillation Frequency
FSW1
60
65
70
KHz
FB=2.0V
average frequency
Frequency Hopping Width 1
FDEL1
-
4.0
-
KHz
FB=2.0V
Hopping Fluctuation Frequency
FCH
93
125
157
Hz
Minimum Pulse Width
Tmin
-
500
-
ns
Soft Start Time 1
TSS1
0.75
1.00
1.25
ms
Soft Start Time 2
TSS2
6.00
8.00
10.00
ms
Maximum Duty 1
Dmax
68.0
75.0
82.0
%
During normal operation
Maximum Duty 2
DSS1
5.0
15.0
25.0
%
During soft start
0[ms] to Tss1[ms]
Maximum Duty 3
DSS2
15.0
25.0
35.0
%
During soft start
TSS1 [ms] to TSS2 [ms]
FB pin Pull-up Resistance
RFB
15
20
25
kΩ
FB / ⊿CS Rain
Gain
-
5
-
V/V
FB Burst Voltage
VBST
0.20
0.30
0.40
V
During FB drop
FB OLP Voltage 1a
VFOLP1A
2.5
2.8
3.1
V
When overload is detected
(FB rise)
FB OLP Voltage 1b
VFOLP1B
-
VFOLP1A-0.
2
-
V
When overload is detected
(FB drop)
FB OLP Timer
TFOLP
187
250
312
ms
Latch Release Voltage
(VCC pin voltage)
VLATCH
-
VUVLO2-0.
5
-
V
Latch release voltage
VCCUVLO2-0.5 [V]
Latch Mask Time
TLATCH
50
100
200
us
VCCOVP, COMP
Mask time
[Overcurrent Detection Block]
Overcurrent Detection Voltage
VCS
0.475
0.500
0.525
V
Leading Edge Blanking Time
TLEB
-
250
-
ns
[Output Driver Block]
OUT pin Pch MOS Ron
RPOUT
10
25
39
OUT pin Nch MOS Ron
RNOUT
3
7
12
[External Latch Comparator Block]
COMP pin Latch Detection
Voltage
VCOMP
-
0.5
-
V
COMP pin Pull-up Resistance
RCOMP
-
25.9
-
kΩ
Thermistor Resistance
Detection Value
RT
3.30
3.70
4.10
kΩ
Thermistor connected
to COMP pin


Similar Part No. - BD7673AG

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7672BG ROHM-BD7672BG Datasheet
956Kb / 21P
   PWM Control Type DC/DC Converter IC for AC/DC Driver
BD7672BG-TR ROHM-BD7672BG-TR Datasheet
956Kb / 21P
   PWM Control Type DC/DC Converter IC for AC/DC Driver
BD7679G ROHM-BD7679G Datasheet
992Kb / 20P
   PWM current mode method
More results

Similar Description - BD7673AG

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7672BG ROHM-BD7672BG Datasheet
956Kb / 21P
   PWM Control Type DC/DC Converter IC for AC/DC Driver
BM1P061FJ-E ROHM-BM1P061FJ-E Datasheet
1Mb / 21P
   PWM Control type DC/DC converter IC
BM1P061FJ ROHM-BM1P061FJ_15 Datasheet
1Mb / 23P
   PWM Control type DC/DC converter IC
logo
Mitsumi Electronics, Co...
MM3663 MITSUMI-MM3663 Datasheet
162Kb / 23P
   The PWM control IC for AC-DC converter
logo
Rohm
BM2P052F ROHM-BM2P052F Datasheet
1Mb / 24P
   PWM type DC/DC converter IC
BM2P053F ROHM-BM2P053F Datasheet
1Mb / 23P
   PWM type DC/DC converter IC
BM2P054F ROHM-BM2P054F Datasheet
1Mb / 23P
   PWM type DC/DC converter IC
BM2P10XXJ-Z ROHM-BM2P10XXJ-Z Datasheet
1Mb / 31P
   AC/DC Converter Built-in Switching MOSFET PWM-type DC/DC Converter IC
18.Apr.2022 Rev.001
BM1P10CFJ ROHM-BM1P10CFJ Datasheet
1Mb / 35P
   PWM Controller IC for AC/DC Converter
03.Feb.2020 Rev.001
logo
New Japan Radio
NJM2374A NJRC-NJM2374A Datasheet
90Kb / 8P
   PWM DC/DC CONVERTER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com