Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD7F100EFJ-LBE2 Datasheet(PDF) 9 Page - Rohm

Part # BD7F100EFJ-LBE2
Description  Optocoupler-less Isolated Flyback Converter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD7F100EFJ-LBE2 Datasheet(HTML) 9 Page - Rohm

Back Button BD7F100EFJ-LBE2 Datasheet HTML 5Page - Rohm BD7F100EFJ-LBE2 Datasheet HTML 6Page - Rohm BD7F100EFJ-LBE2 Datasheet HTML 7Page - Rohm BD7F100EFJ-LBE2 Datasheet HTML 8Page - Rohm BD7F100EFJ-LBE2 Datasheet HTML 9Page - Rohm BD7F100EFJ-LBE2 Datasheet HTML 10Page - Rohm BD7F100EFJ-LBE2 Datasheet HTML 11Page - Rohm BD7F100EFJ-LBE2 Datasheet HTML 12Page - Rohm BD7F100EFJ-LBE2 Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
9/28
BD7F100HFN-LB BD7F100EFJ-LB
TSZ02201-0J1J0AJ00910-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
29.Jun.2016 Rev.002
www.rohm.com
TSZ22111・15・001
Typical Performance Curves
VIN: 20V/Div
Figure 10. Start Up Waveforms (SDX/EN control)
(24V Input, 5V Output, SDX/EN=0V->2.5V)
VIN: 20V/Div
SDX/EN: 2V/Div
VOUT: 2V/Div
SW: 20V/Div
Figure 11. Shutdown Waveforms (SDX/EN control)
(24V Input, 5V Output, SDX/EN=2.5V->0V)
Time: 4ms/Div
VIN: 20V/Div
SDX/EN: 2V/Div
VOUT: 2V/Div
SW: 20V/Div
Time: 4ms/Div
Figure 13. Shutdown Waveforms (VIN control)
(24V Input, 5V Output, VIN=24V->0V, R1=1MΩ, R2=120kΩ)
Figure 12. Start Up Waveforms (VIN control)
(24V Input, 0V Output, VIN=0V->24V, R1=1MΩ, R2=120kΩ)
SDX/EN: 2V/Div
VOUT: 2V/Div
SW: 20V/Div
VIN: 20V/Div
SDX/EN: 2V/Div
VOUT: 2V/Div
SW: 20V/Div
Time: 4ms/Div
Time: 4ms/Div


Similar Part No. - BD7F100EFJ-LBE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7F100HFN-EVK-001 ROHM-BD7F100HFN-EVK-001 Datasheet
1Mb / 12P
   Isolated DC/DC Converter
More results

Similar Description - BD7F100EFJ-LBE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7F200HFN-LB ROHM-BD7F200HFN-LB Datasheet
1Mb / 31P
   Optocoupler-less Isolated Flyback Converter
BD7F200HFN-LB ROHM-BD7F200HFN-LB_V01 Datasheet
1Mb / 30P
   Isolated Flyback Converter
09.Dec.2022 Rev.004
logo
Linear Technology
LT8315 LINER-LT8315 Datasheet
505Kb / 6P
   Offline Isolated Flyback Converter
LT8302 LINER-LT8302 Datasheet
556Kb / 6P
   Micropower No-Opto Isolated Flyback Converter
logo
Linear Integrated Syste...
LT8303ES5 LINEAR-LT8303ES5 Datasheet
32Kb / 1P
   MICROPOWER NO-OPTO ISOLATED FLYBACK CONVERTER
logo
Linear Technology
LT3511 LINER-LT3511_15 Datasheet
264Kb / 26P
   Monolithic High Voltage Isolated Flyback Converter
LT3512 LINER-LT3512_15 Datasheet
313Kb / 26P
   Monolithic High Voltage Isolated Flyback Converter
logo
Power Integrations, Inc...
DI-42 POWERINT-DI-42 Datasheet
43Kb / 2P
   Non-isolated Flyback (Buck/Boost) Converter
logo
Linear Technology
LT3512 LINER-LT3512_11 Datasheet
236Kb / 24P
   Monolithic High Voltage Isolated Flyback Converter
LT3573 LINER-LT3573 Datasheet
247Kb / 24P
   Isolated Flyback Converter Without an Opto-Coupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com