Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM1P101FJ-E2 Datasheet(PDF) 1 Page - Rohm

Part # BM1P101FJ-E2
Description  PWM Control type DC/DC converter IC
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM1P101FJ-E2 Datasheet(HTML) 1 Page - Rohm

  BM1P101FJ-E2 Datasheet HTML 1Page - Rohm BM1P101FJ-E2 Datasheet HTML 2Page - Rohm BM1P101FJ-E2 Datasheet HTML 3Page - Rohm BM1P101FJ-E2 Datasheet HTML 4Page - Rohm BM1P101FJ-E2 Datasheet HTML 5Page - Rohm BM1P101FJ-E2 Datasheet HTML 6Page - Rohm BM1P101FJ-E2 Datasheet HTML 7Page - Rohm BM1P101FJ-E2 Datasheet HTML 8Page - Rohm BM1P101FJ-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Datasheet
Product structure:Silicon monolithic integrated circuit ○This product is not designed protection against radioactive rays
.
1/19
TSZ02201-0F2F0A200090-1-1
15.Oct.2015.Rev.005
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
www.rohm.com
AC/DC Drivers
PWM Control type
DC/DC converter IC
BM1P061FJ / BM1P062FJ / BM1P101FJ / BM1P102FJ
●General
The PWM type DC/DC converter (BM1Pxxx) for
AC/DC provides an optimum system for all products
that include an electrical outlet.
BM1Pxxx supports both isolated and non-isolated
devices, enabling simpler design of various types of
low-power electrical converters.
BM1Pxxx built in a HV starter circuit that tolerates
650V, it contributes to low-power consumption.
With switching MOSFET and current detection
resistors as external devices, a higher degree of
design freedom is achieved. Switching frequency
adopts fixed system. Since current mode control is
utilized, current is restricted in each cycle and
excellent performance is demonstrated in bandwidth
and transient response.
At light load, the switching frequency is reduced and
high efficiency is achieved.
A frequency hopping function is also on chip, which
contributes to low EMI.
BM1Pxxx also has built-in function such as soft start,
burst mode, over current limiter per cycle, VCC over
voltage protection and over load protection.
●Basic specifications
Operating Power Supply Voltage Range:
VCC 8.9V to 26.0V
VH:
to 600V
Operating Current:
Normal Mode:0.60mA (Typ)
Burst Mode: 0.35mA (Typ)
Oscillation Frequency:
BM1P06xFJ:65kHz (Typ)
BM1P10xFJ:100kHz (Typ)
Operating Temperature:
- 40deg. to +105deg.
●Features
PWM frequency : 65kHz, 100kHz
PWM current mode method
Frequency Hopping function
Burst operation / Frequency reduction function
when load is light
Built-in 650V start circuit
VCC pin under voltage protection
VCC pin over voltage protection
CS pin Open protection
CS pin Leading-Edge-Blanking function
Per-cycle over current protection circuit
Current protection with AC voltage compensation
Soft start
Secondary Over current protection circuit
●Package
SOP-J8
4.90mm×3.90mm ×1.65mm
Pitch 1.27mm
(Typ)
(Typ)
(Typ)
(Typ)
●Applications
AC adapters and household appliances (vacuum
cleaners, humidifiers, air cleaners, air conditioners, IH
cooking heaters, rice cookers, etc.
●Application circuit
●Line-Up
Figure 1.Application circuit
Frequency
VCCOVP
BM1P101FJ
100kHz
Auto Restart
BM1P102FJ
100kHz
Latch
BM1P061FJ
65kHz
Auto Restart
BM1P062FJ
65kHz
Latch


Similar Part No. - BM1P101FJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BM1P101FJ-E2 ROHM-BM1P101FJ-E2 Datasheet
1Mb / 21P
   PWM Control type DC/DC converter IC
BM1P101FJ-E2 ROHM-BM1P101FJ-E2 Datasheet
1Mb / 31P
   PWM Control IC
BM1P101FJ-E2 ROHM-BM1P101FJ-E2 Datasheet
1Mb / 31P
   PWM Control IC
BM1P101FJ-E2 ROHM-BM1P101FJ-E2 Datasheet
1Mb / 30P
   PWM Control IC
BM1P101FJ-E2 ROHM-BM1P101FJ-E2 Datasheet
1Mb / 30P
   PWM Control IC
More results

Similar Description - BM1P101FJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BM1P061FJ-E ROHM-BM1P061FJ-E Datasheet
1Mb / 21P
   PWM Control type DC/DC converter IC
BM2P052F ROHM-BM2P052F Datasheet
1Mb / 24P
   PWM type DC/DC converter IC
BM2P053F ROHM-BM2P053F Datasheet
1Mb / 23P
   PWM type DC/DC converter IC
BM2P054F ROHM-BM2P054F Datasheet
1Mb / 23P
   PWM type DC/DC converter IC
BD7672BG ROHM-BD7672BG Datasheet
956Kb / 21P
   PWM Control Type DC/DC Converter IC for AC/DC Driver
BD7673AG ROHM-BD7673AG Datasheet
969Kb / 21P
   PWM Control Type DC/DC Converter IC for AC/DC Driver
logo
New Japan Radio
NJM2374A NJRC-NJM2374A Datasheet
90Kb / 8P
   PWM DC/DC CONVERTER IC
NJM2392 NJRC-NJM2392 Datasheet
150Kb / 9P
   PWM DC/DC Converter IC
logo
NEC
UPC1934 NEC-UPC1934 Datasheet
140Kb / 20P
   DC-DC CONVERTER CONTROL IC
UPC1935 NEC-UPC1935 Datasheet
185Kb / 28P
   DC-DC CONVERTER CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com