Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM1P066FJ Datasheet(PDF) 2 Page - Rohm

Part # BM1P066FJ
Description  PWM Control IC
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM1P066FJ Datasheet(HTML) 2 Page - Rohm

  BM1P066FJ Datasheet HTML 1Page - Rohm BM1P066FJ Datasheet HTML 2Page - Rohm BM1P066FJ Datasheet HTML 3Page - Rohm BM1P066FJ Datasheet HTML 4Page - Rohm BM1P066FJ Datasheet HTML 5Page - Rohm BM1P066FJ Datasheet HTML 6Page - Rohm BM1P066FJ Datasheet HTML 7Page - Rohm BM1P066FJ Datasheet HTML 8Page - Rohm BM1P066FJ Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
2/27
Datasheet
Datasheet
BM1P066FJ
TSZ02201-0F2F0A200200-1-2
30.Oct.2013.Rev.001
© 2013 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
● Absolute Maximum Ratings (Ta = 25°C)
Parameter
Symbol
Rating
Unit
Conditions
Maximum voltage 1
Vmax1
-0.3 ~ 30.0
V
VCC
Maximum voltage 2
Vmax2
-0.3 ~ 6.5
V
CS, FB, ACMONI
Maximum voltage 3
Vmax3
-0.3 ~ 15.0
V
OUT
Maximum voltage 4
Vmax4
-0.3 ~ 650
V
VH
OUT pin peak current
I
OUT
±1.0
A
Allowable dissipation
Pd
674.9
(Note1)
mW
When mounted
Operating temperature range
Topr
-40 ~ +85
oC
Storage temperature range
Tstr
-55 ~ +150
oC
(Note1)
SOP-J8: When mounted, 70 × 70 × 1.6 mm (glass epoxy on single-layer substrate). Reduce to 5.40 mW/°C when
used at Ta = 25°C or above.
● Recommended Operating Conditions (Ta = 25°C)
Parameter
Symbol
Rating
Unit
Conditions
Supply voltage range 1
VCC
8.9 ~ 26.0
V
VCC pin voltage
Supply voltage range 2
VH
80 ~ 600
V
VH pin voltage
● Electrical Characteristics (Unless otherwise noted, Ta = 25°C, VCC = 15 V)
Parameter
Symbol
Rating
Unit
Conditions
Min.
Typ.
Max.
[Circuit current]
Circuit current (ON) 1
ION1
-
600
1000
μA
FB = 2.0 V
(during pulse operation)
Circuit current (ON) 2
ION2
-
350
450
μA
FB = 0.0 V
(during burst operation)
[VCC pin (5 pin) protection function ]
VCC UVLO voltage 1
VUVLO1
12.50
13.50
14.50
V
VCC rise
VCC UVLO voltage 2
VUVLO2
7.50
8.20
8.90
V
VCC drop
VCC UVLO hysteresis
VUVLO3
-
5.30
-
V
VUVLO3 = VUVLO1-VUVLO2
VCC OVP voltage 1
VOVP1
26.00
27.50
29.00
V
VCC rise
VCC LATCH released voltage
VLATCH
-
VUVLO2-
0.5
-
V
[Output driver block]
OUT pin H voltage
VOUTH
10.5
12.5
14.5
V
IO = -20 mA
OUT pin L voltage
VOUTL
-
-
1.00
V
IO = +20 mA
OUT pin pull-down resistance
RPDOUT
75
100
125
k
[ACMONI detection circuit]
ACMONI detection voltage1
VACMON1
0.92
1.00
1.08
V
ACMONI rises
ACMONI detection voltage2
VACMON2
0.63
0.70
0.77
V
ACMONI falls
ACMONI Hysteresis
VACMON3
0.20
0.30
0.40
V
ACMONI Timer
TACMON1
180
256
330
ms
[Start circuit block]
Start current 1
ISTART1
0.400
0.700
1.000
mA
VCC = 0 V
Start current 2
ISTART2
1.000
3.000
5.000
mA
VCC = 10 V
OFF current
ISTART3
-
10
20
uA
Inflow current from VH pin
after release of UVLO
Start current switching voltage
VSC
0.400
0.800
1.400
V


Similar Part No. - BM1P066FJ

ManufacturerPart #DatasheetDescription
logo
Rohm
BM1P066FJ ROHM-BM1P066FJ Datasheet
1Mb / 31P
   PWM Control IC
BM1P066FJ ROHM-BM1P066FJ Datasheet
1Mb / 30P
   PWM Control IC
BM1P066FJ-E2 ROHM-BM1P066FJ-E2 Datasheet
1Mb / 31P
   PWM Control IC
BM1P066FJ-E2 ROHM-BM1P066FJ-E2 Datasheet
1Mb / 30P
   PWM Control IC
BM1P066FJ-E2 ROHM-BM1P066FJ-E2 Datasheet
1Mb / 30P
   PWM Control IC
More results

Similar Description - BM1P066FJ

ManufacturerPart #DatasheetDescription
logo
Rohm
BM1P068FJ ROHM-BM1P068FJ Datasheet
1Mb / 30P
   PWM Control IC
BM1P107FJ ROHM-BM1P107FJ Datasheet
1Mb / 30P
   PWM Control IC
BM1P067FJ ROHM-BM1P067FJ Datasheet
1Mb / 30P
   PWM Control IC
BM1P065FJ ROHM-BM1P065FJ Datasheet
1Mb / 31P
   PWM Control IC
BM1P105FJ ROHM-BM1P105FJ Datasheet
1Mb / 31P
   PWM Control IC
logo
Renesas Technology Corp
HA16158P RENESAS-HA16158P Datasheet
248Kb / 23P
   PFC & PWM Control IC
HA16158P RENESAS-HA16158P_07 Datasheet
227Kb / 24P
   PFC & PWM Control IC
logo
Micrel Semiconductor
MIC2186 MICREL-MIC2186_05 Datasheet
189Kb / 15P
   Low Voltage PWM Control IC
MIC2186 MICREL-MIC2186 Datasheet
162Kb / 16P
   Low Voltage PWM Control IC
MIC2168A MICREL-MIC2168A_15 Datasheet
884Kb / 18P
   1MHz PWM Synchronous Buck-Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com