Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM1Q011FJ-E2 Datasheet(PDF) 11 Page - Rohm

Part # BM1Q011FJ-E2
Description  Quasi-Resonant Control type DC/DC Converter IC
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM1Q011FJ-E2 Datasheet(HTML) 11 Page - Rohm

Back Button BM1Q011FJ-E2 Datasheet HTML 7Page - Rohm BM1Q011FJ-E2 Datasheet HTML 8Page - Rohm BM1Q011FJ-E2 Datasheet HTML 9Page - Rohm BM1Q011FJ-E2 Datasheet HTML 10Page - Rohm BM1Q011FJ-E2 Datasheet HTML 11Page - Rohm BM1Q011FJ-E2 Datasheet HTML 12Page - Rohm BM1Q011FJ-E2 Datasheet HTML 13Page - Rohm BM1Q011FJ-E2 Datasheet HTML 14Page - Rohm BM1Q011FJ-E2 Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
11/26
Datasheet
Datasheet
BM1Q011FJ
TSZ02201-0F1F0A200180-1-2
21.Jan.2016 Rev.001
© 2016 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
Regarding capacitor value of VCC pin
For stable operation of the IC, please set the capacitor value to 1uF or higher of the VCC pin. When the VCC
capacitor terminal is too large, the response of the VCC pin to the Secondary output is slows down. Additionally,
if the degree of the transformer coupling is low, since a large surge occurs to the VCC pin, the IC may be
destroyed. In this case, it is necessary that a resistor which is from 10Ω to 100Ω is attached to the path between
the capacitor and diode at the back of the auxiliary winding or the capacitor of the VCC pin is increased. And the
fixed number is has to be set the VCC pin surge voltage not to exceed the absolute maximum rating of the VCC
pin by evaluating the waveform of the VCC pin.
Regarding VCC OVP voltage protection setting method in case of rising Vout (secondary output)
The VCC pin voltage is determined by the transformer ratio (Np:Ns) and Vout (Secondary output). Therefore,
when the Secondary output becomes large, it is possible to protect the IC by VCCOVP. Setting method of
VCCOVP protection is shown below.
Figure 12. How to Set VCCOVP
The VCC voltage is determined by the formula below.
VCC voltage = (Vout-VFs)×Nb/Ns -VFb
(Vout: Secondary output, Nb: Number of auxiliary winding, Ns: Number of secondary winding
VFx: Secondary diode VF, VFb: auxiliary winding diode VF)
If you want to apply protection when it becomes Secondary output × 1.3, please set the number of turns to be the next
formula. 1.3 × (Vout × (Nb/Ns) - VF) > VOVP1
Because VCCOVP protection has a blanking time of TSTOP (typ = 100us), it is not detected for momentary surge noise
of the VCC pin. However, VCCOVP is detected when the VCC voltage becomes higher than VOVP1 for the period of
more than VSTOP. So it is necessary to check in application evaluation when you set VCCOVP.
Np
Nb
Ns
Vout


Similar Part No. - BM1Q011FJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BM1Q001FJ ROHM-BM1Q001FJ Datasheet
1Mb / 29P
   Quasi-Resonant Control type DC/DC Converter IC
BM1Q001FJ-E2 ROHM-BM1Q001FJ-E2 Datasheet
1Mb / 29P
   Quasi-Resonant Control type DC/DC Converter IC
BM1Q002AFJ-LBE2 ROHM-BM1Q002AFJ-LBE2 Datasheet
1Mb / 42P
   Quasi-resonant DC/DC Converters
09.Feb.2023 Rev.001
BM1Q002FJ ROHM-BM1Q002FJ Datasheet
1Mb / 29P
   Quasi-Resonant Control type DC/DC Converter IC
BM1Q002FJ-E2 ROHM-BM1Q002FJ-E2 Datasheet
1Mb / 29P
   Quasi-Resonant Control type DC/DC Converter IC
More results

Similar Description - BM1Q011FJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BM1Q00XFJ ROHM-BM1Q00XFJ Datasheet
1Mb / 29P
   Quasi-Resonant Control type DC/DC Converter IC
BM1Q104FJ ROHM-BM1Q104FJ Datasheet
1Mb / 29P
   Quasi-Resonant Control DC/DC converter IC
5. Jun. 2017 Rev.002
BD7682FJ-LB ROHM-BD7682FJ-LB_16 Datasheet
1Mb / 31P
   Low Noise Quasi-Resonant Control DC/DC converter IC for AC/DC Converter
BM1050AF-G ROHM-BM1050AF-G Datasheet
2Mb / 51P
   Quasi-Resonant Control DC/DC
logo
Mitsumi Electronics, Co...
MM3661 MITSUMI-MM3661 Datasheet
48Kb / 4P
   The quasi resonant control IC for AC-DC converter
logo
Rohm
BM1C001F ROHM-BM1C001F Datasheet
1Mb / 35P
   Power Factor Correction and Quasi-Resonant DC/DC converter IC
BM1C101F ROHM-BM1C101F Datasheet
1Mb / 40P
   Power Factor Correction and Quasi-Resonant DC/DC converter IC
BM1C102F ROHM-BM1C102F Datasheet
1Mb / 39P
   Power Factor Correction and Quasi-Resonant DC/DC converter IC
BM1Q021FJ ROHM-BM1Q021FJ Datasheet
1Mb / 31P
   Quasi-Resonant Control type
BM1Q0XXAFJ-LB ROHM-BM1Q0XXAFJ-LB Datasheet
1Mb / 42P
   Quasi-resonant DC/DC Converters
09.Feb.2023 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com