Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM1P102FJ-E2 Datasheet(PDF) 9 Page - Rohm

Part # BM1P102FJ-E2
Description  PWM Control IC
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM1P102FJ-E2 Datasheet(HTML) 9 Page - Rohm

Back Button BM1P102FJ-E2 Datasheet HTML 5Page - Rohm BM1P102FJ-E2 Datasheet HTML 6Page - Rohm BM1P102FJ-E2 Datasheet HTML 7Page - Rohm BM1P102FJ-E2 Datasheet HTML 8Page - Rohm BM1P102FJ-E2 Datasheet HTML 9Page - Rohm BM1P102FJ-E2 Datasheet HTML 10Page - Rohm BM1P102FJ-E2 Datasheet HTML 11Page - Rohm BM1P102FJ-E2 Datasheet HTML 12Page - Rohm BM1P102FJ-E2 Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
9/27
Datasheet
Datasheet
BM1P065FJ
TSZ02201-0F2F0A200170-1-2
2.Oct.2013.Rev.001
© 2013 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
Figure 9. Waveform of No-load Startup
Figure 10. Waveform of High-load Startup
(3) VCC pin protection function
This IC includes a VCC pin under voltage protection function VCC UVLO (Under Voltage Protection) and overvoltage
protection function VCC OVP (Over Voltage Protection).
The VCC UVLO function and VCC OVP function prevent damage to the switching MOSFET that can occur when the VCC
voltage drops or becomes excessive.
(3-1) VCC UVLO and VCC OVP functions
VCC UVLO is an auto recovery type comparator with voltage hysteresis. For VCC OVP, the BM1P065FJ has an auto
recovery type comparator.
After VCCOVP operation detects, switching operation re-start when VCC<VOVP2 (typ=23.5V).
The operation is shown in Figure 11.
A mask time T
LATCH (typ = 100 us) is built in for VCC OVP to prevent miss-detection. The detection is performed when the
VCC pin (pin 6) voltage continues to exceed V
OVP
1 (typ = 27.5 V) for TLATCH (typ = 100 us).
This function masks surges or the like that occur at the pin. (See section (7) below.)
VCCuvlo1=13.5Vtyp
OFF
ON
OFF
ON
Vovp1=27.5Vtyp
VCCuvlo2= 8.2Vtyp
ON
OFF
ON
OFF
ON
OFF
A
BC
D E
F
OFF
G HI
J
K
L
M
Vovp2= 23.5Vtyp
N
O
ON
ON
ON
P
Figure 11. VCC UVLO / OVP Time Chart
VCC voltage
VH voltage
Secondary
output
VCC voltage
VH voltage
Secondary
output
Within 64ms
Within 64ms


Similar Part No. - BM1P102FJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BM1P102FJ-E2 ROHM-BM1P102FJ-E2 Datasheet
1Mb / 21P
   PWM Control type DC/DC converter IC
BM1P102FJ-E2 ROHM-BM1P102FJ-E2 Datasheet
1Mb / 23P
   PWM Control type DC/DC converter IC
BM1P102FJ-E2 ROHM-BM1P102FJ-E2 Datasheet
1Mb / 31P
   PWM Control IC
BM1P102FJ-E2 ROHM-BM1P102FJ-E2 Datasheet
1Mb / 30P
   PWM Control IC
BM1P102FJ-E2 ROHM-BM1P102FJ-E2 Datasheet
1Mb / 30P
   PWM Control IC
More results

Similar Description - BM1P102FJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BM1P068FJ ROHM-BM1P068FJ Datasheet
1Mb / 30P
   PWM Control IC
BM1P107FJ ROHM-BM1P107FJ Datasheet
1Mb / 30P
   PWM Control IC
BM1P067FJ ROHM-BM1P067FJ Datasheet
1Mb / 30P
   PWM Control IC
BM1P066FJ ROHM-BM1P066FJ Datasheet
1Mb / 31P
   PWM Control IC
BM1P105FJ ROHM-BM1P105FJ Datasheet
1Mb / 31P
   PWM Control IC
logo
Renesas Technology Corp
HA16158P RENESAS-HA16158P Datasheet
248Kb / 23P
   PFC & PWM Control IC
HA16158P RENESAS-HA16158P_07 Datasheet
227Kb / 24P
   PFC & PWM Control IC
logo
Micrel Semiconductor
MIC2186 MICREL-MIC2186_05 Datasheet
189Kb / 15P
   Low Voltage PWM Control IC
MIC2186 MICREL-MIC2186 Datasheet
162Kb / 16P
   Low Voltage PWM Control IC
MIC2168A MICREL-MIC2168A_15 Datasheet
884Kb / 18P
   1MHz PWM Synchronous Buck-Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com