Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM2P011 Datasheet(PDF) 5 Page - Rohm

Part # BM2P011
Description  PWM type DC/DC converter IC Included 650V MOSFET
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM2P011 Datasheet(HTML) 5 Page - Rohm

  BM2P011 Datasheet HTML 1Page - Rohm BM2P011 Datasheet HTML 2Page - Rohm BM2P011 Datasheet HTML 3Page - Rohm BM2P011 Datasheet HTML 4Page - Rohm BM2P011 Datasheet HTML 5Page - Rohm BM2P011 Datasheet HTML 6Page - Rohm BM2P011 Datasheet HTML 7Page - Rohm BM2P011 Datasheet HTML 8Page - Rohm BM2P011 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5/19
Datasheet
Datasheet
BM2PXX1 Series
TSZ02201-0F2F0A200010-1-2
24.Sep.2015.Rev.005
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
●Block Diagram
FeedBack
With
Isolation
AC
FUSE
+
-
Filter
Diode
Bridge
PWM Control
Leading Edge
Blanking
( typ =250ns)
VCC UVLO
13.5V/8.2V
DRIVER
S
Q
R
+
-
Current
Limiter
PWM
Comparator
+
-
+
+
-
Burst
Comparator
Slope
Compensation
+
-
30k
+
-
OLP
Internal Block
+
-
VCC OVP
27.5V
4.0V
.
Soft Start
AC Input
Compensation
OSC
(65kHz)
Frequency
Hopping
100us
Filter
5
4
64ms
Timer
MAX
DUTY
3
1
12 V Clamp
Circuit
4.0V
Line Reg
7
1M
Starter
10uA
6
+
-
100us
Filter
2.0V/2.1V
+
-
256ms
Timer
0.50V/0.35V
2
Figure 3. Block Diagram
BR


Similar Part No. - BM2P011

ManufacturerPart #DatasheetDescription
logo
Rohm
BM2P012 ROHM-BM2P012 Datasheet
1Mb / 23P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P013 ROHM-BM2P013 Datasheet
1,011Kb / 22P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P014 ROHM-BM2P014 Datasheet
954Kb / 19P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P014 ROHM-BM2P014 Datasheet
1Mb / 22P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P014-E ROHM-BM2P014-E Datasheet
954Kb / 19P
   PWM type DC/DC converter IC Included 650V MOSFET
More results

Similar Description - BM2P011

ManufacturerPart #DatasheetDescription
logo
Rohm
BM2P0391 ROHM-BM2P0391 Datasheet
1Mb / 22P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P014-E ROHM-BM2P014-E Datasheet
954Kb / 19P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P013 ROHM-BM2P013 Datasheet
1,011Kb / 22P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P053F ROHM-BM2P053F_17 Datasheet
1Mb / 23P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P014 ROHM-BM2P014 Datasheet
1Mb / 22P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P054F ROHM-BM2P054F_17 Datasheet
1Mb / 23P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P012 ROHM-BM2P012 Datasheet
1Mb / 23P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P039 ROHM-BM2P039 Datasheet
1Mb / 22P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P051F ROHM-BM2P051F Datasheet
1Mb / 24P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P074KF-G ROHM-BM2P074KF-G Datasheet
1Mb / 23P
   PWM type DC/DC converter IC Included 800V MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com