Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM2P092 Datasheet(PDF) 2 Page - Rohm

Part # BM2P092
Description  PWM type DC/DC converter IC Included 650V MOSFET
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM2P092 Datasheet(HTML) 2 Page - Rohm

  BM2P092 Datasheet HTML 1Page - Rohm BM2P092 Datasheet HTML 2Page - Rohm BM2P092 Datasheet HTML 3Page - Rohm BM2P092 Datasheet HTML 4Page - Rohm BM2P092 Datasheet HTML 5Page - Rohm BM2P092 Datasheet HTML 6Page - Rohm BM2P092 Datasheet HTML 7Page - Rohm BM2P092 Datasheet HTML 8Page - Rohm BM2P092 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
2/19
Datasheet
Datasheet
BM2PXX2
TSZ02201-0F2F0A200030-1-2
24. Sep.2015.Rev.005
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
●Absolute Maximum Ratings(Ta=25
C)
Parameter
Symbol
Rating
Unit
Conditions
Maximum applied voltage 1
Vmax1
-0.3~30
V
VCC
Maximum applied voltage 2
Vmax2
-0.3~6.5
V
SOURCE, FB, BR
Maximum applied voltage 3
Vmax3
650
V
DRAIN
Drain current pulse
I
DP
10.40
A
PW=10us, Duty cycle=1%
(BM2P012)
Drain current pulse
I
DP
5.20
A
PW=10us, Duty cycle=1%
(BM2P032)
Drain current pulse
I
DP
2.60
A
PW=10us, Duty cycle=1%
(BM2P052)
Drain current pulse
I
DP
1.30
A
PW=10us, Duty cycle=1%
(BM2P092)
Allowable dissipation
Pd
2000
mW
Operating
temperature range
Topr
-40 ~ +105
oC
Maximum Junction
Temperature
TJMAX
150
oC
Storage
temperature range
Tstr
-55 ~ +150
oC
(Note1) DIP7 : When mounted (on 74.2 mm × 74.2 mm,×1.6 mm thick, glass epoxy on double-layer substrate).
Reduce to 16 mW/
C when Ta = 25C or above.
●Operating Conditions(Ta=25
C)
Parameter
Symbol
Rating
Unit
Conditions
Power supply voltage range 1
V
CC
8.9~26.0
V
VCC pin voltage
Power supply voltage range 2
V
DRAIN
650
V
DRAIN pin voltage
●Electrical Characteristics of MOSFET part (Unless otherwise noted, Ta = 25
C, VCC = 15 V)
Parameter
Symbol
Specifications
Unit
Conditions
Minimum
Standard
Maximum
[MOSFET Block]
Between drain and
source voltage
V
(BR)DDS
650
-
-
V
I
D=1mA / VGS=0V
Drain leak current
I
DSS
-
-
100
uA
V
DS=650V / VGS=0V
On resistance
R
DS(ON)
-
1.4
2.0
I
D=0.25A / VGS=10V
(BM2P012)
On resistance
R
DS(ON)
-
2.4
3.6
I
D=0.25A / VGS=10V
(BM2P032)
On resistance
R
DS(ON)
-
4.0
5.5
I
D=0.25A / VGS=10V
(BM2P052)
On resistance
R
DS(ON)
-
8.5
12.0
I
D=0.25A / VGS=10V
(BM2P092)


Similar Part No. - BM2P092

ManufacturerPart #DatasheetDescription
logo
Rohm
BM2P092F ROHM-BM2P092F Datasheet
1Mb / 24P
   PWM type DC/DC converter IC
BM2P092F-GE2 ROHM-BM2P092F-GE2 Datasheet
1Mb / 24P
   PWM type DC/DC converter IC
More results

Similar Description - BM2P092

ManufacturerPart #DatasheetDescription
logo
Rohm
BM2P0391 ROHM-BM2P0391 Datasheet
1Mb / 22P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P014-E ROHM-BM2P014-E Datasheet
954Kb / 19P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P013 ROHM-BM2P013 Datasheet
1,011Kb / 22P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P053F ROHM-BM2P053F_17 Datasheet
1Mb / 23P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P014 ROHM-BM2P014 Datasheet
1Mb / 22P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P054F ROHM-BM2P054F_17 Datasheet
1Mb / 23P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P011 ROHM-BM2P011 Datasheet
1Mb / 23P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P039 ROHM-BM2P039 Datasheet
1Mb / 22P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P051F ROHM-BM2P051F Datasheet
1Mb / 24P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P074KF-G ROHM-BM2P074KF-G Datasheet
1Mb / 23P
   PWM type DC/DC converter IC Included 800V MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com