Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM1P107FJ-E2 Datasheet(PDF) 7 Page - Rohm

Part # BM1P107FJ-E2
Description  PWM Control IC
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM1P107FJ-E2 Datasheet(HTML) 7 Page - Rohm

Back Button BM1P107FJ-E2 Datasheet HTML 3Page - Rohm BM1P107FJ-E2 Datasheet HTML 4Page - Rohm BM1P107FJ-E2 Datasheet HTML 5Page - Rohm BM1P107FJ-E2 Datasheet HTML 6Page - Rohm BM1P107FJ-E2 Datasheet HTML 7Page - Rohm BM1P107FJ-E2 Datasheet HTML 8Page - Rohm BM1P107FJ-E2 Datasheet HTML 9Page - Rohm BM1P107FJ-E2 Datasheet HTML 10Page - Rohm BM1P107FJ-E2 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
7/27
Datasheet
Datasheet
BM1P105FJ
TSZ02201-0F2F0A200170-1-2
2.Oct.2013.Rev.001
© 2013 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
The operating waveform at startup is shown in Figure 7.
Secondary
output
Switing
VH
Voltage
VCC(5pin)
VH input
current
A
B
C
VUVLO1
ISTART1
ISTART3
ISTART2
Set voltage
VSC
D
Figure 7. Operating Waveform at Startup
A: VH voltage is applied when plugged into the outlet. At that time, charging starts from the VH pin via the start circuit to
the VCC pin.
At that time, VCC < VSC (typ = 0.8 V), so the VH input current is limited to ISTART1 by the VCC pin short protection
function.
B: Since VCC voltage > VSC (typ = 0.8 V), VCC short protection is cancelled and current flow is from the VH input current.
C: Since VCC voltage > VUVLO1 (typ = 13.5 V), the start circuit is stopped and the VH input current flow is only ISTART3
(typ = 10 uA).
When switching starts, secondary output begins to increase, but since secondary output is low, the VCC pin voltage is
reduced. The drop rate of VCC is determined by the consumption current between the VCC pin capacitor and the IC
and by the load current connected to the VCC pin. (V/t = Cvcc/Icc)
D: Since secondary output has risen to a constant voltage, voltage is applied from the auxiliary winding to the VCC pin,
and VCC voltage is stabilized.


Similar Part No. - BM1P107FJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BM1P107FJ-E2 ROHM-BM1P107FJ-E2 Datasheet
1Mb / 31P
   PWM Control IC
BM1P107FJ-E2 ROHM-BM1P107FJ-E2 Datasheet
1Mb / 31P
   PWM Control IC
BM1P107FJ-E2 ROHM-BM1P107FJ-E2 Datasheet
1Mb / 30P
   PWM Control IC
BM1P107FJ-E2 ROHM-BM1P107FJ-E2 Datasheet
1Mb / 30P
   PWM Control IC
BM1P107FJ-E2 ROHM-BM1P107FJ-E2 Datasheet
1Mb / 30P
   PWM Control IC
More results

Similar Description - BM1P107FJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BM1P068FJ ROHM-BM1P068FJ Datasheet
1Mb / 30P
   PWM Control IC
BM1P107FJ ROHM-BM1P107FJ Datasheet
1Mb / 30P
   PWM Control IC
BM1P067FJ ROHM-BM1P067FJ Datasheet
1Mb / 30P
   PWM Control IC
BM1P065FJ ROHM-BM1P065FJ Datasheet
1Mb / 31P
   PWM Control IC
BM1P066FJ ROHM-BM1P066FJ Datasheet
1Mb / 31P
   PWM Control IC
logo
Renesas Technology Corp
HA16158P RENESAS-HA16158P Datasheet
248Kb / 23P
   PFC & PWM Control IC
HA16158P RENESAS-HA16158P_07 Datasheet
227Kb / 24P
   PFC & PWM Control IC
logo
Micrel Semiconductor
MIC2186 MICREL-MIC2186_05 Datasheet
189Kb / 15P
   Low Voltage PWM Control IC
MIC2186 MICREL-MIC2186 Datasheet
162Kb / 16P
   Low Voltage PWM Control IC
MIC2168A MICREL-MIC2168A_15 Datasheet
884Kb / 18P
   1MHz PWM Synchronous Buck-Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com