Electronic Components Datasheet Search |
|
BM1R00008-E2 Datasheet(PDF) 9 Page - Rohm |
|
BM1R00008-E2 Datasheet(HTML) 9 Page - Rohm |
9 / 26 page 8/22 TSZ02201-0F4F0A2BM1R0-1-2 © 2016 ROHM Co., Ltd. All rights reserved. 20. Apr. 2016 Rev.002 www.rohm.com TSZ22111 • 15 • 001 BM1R00xxxF Electrical Characteristics (Unless otherwise specified VSH_OUT=20V Ta=25°C) Parameter Symbol Spec Unit Conditions MIN TYP MAX Shunt Regulator BLOCK (Other Chip) Reference Voltage VSHREF 0.796 0.800 0.804 V VSH_OUT=5V SH_OUT Sink Current=100µA Reference Voltage Changing Ratio by Temperature ∆VSHEMP - -4 - mV VSH_OUT=5V SH_OUT Sink Current=100µA Temperature=25°C to 105°C SH_OUT Coefficient of the Reference Voltage1 ∆VSHREF1 - 1 - mV VSH_OUT=2.7V to 5V SH_OUT Sink Current=100µA SH_OUT Coefficient of the Reference Voltage2 ∆VSHREF2 - 2 - mV VSH_OUT=5V to 20V SH_OUT Sink Current=100µA Reference Input Current ISH_IN -0.2 0.0 0.2 μA VSH_IN=2V Dynamic Impedance1 ZSH_OUT1 - 0.3 - Ω SH_OUT Sink Current =100µA to 300µA (VSH_OUT=2.7V) Dynamic Impedance2 ZSH_OUT2 - 0.2 - Ω SH_OUT Sink Current =100µA to 300µA (VSH_OUT=20V) SH_OUT Current at SH_IN=Low ISH_OUT 20 40 75 μA VSH_IN=0V, VSH_OUT=20V SH_OUT Sink Current ISH_OUT_MIN 1 - - mA VSH_IN=0.85V, VSH_OUT=2.7V SH_IN OVP Detection Voltage1 VSHI_OVP1 0.90 1.00 1.10 V VSH_IN= Sweep Up SH_IN OVP Detection Voltage2 VSHI_OVP2 0.85 0.95 1.05 V VSH_IN= Sweep Down SH_OUT OVP Detection Voltage VSHO_OVP1 32.5 35 37.5 V VSH_OUT Sweep Up SH_OUT OVP Detection Voltage2 VSHO_OVP2 31.5 34 36.5 V VSH_OUT Sweep Down LATCH Timer tLATCH2 100 200 300 μs SH_OUT Sink Current at LATCH Mode ILATCH_SH_IN_OVP 1.3 2.5 5 mA VSH_OUT=5V, VSH_IN=0V |
Similar Part No. - BM1R00008-E2 |
|
Similar Description - BM1R00008-E2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |