Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM2P161W Datasheet(PDF) 1 Page - Rohm

Part # BM2P161W
Description  PWM type DC/DC converter IC Integrated Switching MOSFET for non-Isolated type
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM2P161W Datasheet(HTML) 1 Page - Rohm

  BM2P161W Datasheet HTML 1Page - Rohm BM2P161W Datasheet HTML 2Page - Rohm BM2P161W Datasheet HTML 3Page - Rohm BM2P161W Datasheet HTML 4Page - Rohm BM2P161W Datasheet HTML 5Page - Rohm BM2P161W Datasheet HTML 6Page - Rohm BM2P161W Datasheet HTML 7Page - Rohm BM2P161W Datasheet HTML 8Page - Rohm BM2P161W Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Datasheet
Product structure : Silicon monolithic integrated circuit ○This product has no designed protection against radioactive rays
.
1/19
TSZ02201-0F1F0A200220-1-1
11.July.2016.Rev.001
© 2016 ROHM Co., Ltd. All rights reserved.
TSZ22111・14・001
www.rohm.com
AC/DC Convertor IC
PWM type DC/DC converter IC
Integrated Switching MOSFET for non-Isolated type
BM2P161W/BM2P163W
General
The PWM type DC/DC converter series for AC/DC
provides an optimum system for all products that
include an electrical outlet. It enables simpler design of
a high effective converter specializing in non-isolated
devices.
This series has a built-in HV starter circuit that
tolerates 650V, and it contributes to low power
consumption. With a current detection resistor as
internal device, it can be designed as small power
supply. Since current mode control is utilized, current
is restricted in each cycle and excellent performance is
demonstrated in bandwidth and transient response.
The switching frequency is fixed to 65 kHz. At light
load, the switching frequency is reduced and high
efficiency is achieved. A frequency hopping function is
also on chip, and it contributes to low EMI. In addition,
a built-in super junction MOSFET which tolerates 650V
makes the design easy.
Features
PWM frequency: 65kHz
PWM current mode method
Frequency hopping function
Burst operation at light load
Frequency reduction function
Built-in 650V start circuit
Built-in 650V switching MOSFET
VCC pin under voltage protection
VCC pin over voltage protection
Over current limiter function per cycle
Soft start function
Basic Specification
Power Supply Voltage Operation Range:
VCC:
8.00V to 18.16V
DRAIN:
to 650V
Normal Operation Current
BM2P161W
1.50mA (Typ.)
BM2P163W
1.20mA (Typ.)
Burst Operation Current
0.35mA(Typ.)
Oscillation Frequency
65kHz(Typ.)
Operation Temperature Range
- 40
oC to +105 oC
MOSFET ON resistor:
BM2P161W
1.9Ω (Typ.)
BM2P163W
3.0Ω (Typ.)
Package
DIP7K: 9.20mm×6.35mm×4.30mm pitch 2.54mm
(Typ.)
(Typ.)
(Max.)
(Typ.)
Application
Households such as LED lights, air conditioners, and
cleaners, etc.).
Application circuit


Similar Part No. - BM2P161W

ManufacturerPart #DatasheetDescription
logo
Rohm
BM2P161W ROHM-BM2P161W Datasheet
381Kb / 10P
   Non-Isolation Buck Converter PWM method Output 10W 16.5V
BM2P161W-Z ROHM-BM2P161W-Z Datasheet
857Kb / 24P
   PWM type DC/DC converter IC Integrated Switching MOSFET for non-Isolated type
26.Oct.2021 Rev.005
BM2P161W-ZA ROHM-BM2P161W-ZA Datasheet
857Kb / 24P
   PWM type DC/DC converter IC Integrated Switching MOSFET for non-Isolated type
26.Oct.2021 Rev.005
BM2P161WVK-001 ROHM-BM2P161WVK-001 Datasheet
381Kb / 10P
   Non-Isolation Buck Converter PWM method Output 10W 16.5V
BM2P161W ROHM-BM2P161W_18 Datasheet
381Kb / 10P
   Non-Isolation Buck Converter PWM method Output 10W 16.5V
More results

Similar Description - BM2P161W

ManufacturerPart #DatasheetDescription
logo
Rohm
BM2P139TF ROHM-BM2P139TF Datasheet
1Mb / 24P
   PWM type DC/DC converter IC Integrated Switching MOSFET for non-Isolated type
BM2P161W-Z ROHM-BM2P161W-Z Datasheet
857Kb / 24P
   PWM type DC/DC converter IC Integrated Switching MOSFET for non-Isolated type
26.Oct.2021 Rev.005
BM2P249Q ROHM-BM2P249Q Datasheet
1Mb / 23P
   PWM type DC/DC converter IC Integrated Switching MOSFET for non-Isolated type
BM2P249Q-Z ROHM-BM2P249Q-Z Datasheet
1Mb / 23P
   PWM type DC/DC converter IC Integrated Switching MOSFET for non-Isolated type
25.Mar.2019 Rev.003
BM2P159PF ROHM-BM2P159PF Datasheet
1Mb / 24P
   PWM type DC/DC converter IC Integrated Switching MOSFET for non-Isolated type
BM2P129TF ROHM-BM2P129TF Datasheet
1Mb / 24P
   PWM type DC/DC converter IC Integrated Switching MOSFET for non-Isolated type
BM2P134QF ROHM-BM2P134QF Datasheet
1Mb / 27P
   PWM Type DC/DC Converter IC Built-in Switching MOSFET for Non-Isolated Type
BM2P189TF ROHM-BM2P189TF Datasheet
1Mb / 27P
   PWM Type DC/DC Converter IC Built-in Switching MOSFET for Non-Isolated Type
BM2P134Q ROHM-BM2P134Q Datasheet
1Mb / 27P
   PWM Type DC/DC Converter IC Built-in Switching MOSFET for Non-Isolated Type
BM2P121XH-Z ROHM-BM2P121XH-Z Datasheet
1Mb / 30P
   Non-isolated Type PWM DC/DC Converter IC Built-in Switching MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com