Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM2P094F-GE2 Datasheet(PDF) 11 Page - Rohm

Part # BM2P094F-GE2
Description  PWM type DC/DC converter IC
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM2P094F-GE2 Datasheet(HTML) 11 Page - Rohm

Back Button BM2P094F-GE2 Datasheet HTML 7Page - Rohm BM2P094F-GE2 Datasheet HTML 8Page - Rohm BM2P094F-GE2 Datasheet HTML 9Page - Rohm BM2P094F-GE2 Datasheet HTML 10Page - Rohm BM2P094F-GE2 Datasheet HTML 11Page - Rohm BM2P094F-GE2 Datasheet HTML 12Page - Rohm BM2P094F-GE2 Datasheet HTML 13Page - Rohm BM2P094F-GE2 Datasheet HTML 14Page - Rohm BM2P094F-GE2 Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
11/19
Datasheet
Datasheet
BM2PXX4F Series
TSZ02201-0F2F0A200080-1-2
24. Sep.2015.Rev.008
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
(5) Over Current limiter
BM2PXX4F is built in Over Current limiter per cycle. If the SOURCE pin exceeds a certain voltage, switching is stopped.
It is also built in AC voltage compensation function. This is the function which compensates the maximum power as the AC
voltage’s change by increasing over current limiter with time.
Shown in figure-12, 13, and 14.
Figure 12. No AC voltage compensation function
Figure13. built-in AC compensation voltage
Primary peak current is decided as the formula below.
Primary peak current:
Ipeak = Vcs/Rs + Vdc/Lp*Tdelay
Vcs:Over current limiter voltage internal IC, Rs:Current detection resistance, Vdc input DC voltage, Lp:Primary inductance,
Tdelay:delay time after detection of over current limiter
Figure 14. Over current limiter voltage
6)L.E.B period
When the driver MOSFET is turned ON, surge current occurs at each capacitor component and drive current.
Therefore, because SOURCE pin voltage rises temporarily, the detection errors may occur in the over current limiter circuit.
To prevent detection errors, DRAIN is switched from high to low and the SOURCE signal is masked for 250 ns by the
on-chip LEB (Leading Edge Blanking) function.


Similar Part No. - BM2P094F-GE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BM2P094F ROHM-BM2P094F Datasheet
1Mb / 23P
   PWM type DC/DC converter IC Included 650V MOSFET
More results

Similar Description - BM2P094F-GE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BM2P052F ROHM-BM2P052F Datasheet
1Mb / 24P
   PWM type DC/DC converter IC
BM2P053F ROHM-BM2P053F Datasheet
1Mb / 23P
   PWM type DC/DC converter IC
BM1P061FJ-E ROHM-BM1P061FJ-E Datasheet
1Mb / 21P
   PWM Control type DC/DC converter IC
BM1P061FJ ROHM-BM1P061FJ_15 Datasheet
1Mb / 23P
   PWM Control type DC/DC converter IC
logo
New Japan Radio
NJM2374A NJRC-NJM2374A Datasheet
90Kb / 8P
   PWM DC/DC CONVERTER IC
NJM2392 NJRC-NJM2392 Datasheet
150Kb / 9P
   PWM DC/DC Converter IC
logo
Rohm
BM2P074KF-G ROHM-BM2P074KF-G Datasheet
1Mb / 23P
   PWM type DC/DC converter IC Included 800V MOSFET
BM2P063HK-LBZ ROHM-BM2P063HK-LBZ Datasheet
1Mb / 23P
   PWM Type DC/DC Converter IC Integrated Switching MOSFET
BM2P014-E ROHM-BM2P014-E Datasheet
954Kb / 19P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P013 ROHM-BM2P013 Datasheet
1,011Kb / 22P
   PWM type DC/DC converter IC Included 650V MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com