Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM2P0391-Z Datasheet(PDF) 2 Page - Rohm

Part # BM2P0391-Z
Description  PWM type DC/DC converter IC Included 650V MOSFET
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM2P0391-Z Datasheet(HTML) 2 Page - Rohm

  BM2P0391-Z Datasheet HTML 1Page - Rohm BM2P0391-Z Datasheet HTML 2Page - Rohm BM2P0391-Z Datasheet HTML 3Page - Rohm BM2P0391-Z Datasheet HTML 4Page - Rohm BM2P0391-Z Datasheet HTML 5Page - Rohm BM2P0391-Z Datasheet HTML 6Page - Rohm BM2P0391-Z Datasheet HTML 7Page - Rohm BM2P0391-Z Datasheet HTML 8Page - Rohm BM2P0391-Z Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2/18
Datasheet
Datasheet
BM2P0391
TSZ02201-0F1F0A200150-1-2
12.JULY.2016.Rev.001
© 2016 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
●Absolute Maximum Ratings (Ta=25
C)
Parameter
Symbol
Rating
Unit
Conditions
Maximum applied voltage 1
Vmax1
-0.3 to 30
V
VCC
Maximum applied voltage 2
Vmax2
-0.3 to 6.5
V
SOURCE, FB, BR
Maximum applied voltage 3
Vmax3
650
V
DRAIN
Drain current pulse
IDP
5.20
A
PW=10usec, Duty cycle=1%
Allowable dissipation
Pd
2.00
W
Operating temperature range
Topr
-40 to +105
oC
Maximum junction temperature
Tjmax
150
oC
Storage temperature range
Tstr
-55 to +150
oC
(Note) DIP7 : When mounted (on 74.2 mm × 74.2 mm,×1.6 mm thick, glass epoxy on double-layer substrate).
Reduce to 16 mW/
C when Ta = 25C or above.
●Operating Conditions (Ta=25
C)
Parameter
Symbol
Rating
Unit
Conditions
Power supply voltage range 1
VCC
8.9 to 26.0
V
VCC pin voltage
Power supply voltage range 2
VDRAIN
to 650
V
DRAIN pin voltage
●Electrical Characteristics of MOSFET part (Unless otherwise noted, Ta=25
C, VCC=15V)
Parameter
Symbol
Specifications
Unit
Conditions
Minimum
Standard
Maximum
[MOSFET Block ]
Between drain and source
Voltage
V(BR)DDS
650
-
-
V
ID=1mA / VGS=0V
Drain leak current
IDSS
-
-
100
μA
VDS=650V / VGS=0V
On resistance
RDS(ON)
-
2.4
3.6
ID=0.25A / VGS=10V
Avalanche Energy
EAS
400
μJ
Design assurance
Avalanche Energy circuit
EAS
: Avalanche Energy
IAS
: Avalanche Current
V(BR)DSS
: Drain - Source breakdown voltage
VGS
: Gate - Source voltage
VDS
: Drain - Source voltage
VDD
: Power supply voltage
L
: Coil
RG
: Gate resistance


Similar Part No. - BM2P0391-Z

ManufacturerPart #DatasheetDescription
logo
Rohm
BM2P039 ROHM-BM2P039 Datasheet
1Mb / 22P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P039-Z ROHM-BM2P039-Z Datasheet
1Mb / 22P
   PWM type DC/DC converter IC Included 650V MOSFET
More results

Similar Description - BM2P0391-Z

ManufacturerPart #DatasheetDescription
logo
Rohm
BM2P014-E ROHM-BM2P014-E Datasheet
954Kb / 19P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P013 ROHM-BM2P013 Datasheet
1,011Kb / 22P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P053F ROHM-BM2P053F_17 Datasheet
1Mb / 23P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P014 ROHM-BM2P014 Datasheet
1Mb / 22P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P054F ROHM-BM2P054F_17 Datasheet
1Mb / 23P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P011 ROHM-BM2P011 Datasheet
1Mb / 23P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P012 ROHM-BM2P012 Datasheet
1Mb / 23P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P039 ROHM-BM2P039 Datasheet
1Mb / 22P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P051F ROHM-BM2P051F Datasheet
1Mb / 24P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P074KF-G ROHM-BM2P074KF-G Datasheet
1Mb / 23P
   PWM type DC/DC converter IC Included 800V MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com