Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM2P0391-Z Datasheet(PDF) 8 Page - Rohm

Part # BM2P0391-Z
Description  PWM type DC/DC converter IC Included 650V MOSFET
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM2P0391-Z Datasheet(HTML) 8 Page - Rohm

Back Button BM2P0391-Z Datasheet HTML 4Page - Rohm BM2P0391-Z Datasheet HTML 5Page - Rohm BM2P0391-Z Datasheet HTML 6Page - Rohm BM2P0391-Z Datasheet HTML 7Page - Rohm BM2P0391-Z Datasheet HTML 8Page - Rohm BM2P0391-Z Datasheet HTML 9Page - Rohm BM2P0391-Z Datasheet HTML 10Page - Rohm BM2P0391-Z Datasheet HTML 11Page - Rohm BM2P0391-Z Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
8/18
Datasheet
Datasheet
BM2P0391
TSZ02201-0F1F0A200150-1-2
12.JULY.2016.Rev.001
© 2016 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
( 3 ) VCC pin protection function
BM2P0391 built in VCC low voltage protection function VCCUVLO (Under Voltage Lock Out), over voltage protection
function VCC OVP (Over Voltage Protection) and VCC charge function that operates in case of dropping the VCC
voltage. VCC UVLO and VCC OVP monitor VCC pin and prevent VCC pin from destroying switching MOSFET at
abnormal voltage.
VCC charge function stabilizes the secondary output voltage by charging from the high voltage line by start circuit at
dropping the VCC voltage.
( 3-1 ) VCC UVLO / VCC OVP function
VCC UVLO and VCC OVP are auto recovery protections. And they have voltage hysteresis. Refer to the operation
Figure 8. Switching is stopped by the VCCOVP function when VCC pin voltage > Vovp1 (Typ=27.5V), and switching is
restart when VCC pin voltage < Vovp2 (Typ=23.5V)
Figure 8. VCC UVLO / OVP Timing Chart
A: When voltage is applied to the DRAIN pin, VCC pin voltage starts rising.
B: When the VCC pin is more than VUVLO, the VCC UVLO function is released and DC/DC operation starts
C: When the VCC pin is less than VCHG1, VCC charge function operates and the VCC voltage rises.
D: When the VCC pin is more than VCHG2, VCC charge function is stopped.
E: The condition the VCC pin is more than VOVP1 continues for TLATCH (Typ=100usec), the switching operation is
stopped by the VCCOVP function.
F: When the VCC pin less than VOVP2, the switching operation restarts.
G: The high voltage line VH drops.
H: Same as C.
I: Same as D.
J: When the VCC pin is less than VUVLO2, the switching operation is stopped by the VCC UVLO function.


Similar Part No. - BM2P0391-Z

ManufacturerPart #DatasheetDescription
logo
Rohm
BM2P039 ROHM-BM2P039 Datasheet
1Mb / 22P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P039-Z ROHM-BM2P039-Z Datasheet
1Mb / 22P
   PWM type DC/DC converter IC Included 650V MOSFET
More results

Similar Description - BM2P0391-Z

ManufacturerPart #DatasheetDescription
logo
Rohm
BM2P014-E ROHM-BM2P014-E Datasheet
954Kb / 19P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P013 ROHM-BM2P013 Datasheet
1,011Kb / 22P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P053F ROHM-BM2P053F_17 Datasheet
1Mb / 23P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P014 ROHM-BM2P014 Datasheet
1Mb / 22P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P054F ROHM-BM2P054F_17 Datasheet
1Mb / 23P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P011 ROHM-BM2P011 Datasheet
1Mb / 23P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P012 ROHM-BM2P012 Datasheet
1Mb / 23P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P039 ROHM-BM2P039 Datasheet
1Mb / 22P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P051F ROHM-BM2P051F Datasheet
1Mb / 24P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P074KF-G ROHM-BM2P074KF-G Datasheet
1Mb / 23P
   PWM type DC/DC converter IC Included 800V MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com