Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM1R00019-E2 Datasheet(PDF) 7 Page - Rohm

Part # BM1R00019-E2
Description  High Efficiency and Low Standby Power CCM corresponding
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM1R00019-E2 Datasheet(HTML) 7 Page - Rohm

Back Button BM1R00019-E2 Datasheet HTML 3Page - Rohm BM1R00019-E2 Datasheet HTML 4Page - Rohm BM1R00019-E2 Datasheet HTML 5Page - Rohm BM1R00019-E2 Datasheet HTML 6Page - Rohm BM1R00019-E2 Datasheet HTML 7Page - Rohm BM1R00019-E2 Datasheet HTML 8Page - Rohm BM1R00019-E2 Datasheet HTML 9Page - Rohm BM1R00019-E2 Datasheet HTML 10Page - Rohm BM1R00019-E2 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
6/22
TSZ02201-0F4F0A2BM1R0-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
20. Apr. 2016 Rev.002
www.rohm.com
TSZ22111
• 15 • 001
BM1R00xxxF
Absolute Maximum Ratings (Ta = 25°C)
Parameter
Symbol
Rating
Unit
VCC Input Voltage
VMAX_VCC
-0.3 to +40
(Note 1)
V
MAX_TON Input Voltage
VMAX_MAX_TON
-0.3 to +40
(Note 1)
V
SH_IN Input Voltage
VMAX_SH_IN
-0.3 to +40
(Note 2)
V
SH_OUT Input Voltage
VMAX_SH_OUT
-0.3 to +40
(Note 2)
V
Gate Input Voltage
VMAX_GATE
-0.3 to 15.5
(Note 1)
V
Drain Input Voltage
VMAX_DRAIN
120
(Note 1)(Note 3)
V
Maximum Junction Temperature
Tjmax
+150
°C
Operating Temperature Range
Topr
-40 to +105
°C
Storage Temperature
Tstr
-55 to +150
°C
(Note 1) Reference SR_GND
(Note 2) Reference SH_GND
(Note 3) When a negative voltage is applied, current flows through the ESD protection device.
This current value is about 6mA or less and will require a current limiting resistor to the DRAIN terminal
Caution: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit
between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse in case the IC is operated over
the absolute maximum ratings.
Thermal Resistance
(Note 1)
Parameter
Symbol
Thermal Resistance (Typ)
Unit
1s
(Note 3)
2s2p
(Note 4)
SOP8
Junction to Ambient
θJA
197.4
109.8
°C/W
Junction to Top Characterization Parameter
(Note 2)
ΨJT
21
19
°C/W
(Note 1) Based on JESD51-2A(Still-Air)
(Note 2) The thermal characterization parameter to report the difference between junction temperature and the temperature at the top center of the outside
surface of the component package.
(Note 3) Using a PCB board based on JESD51-3.
(Note 4) Using a PCB board based on JESD51-7.
Layer Number of
Measurement Board
Material
Board Size
Single
FR-4
114.3mm x 76.2mm x 1.57mmt
Top
Copper Pattern
Thickness
Footprints and Traces
70µm
Layer Number of
Measurement Board
Material
Board Size
4 Layers
FR-4
114.3mm x 76.2mm x 1.6mmt
Top
2 Internal Layers
Bottom
Copper Pattern
Thickness
Copper Pattern
Thickness
Copper Pattern
Thickness
Footprints and Traces
70µm
74.2mm x 74.2mm
35µm
74.2mm x 74.2mm
70µm
Recommended Operating Conditions (Ta = 25°C)
Parameter
Symbol
Min
Typ
Max
Unit
Supply Voltage
VCC
2.7
20
32
V
MAX_TON Resistor Range
RMAX_TON
56
-
300
MAX_TON R1
R1
0.5
1
2
MAX_TON C1
C1
680
1000
2200
pF


Similar Part No. - BM1R00019-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BM1R00146F ROHM-BM1R00146F Datasheet
2Mb / 26P
   Secondary Side Synchronous Rectification Controller IC
BM1R00147F ROHM-BM1R00147F Datasheet
2Mb / 26P
   Secondary Side Synchronous Rectification Controller IC
BM1R00148F ROHM-BM1R00148F Datasheet
2Mb / 26P
   Secondary Side Synchronous Rectification Controller IC
BM1R00149F ROHM-BM1R00149F Datasheet
2Mb / 26P
   Secondary Side Synchronous Rectification Controller IC
BM1R00150F ROHM-BM1R00150F Datasheet
2Mb / 26P
   Secondary Side Synchronous Rectification Controller IC
More results

Similar Description - BM1R00019-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BM1R00178F ROHM-BM1R00178F Datasheet
1Mb / 26P
   High Efficiency, Low Standby Power and CCM Corresponding Secondary Side Synchronous Rectification Controller IC
logo
Unisonic Technologies
UUR3060L-T47-T UTC-UUR3060L-T47-T Datasheet
235Kb / 4P
   High efficiency and low power loss
logo
Micross Components
AS5C2568 MICROSS-AS5C2568 Datasheet
217Kb / 17P
   Low power standby
logo
ON Semiconductor
NCP1230AP100 ONSEMI-NCP1230AP100 Datasheet
233Kb / 21P
   Low-Standby Power High Performance PWM
February, 2011 ??Rev. 11
logo
Rohm
BD85506F ROHM-BD85506F Datasheet
2Mb / 37P
   High Efficiency / Low Standby Power 2-Channel Secondary Side Synchronous Rectification Control IC
logo
ON Semiconductor
NCP1230 ONSEMI-NCP1230_15 Datasheet
242Kb / 21P
   Low-Standby Power High Performance PWM Controller
May, 2015 ??Rev. 12
NCP1230 ONSEMI-NCP1230_08 Datasheet
199Kb / 21P
   Low-Standby Power High Performance PWM Controller
January, 2008 - Rev. 9
NCP1230 ONSEMI-NCP1230 Datasheet
233Kb / 21P
   Low-Standby Power High Performance PWM Controller
February, 2011 ??Rev. 11
logo
Hotchip Technology Co.,...
HT2269 HOTCHIP-HT2269 Datasheet
1Mb / 13P
   Extended Burst Mode Control For Improved Efficiency and Minimum Standby Power Design
logo
Fairchild Semiconductor
FAN6863WTY FAIRCHILD-FAN6863WTY Datasheet
1Mb / 16P
   Low Standby Power: Under 0.1W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com