Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM60014FV-C Datasheet(PDF) 17 Page - Rohm

Part # BM60014FV-C
Description  Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM60014FV-C Datasheet(HTML) 17 Page - Rohm

Back Button BM60014FV-C_15 Datasheet HTML 13Page - Rohm BM60014FV-C_15 Datasheet HTML 14Page - Rohm BM60014FV-C_15 Datasheet HTML 15Page - Rohm BM60014FV-C_15 Datasheet HTML 16Page - Rohm BM60014FV-C_15 Datasheet HTML 17Page - Rohm BM60014FV-C_15 Datasheet HTML 18Page - Rohm BM60014FV-C_15 Datasheet HTML 19Page - Rohm BM60014FV-C_15 Datasheet HTML 20Page - Rohm BM60014FV-C_15 Datasheet HTML 21Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
17/26
TSZ02201-0P5P0BH00010-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
25.Dec.2015 Rev.004
www.rohm.com
TSZ22111
• 15 • 001
BM60014FV-C
Typical Performance Curves
- continued
Figure 37. Output Low Voltage vs Input Side Supply Voltage
(IXFLT=5mA)
0.0
0.1
0.2
0.3
0.4
4.50
4.75
5.00
5.25
5.50
VCC1 [V]
Ta=-40°C
Ta=25°C
Ta=125°C


Similar Part No. - BM60014FV-C_15

ManufacturerPart #DatasheetDescription
logo
Rohm
BM60014FV-CE2 ROHM-BM60014FV-CE2 Datasheet
858Kb / 28P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
More results

Similar Description - BM60014FV-C_15

ManufacturerPart #DatasheetDescription
logo
Rohm
BM60052AFV-C ROHM-BM60052AFV-C Datasheet
3Mb / 41P
   Isolation Voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM60013FV-C ROHM-BM60013FV-C Datasheet
1,012Kb / 33P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM60054AFV-C ROHM-BM60054AFV-C Datasheet
3Mb / 42P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM6104FV-C ROHM-BM6104FV-C_15 Datasheet
2Mb / 39P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM60054FV-C ROHM-BM60054FV-C Datasheet
3Mb / 40P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM60056FV-C ROHM-BM60056FV-C Datasheet
4Mb / 48P
   1ch Gate Driver Providing Galvanic Isolation 2500Vrms Isolation Voltage
BM6105AFW-LBZ ROHM-BM6105AFW-LBZ Datasheet
2Mb / 31P
   Isolation Voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM6104FV-C ROHM-BM6104FV-C Datasheet
994Kb / 38P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM60014FV-C ROHM-BM60014FV-C Datasheet
858Kb / 28P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM6102FV-C ROHM-BM6102FV-C Datasheet
955Kb / 35P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM60051FV-C ROHM-BM60051FV-C_15 Datasheet
2Mb / 49P
   1ch Gate Driver Providing Galvanic Isolation 2500Vrms Isolation Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com