Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM60014FV-C Datasheet(PDF) 8 Page - Rohm

Part # BM60014FV-C
Description  Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM60014FV-C Datasheet(HTML) 8 Page - Rohm

Back Button BM60014FV-C_15 Datasheet HTML 4Page - Rohm BM60014FV-C_15 Datasheet HTML 5Page - Rohm BM60014FV-C_15 Datasheet HTML 6Page - Rohm BM60014FV-C_15 Datasheet HTML 7Page - Rohm BM60014FV-C_15 Datasheet HTML 8Page - Rohm BM60014FV-C_15 Datasheet HTML 9Page - Rohm BM60014FV-C_15 Datasheet HTML 10Page - Rohm BM60014FV-C_15 Datasheet HTML 11Page - Rohm BM60014FV-C_15 Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
8/26
TSZ02201-0P5P0BH00010-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
25.Dec.2015 Rev.004
www.rohm.com
TSZ22111
• 15 • 001
BM60014FV-C
Electrical Characteristics
(Unless otherwise specified Ta=-40°C to 125°C, V CC1=4.5V to 5.5V, VCC2=10V to 24V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
General
Input side circuit current 1
ICC11
0.06
0.14
0.22
mA
Input side circuit current 2
ICC12
0.10
0.20
0.30
mA
INA =10kHz, Duty=50%
Input side circuit current 3
ICC13
0.15
0.30
0.45
mA
INA =20kHz, Duty=50%
Output side circuit current 1
ICC21
0.26
0.44
0.62
mA
OUT=L
Output side circuit current 2
ICC22
0.22
0.38
0.57
mA
OUT=H
Logic block
Logic high level input voltage
VINH
2.0
-
VCC1
V
INA, INB
Logic low level input voltage
VINL
0
-
0.8
V
INA, INB
Logic pull-down resistance
RIND
25
50
100
k
Ω
INA, INB
Logic input minimum pulse width
tINMIN
-
-
70
ns
INA, INB
Output
OUT ON resistance (Source)
RONH
0.4
0.9
2.0
Ω
IOUT=-40mA
OUT ON resistance (Sink)
RONL
0.2
0.6
1.3
Ω
IOUT=40mA
OUT maximum current (Source)
IOUTMAXH
3.0
4.5
-
A
VCC2=15V,
Guaranteed by design
OUT maximum current (Sink)
IOUTMAXL
3.0
3.9
-
A
VCC2=15V,
Guaranteed by design
Turn ON time
tPONA
70
90
120
ns
INA=PWM, INB=L
tPONB
65
85
115
ns
INA=H, INB=PWM
Turn OFF time
tPOFFA
70
90
120
ns
INA=PWM, INB=L
tPOFFB
75
95
125
ns
INA=H, INB=PWM
Propagation distortion
tPDISTA
-25
0
25
ns
tPOFFA
– tPONA
tPDISTB
-15
10
35
ns
tPOFFB
– tPONB
Rise time
tRISE
-
50
-
ns
10nF between OUT-GND2
Fall time
tFALL
-
50
-
ns
10nF between OUT-GND2
MC ON resistance
RONMC
0.20
0.65
1.40
Ω
IMC=40mA
MC ON threshold voltage
VMCON
1.8
2
2.2
V
Common Mode Transient Immunity
CM
100
-
-
kV/µs
Guaranteed by design
Protection functions
VCC1 UVLO OFF voltage
VUVLO1H
3.35
3.50
3.65
V
VCC1 UVLO ON voltage
VUVLO1L
3.25
3.40
3.55
V
VCC1 UVLO mask time
tUVLO1MSK
1.0
2.5
5.0
µs
VCC2 UVLO OFF voltage
VUVLO2H
9.0
9.5
10.0
V
VCC2 UVLO ON voltage
VUVLO2L
8.0
8.5
9.0
V
VCC2 UVLO mask time
tUVLO2MSK
1.00
2.85
5.00
µs
XFLT output L voltage
VXFLT
-
0.10
0.25
V
IXFLT=5mA
INA
OUT
tRISE
tFALL
tPONA
tPOFFA
50%
50%
90%
50%
50%
90%
10%
10%
Figure 8. IN-OUT Timing Chart


Similar Part No. - BM60014FV-C_15

ManufacturerPart #DatasheetDescription
logo
Rohm
BM60014FV-CE2 ROHM-BM60014FV-CE2 Datasheet
858Kb / 28P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
More results

Similar Description - BM60014FV-C_15

ManufacturerPart #DatasheetDescription
logo
Rohm
BM60052AFV-C ROHM-BM60052AFV-C Datasheet
3Mb / 41P
   Isolation Voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM60013FV-C ROHM-BM60013FV-C Datasheet
1,012Kb / 33P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM60054AFV-C ROHM-BM60054AFV-C Datasheet
3Mb / 42P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM6104FV-C ROHM-BM6104FV-C_15 Datasheet
2Mb / 39P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM60054FV-C ROHM-BM60054FV-C Datasheet
3Mb / 40P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM60056FV-C ROHM-BM60056FV-C Datasheet
4Mb / 48P
   1ch Gate Driver Providing Galvanic Isolation 2500Vrms Isolation Voltage
BM6105AFW-LBZ ROHM-BM6105AFW-LBZ Datasheet
2Mb / 31P
   Isolation Voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM6104FV-C ROHM-BM6104FV-C Datasheet
994Kb / 38P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM60014FV-C ROHM-BM60014FV-C Datasheet
858Kb / 28P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM6102FV-C ROHM-BM6102FV-C Datasheet
955Kb / 35P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM60051FV-C ROHM-BM60051FV-C_15 Datasheet
2Mb / 49P
   1ch Gate Driver Providing Galvanic Isolation 2500Vrms Isolation Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com