Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L443IDT Datasheet(PDF) 3 Page - Kingbright Corporation

Part # L443IDT
Description  2.4mm FLAT TOP LED LAMPS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

L443IDT Datasheet(HTML) 3 Page - Kingbright Corporation

  L443IDT Datasheet HTML 1Page - Kingbright Corporation L443IDT Datasheet HTML 2Page - Kingbright Corporation L443IDT Datasheet HTML 3Page - Kingbright Corporation L443IDT Datasheet HTML 4Page - Kingbright Corporation L443IDT Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SPEC NO: CDA0718
REV NO: V.1
DATE:NOV/11/2001
PAGE: 3 OF 5
APPROVED : J. Lu
CHECKED :
DRAWN: R.X.Jin
Absolute Maximum Ratings at T)=25°°°°°C
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. 4mm below package base.
Bright Red L443HDT
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
Pd
e
R
t
h
g
ir
Bd
e
R
t
h
g
ir
B
d
e
R
t
h
g
ir
B
d
e
R
t
h
g
ir
Bd
e
R
t
h
g
ir
B
h
g
i
Hh
g
i
H h
g
i
H h
g
i
Hh
g
i
H
y
c
n
e
i
c
if
f
E
d
e
R
e
g
n
a
r
Oe
g
n
a
r
O
e
g
n
a
r
O
e
g
n
a
r
Oe
g
n
a
r
On
e
e
r
Gn
e
e
r
G
n
e
e
r
G
n
e
e
r
Gn
e
e
r
Gw
o
ll
e
Yw
o
ll
e
Y
w
o
ll
e
Y
w
o
ll
e
Yw
o
ll
e
Ys
ti
n
Us
ti
n
U s
ti
n
U s
ti
n
Us
ti
n
U
n
o
it
a
p
i
s
s
i
d
r
e
w
o
P0
2
15
0
15
0
15
0
15
0
1W
m
t
n
e
rr
u
C
d
r
a
w
r
o
F
C
D5
20
30
35
20
3A
m
]
1
[
t
n
e
rr
u
C
d
r
a
w
r
o
F
k
a
e
P0
2
10
6
10
6
10
4
10
4
1A
m
e
g
a
tl
o
V
e
s
r
e
v
e
R
55555
V
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
/
g
n
it
a
r
e
p
O
0
4
- °
5
8
+
o
T
C
°C
]
2
[
e
r
u
t
a
r
e
p
m
e
T
r
e
d
l
o
S
d
a
e
L
0
6
2 °
s
d
n
o
c
e
S
5
r
o
F
C


Similar Part No. - L443IDT

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
L443-155.52 CONNOR-WINFIELD-L443-155.52 Datasheet
119Kb / 2P
   5.0x7.0mm Surface Mount LVDS Clock Oscillator Series
logo
Keysight Technologies
L4433A KEYSIGHT-L4433A Datasheet
1Mb / 9P
   L4433A Dual/Quad 4x8 Reed Matrix
L4437A KEYSIGHT-L4437A Datasheet
1Mb / 9P
   32-Channel Form A/Form C General Purpose Switch
More results

Similar Description - L443IDT

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP443HDT KINGBRIGHT-WP443HDT Datasheet
106Kb / 4P
   2.4mm FLAT TOP LED LAMP
WP443GDT KINGBRIGHT-WP443GDT Datasheet
110Kb / 4P
   2.4mm FLAT TOP LED LAMP
WP443IDT KINGBRIGHT-WP443IDT Datasheet
107Kb / 4P
   2.4mm FLAT TOP LED LAMP
WP443EDT KINGBRIGHT-WP443EDT Datasheet
106Kb / 4P
   2.4mm FLAT TOP LED LAMP
WP443YDT KINGBRIGHT-WP443YDT Datasheet
109Kb / 4P
   2.4mm FLAT TOP LED LAMP
logo
Micro Electronics
MGB37D MICRO-ELECTRONICS-MGB37D Datasheet
87Kb / 2P
   3mm FLAT TOP LED LAMPS
logo
Marktech Corporate
MT2640-HRG MARKTECH-MT2640-HRG Datasheet
27Kb / 1P
   TRI-STATE FLAT-TOP LED LAMPS
logo
QT Optoelectronics
HLMP-M200 QT-HLMP-M200 Datasheet
277Kb / 4P
   4mm FLAT TOP LAMPS
logo
Fairchild Semiconductor
HLMP-M200 FAIRCHILD-HLMP-M200 Datasheet
69Kb / 4P
   4 mm FLAT TOP LAMPS
logo
Kingbright Corporation
WP13YD KINGBRIGHT-WP13YD Datasheet
74Kb / 3P
   2mm FLAT TOP LED LAMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com