Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM60055FV-C Datasheet(PDF) 8 Page - Rohm

Part # BM60055FV-C
Description  1ch Gate Driver Providing Galvanic Isolation 2500Vrms Isolation Voltage
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM60055FV-C Datasheet(HTML) 8 Page - Rohm

Back Button BM60055FV-C Datasheet HTML 4Page - Rohm BM60055FV-C Datasheet HTML 5Page - Rohm BM60055FV-C Datasheet HTML 6Page - Rohm BM60055FV-C Datasheet HTML 7Page - Rohm BM60055FV-C Datasheet HTML 8Page - Rohm BM60055FV-C Datasheet HTML 9Page - Rohm BM60055FV-C Datasheet HTML 10Page - Rohm BM60055FV-C Datasheet HTML 11Page - Rohm BM60055FV-C Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
8/37
BM60055FV-C
TSZ02201-0818ABH00120-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
15.Feb.2016 Rev.001
www.rohm.com
TSZ22111 • 15 • 001
Electrical Characteristics - continued
(Unless otherwise specified Ta=-40°C to125°C, VBATT=4.5V to 30V, VCC2=9V to 24V)
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Over Temperature Detection
Voltage(ON)
VOTDETON
1.96
2.0
2.04
V
Over Temperature Detection
Voltage(OFF)
VOTDETOFF
2.15
2.2
2.25
V
Over Temperature Detection
Delay time (OUT)
tDOTOUT
2
10
30
µs
OUT1=30kΩ Pull down
Over Temperature Detection
Delay Time (FLT_OT)
tDOTFLT
1
-
35
µs
FLT_UVLO, FLT_SC, FLT_OT,
ON-Resistance
RONFLT
-
30
80
Ω
IFLT=5mA
Fault (UVLO) Output
Holding Time
tUVLO_FLTRLS
20
40
60
ms
Fault (SCP) Output
Holding Time
tSCP_FLTRLS
20
40
60
ms
2-Level Turn Off Voltage
Offset 1
VLVOFF1
-300
-150
0
mV
VCC2=15V, LVOFF=12V
2-Level Turn Off Voltage
Offset 2
VLVOFF2
-350
-200
-50
mV
VCC2=15V, LVOFF=8V
2-Level Turn Off Enable
Threshold Voltage
VLVOFFTH
0.7
1.0
1.3
V
2-Level Turn Off Time
tRTOFF
1.93
2.3
2.67
µs
RRTOFF=16kΩ
Gate State H Detection
Threshold Voltage
VOSFBH
4.5
5.0
5.5
V
Gate State L Detection
Threshold Voltage
VOSFBL
4.0
4.5
5.0
V
OSFB Output ON-Resistance
ROSFB
-
30
80
Ω
IOSFB=5mA


Similar Part No. - BM60055FV-C

ManufacturerPart #DatasheetDescription
logo
Rohm
BM60051FV-C ROHM-BM60051FV-C Datasheet
1Mb / 47P
   Fault signal output function
BM60051FV-CE2 ROHM-BM60051FV-CE2 Datasheet
2Mb / 49P
   1ch Gate Driver Providing Galvanic Isolation 2500Vrms Isolation Voltage
BM60051FV-C ROHM-BM60051FV-C_15 Datasheet
2Mb / 49P
   1ch Gate Driver Providing Galvanic Isolation 2500Vrms Isolation Voltage
BM60052AFV-C ROHM-BM60052AFV-C Datasheet
3Mb / 41P
   Isolation Voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM60052FV-C ROHM-BM60052FV-C Datasheet
2Mb / 37P
   Provides Galvanic Isolation
More results

Similar Description - BM60055FV-C

ManufacturerPart #DatasheetDescription
logo
Rohm
BM60052AFV-C ROHM-BM60052AFV-C Datasheet
3Mb / 41P
   Isolation Voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM60013FV-C ROHM-BM60013FV-C Datasheet
1,012Kb / 33P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM60054AFV-C ROHM-BM60054AFV-C Datasheet
3Mb / 42P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM6104FV-C ROHM-BM6104FV-C_15 Datasheet
2Mb / 39P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM60054FV-C ROHM-BM60054FV-C Datasheet
3Mb / 40P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM60056FV-C ROHM-BM60056FV-C Datasheet
4Mb / 48P
   1ch Gate Driver Providing Galvanic Isolation 2500Vrms Isolation Voltage
BM6105AFW-LBZ ROHM-BM6105AFW-LBZ Datasheet
2Mb / 31P
   Isolation Voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM6104FV-C ROHM-BM6104FV-C Datasheet
994Kb / 38P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM60014FV-C ROHM-BM60014FV-C Datasheet
858Kb / 28P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM6102FV-C ROHM-BM6102FV-C Datasheet
955Kb / 35P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM60051FV-C ROHM-BM60051FV-C_15 Datasheet
2Mb / 49P
   1ch Gate Driver Providing Galvanic Isolation 2500Vrms Isolation Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com