Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM1R00121-E2 Datasheet(PDF) 5 Page - Rohm

Part # BM1R00121-E2
Description  High Efficiency and Low Standby Power CCM corresponding
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM1R00121-E2 Datasheet(HTML) 5 Page - Rohm

  BM1R00121-E2 Datasheet HTML 1Page - Rohm BM1R00121-E2 Datasheet HTML 2Page - Rohm BM1R00121-E2 Datasheet HTML 3Page - Rohm BM1R00121-E2 Datasheet HTML 4Page - Rohm BM1R00121-E2 Datasheet HTML 5Page - Rohm BM1R00121-E2 Datasheet HTML 6Page - Rohm BM1R00121-E2 Datasheet HTML 7Page - Rohm BM1R00121-E2 Datasheet HTML 8Page - Rohm BM1R00121-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
4/22
TSZ02201-0F4F0A2BM1R0-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
20. Apr. 2016 Rev.002
www.rohm.com
TSZ22111
• 15 • 001
BM1R00xxxF
Description of Block
1.
SET_COMP Block
Monitors the DRAIN terminal voltage, and outputs a signal to turn ON the FET if the DRAIN terminal voltage is less
than or equal to -100mV (Typ).
2.
RESET_COMP Block
Monitors the DRAIN terminal voltage and outputs a signal to turn OFF the FET if the DRAIN terminal voltage is more
than or equal to -6mV (Typ).
3.
Compulsion ON TIME Block
When the FET is turned ON due to SET_COMP detection, noise occurs on the DRAIN terminal. To prevent the noise
from turning OFF the FET, an ON state should be forced for a certain time. Compulsion ON time is within a range of
0µs (None) to 3.5µs, which is different for each series number (refer to page.1 table).
4.
Compulsion OFF TIME Block
When the FET is turned OFF due to RESET_COMP detection, resonance waveforms appear on the DRAIN terminal.
To prevent the noise from turning ON the FET, an OFF state should be forced for a certain time. Compulsion OFF time
is within a range of 1.3µs to 4.6µs, which is different for each series number (refer to page.1 table).
Operation sequence of each block is shown on the figure below
.
About Maximum Input Frequency
The Maximum Operating Frequency of the IC depends on the Compulsion ON/OFF Time. For example, BM1R00026F and
BM1R00146F Compulsion ON and OFF Time is both equal to
0μs. Considering a variation of 9%, the maximum input
frequency is given by the following:
fMAX = 1 / ((0μs + 1.3μs) x 1.09) = 706kHz
However, since the frequency varies greatly due to the input voltage and load, it will be necessary to select the series in
accordance with each application.
0V
二次側
DRAIN
SET COMP
ON
ON
VGATE
0V
0V
RESET COMP
RESET
0V
ON
-100mV
RESET
-6mV
-6mV
VOUT
Compulsion
ON Time
0V
ON
TIME
0V
OFF
TIME
ON
TIME
OFF
TIME
-100mV
-100mV
-6mV
-6mV
Compulsion
OFF Time
ON
-100mV
Figure 1. Operation sequence


Similar Part No. - BM1R00121-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BM1R00146F ROHM-BM1R00146F Datasheet
2Mb / 26P
   Secondary Side Synchronous Rectification Controller IC
BM1R00147F ROHM-BM1R00147F Datasheet
2Mb / 26P
   Secondary Side Synchronous Rectification Controller IC
BM1R00148F ROHM-BM1R00148F Datasheet
2Mb / 26P
   Secondary Side Synchronous Rectification Controller IC
BM1R00149F ROHM-BM1R00149F Datasheet
2Mb / 26P
   Secondary Side Synchronous Rectification Controller IC
BM1R00150F ROHM-BM1R00150F Datasheet
2Mb / 26P
   Secondary Side Synchronous Rectification Controller IC
More results

Similar Description - BM1R00121-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BM1R00178F ROHM-BM1R00178F Datasheet
1Mb / 26P
   High Efficiency, Low Standby Power and CCM Corresponding Secondary Side Synchronous Rectification Controller IC
logo
Unisonic Technologies
UUR3060L-T47-T UTC-UUR3060L-T47-T Datasheet
235Kb / 4P
   High efficiency and low power loss
logo
Micross Components
AS5C2568 MICROSS-AS5C2568 Datasheet
217Kb / 17P
   Low power standby
logo
ON Semiconductor
NCP1230AP100 ONSEMI-NCP1230AP100 Datasheet
233Kb / 21P
   Low-Standby Power High Performance PWM
February, 2011 ??Rev. 11
logo
Rohm
BD85506F ROHM-BD85506F Datasheet
2Mb / 37P
   High Efficiency / Low Standby Power 2-Channel Secondary Side Synchronous Rectification Control IC
logo
ON Semiconductor
NCP1230 ONSEMI-NCP1230_15 Datasheet
242Kb / 21P
   Low-Standby Power High Performance PWM Controller
May, 2015 ??Rev. 12
NCP1230 ONSEMI-NCP1230_08 Datasheet
199Kb / 21P
   Low-Standby Power High Performance PWM Controller
January, 2008 - Rev. 9
NCP1230 ONSEMI-NCP1230 Datasheet
233Kb / 21P
   Low-Standby Power High Performance PWM Controller
February, 2011 ??Rev. 11
logo
Hotchip Technology Co.,...
HT2269 HOTCHIP-HT2269 Datasheet
1Mb / 13P
   Extended Burst Mode Control For Improved Efficiency and Minimum Standby Power Design
logo
Fairchild Semiconductor
FAN6863WTY FAIRCHILD-FAN6863WTY Datasheet
1Mb / 16P
   Low Standby Power: Under 0.1W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com