Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC620HVOA Datasheet(PDF) 4 Page - Microchip Technology

Part # TC620HVOA
Description  5V, Dual Trip Point Temperature Sensors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC620HVOA Datasheet(HTML) 4 Page - Microchip Technology

  TC620HVOA Datasheet HTML 1Page - Microchip Technology TC620HVOA Datasheet HTML 2Page - Microchip Technology TC620HVOA Datasheet HTML 3Page - Microchip Technology TC620HVOA Datasheet HTML 4Page - Microchip Technology TC620HVOA Datasheet HTML 5Page - Microchip Technology TC620HVOA Datasheet HTML 6Page - Microchip Technology TC620HVOA Datasheet HTML 7Page - Microchip Technology TC620HVOA Datasheet HTML 8Page - Microchip Technology TC620HVOA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
TC620/TC621
DS20001439E-page 4
 2001-2015 Microchip Technology Inc.
2.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 2-1.
TABLE 2-1:
TC620 PIN FUNCTION TABLE
TABLE 2-2:
TC621 PIN FUNCTION TABLE
Pin No.
(8-Pin PDIP)
(8-Pin SOIC)
Symbol
Description
1
NC
No Internal Connection.
2
LOW SET
Low temperature set point. Connect an external 1% resistor from LOW SET to VDD
to set trip point.
3
HIGH SET
High temperature set point. Connect an external 1% resistor from HIGH SET to
VDD to set trip point.
4
GND
Ground Terminal.
5
CONTROL
Control output.
6
HIGH LIMIT
High temperature push/pull output.
7
LOW LIMIT
Low temperature push/pull output.
8VDD
Power supply input.
Pin No.
(8-Pin PDIP)
(8-Pin SOIC)
Symbol
Description
1
THERMISTOR
Thermistor input.
2
HIGH SET
High temperature set point. Connect an external 1% resistor from HIGH SET to
VDD to set trip point.
3
LOW SET
Low temperature set point. Connect an external 1% resistor from LOW SET to
VDD to set trip point.
4
GND
Ground Terminal.
5
CONTROL
Control output.
6LOW LIMIT
Low temperature push/pull output.
7HIGH LIMIT
High temperature push/pull output.
8VDD
Power supply input.


Similar Part No. - TC620HVOA

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC620HCOA TELCOM-TC620HCOA Datasheet
75Kb / 6P
   5V, DUAL TRIP POINT TEMPERATURE SENSORS
TC620HCPA TELCOM-TC620HCPA Datasheet
75Kb / 6P
   5V, DUAL TRIP POINT TEMPERATURE SENSORS
TC620HEOA TELCOM-TC620HEOA Datasheet
75Kb / 6P
   5V, DUAL TRIP POINT TEMPERATURE SENSORS
TC620HEPA TELCOM-TC620HEPA Datasheet
75Kb / 6P
   5V, DUAL TRIP POINT TEMPERATURE SENSORS
More results

Similar Description - TC620HVOA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC620CEOA713 MICROCHIP-TC620CEOA713 Datasheet
276Kb / 14P
   5V Dual Trip Point Temperature Sensors
10/31/05
TC620 MICROCHIP-TC620_13 Datasheet
195Kb / 16P
   5V, Dual Trip Point Temperature Sensors
2001-2012 11/29/12
TC620 MICROCHIP-TC620 Datasheet
450Kb / 14P
   5V, Dual Trip Point Temperature Sensors
2012
logo
TelCom Semiconductor, I...
TC620 TELCOM-TC620 Datasheet
75Kb / 6P
   5V, DUAL TRIP POINT TEMPERATURE SENSORS
logo
Microchip Technology
TC623 MICROCHIP-TC623_13 Datasheet
141Kb / 12P
   3V, Dual Trip Point Temperature Sensor
11/29/12 2001-2012
TC623 MICROCHIP-TC623_06 Datasheet
239Kb / 12P
   3V, Dual Trip Point Temperature Sensor
2006
logo
ON Semiconductor
MC623 ONSEMI-MC623 Datasheet
71Kb / 4P
   3V, Dual Trip Point Temperature Sensor
February, 2000 ??Rev. 0
logo
Microchip Technology
TC623 MICROCHIP-TC623 Datasheet
422Kb / 12P
   3V, Dual Trip Point Temperature Sensor
2002
logo
TelCom Semiconductor, I...
TC623 TELCOM-TC623 Datasheet
41Kb / 3P
   3V, DUAL TRIP POINT TEMPERATURE SENSOR
logo
ON Semiconductor
MC642.REV3 ONSEMI-MC642.REV3 Datasheet
65Kb / 5P
   3.0 V, Dual Trip Point Temperature Sensor
February, 2003 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com