Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC621CVPA Datasheet(PDF) 10 Page - Microchip Technology

Part # TC621CVPA
Description  5V, Dual Trip Point Temperature Sensors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC621CVPA Datasheet(HTML) 10 Page - Microchip Technology

Back Button TC621CVPA Datasheet HTML 6Page - Microchip Technology TC621CVPA Datasheet HTML 7Page - Microchip Technology TC621CVPA Datasheet HTML 8Page - Microchip Technology TC621CVPA Datasheet HTML 9Page - Microchip Technology TC621CVPA Datasheet HTML 10Page - Microchip Technology TC621CVPA Datasheet HTML 11Page - Microchip Technology TC621CVPA Datasheet HTML 12Page - Microchip Technology TC621CVPA Datasheet HTML 13Page - Microchip Technology TC621CVPA Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
TC620/TC621
DS20001439E-page 10
 2001-2015 Microchip Technology Inc.
/HDG3ODVWLF 'XDO ,Q/LQH 3$ ±  PLO %RG\ >3',3@
1RWHV
 3LQ  YLVXDO LQGH[ IHDWXUH PD\ YDU\ EXW PXVW EH ORFDWHG ZLWK WKH KDWFKHG DUHD
 † 6LJQLILFDQW &KDUDFWHULVWLF
 'LPHQVLRQV ' DQG ( GR QRW LQFOXGH PROG IODVK RU SURWUXVLRQV 0ROG IODVK RU SURWUXVLRQV VKDOO QRW H[FHHG  SHU VLGH
 'LPHQVLRQLQJ DQG WROHUDQFLQJ SHU $60( <0
%6& %DVLF 'LPHQVLRQ 7KHRUHWLFDOO\ H[DFW YDOXH VKRZQ ZLWKRXW WROHUDQFHV
1RWH
)RU WKH PRVW FXUUHQW SDFNDJH GUDZLQJV SOHDVHVHH WKH 0LFURFKLS 3DFNDJLQJ 6SHFLILFDWLRQ ORFDWHG DW
KWWSZZZPLFURFKLSFRPSDFNDJLQJ
8QLWV
,1&+(6
'LPHQVLRQ /LPLWV
0,1
120
0$;
1XPEHU RI 3LQV
1

3LWFK
H
 %6&
7RS WR 6HDWLQJ 3ODQH
$
±
±

0ROGHG 3DFNDJH 7KLFNQHVV
$



%DVH WR 6HDWLQJ 3ODQH
$

±
±
6KRXOGHU WR 6KRXOGHU :LGWK
(



0ROGHG 3DFNDJH :LGWK
(



2YHUDOO /HQJWK
'



7LS WR 6HDWLQJ 3ODQH
/



/HDG 7KLFNQHVV
F



8SSHU /HDG :LGWK
E



/RZHU /HDG :LGWK
E



2YHUDOO 5RZ 6SDFLQJ †
H%
±
±

N
E1
NOTE 1
D
12
3
A
A1
A2
L
b1
b
e
E
eB
c
0LFURFKLS 7HFKQRORJ\ 'UDZLQJ &%


Similar Part No. - TC621CVPA

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC621CCOA TELCOM-TC621CCOA Datasheet
75Kb / 6P
   5V, DUAL TRIP POINT TEMPERATURE SENSORS
TC621CCPA TELCOM-TC621CCPA Datasheet
75Kb / 6P
   5V, DUAL TRIP POINT TEMPERATURE SENSORS
TC621CEOA TELCOM-TC621CEOA Datasheet
75Kb / 6P
   5V, DUAL TRIP POINT TEMPERATURE SENSORS
TC621CEPA TELCOM-TC621CEPA Datasheet
75Kb / 6P
   5V, DUAL TRIP POINT TEMPERATURE SENSORS
More results

Similar Description - TC621CVPA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC620CEOA713 MICROCHIP-TC620CEOA713 Datasheet
276Kb / 14P
   5V Dual Trip Point Temperature Sensors
10/31/05
TC620 MICROCHIP-TC620_13 Datasheet
195Kb / 16P
   5V, Dual Trip Point Temperature Sensors
2001-2012 11/29/12
TC620 MICROCHIP-TC620 Datasheet
450Kb / 14P
   5V, Dual Trip Point Temperature Sensors
2012
logo
TelCom Semiconductor, I...
TC620 TELCOM-TC620 Datasheet
75Kb / 6P
   5V, DUAL TRIP POINT TEMPERATURE SENSORS
logo
Microchip Technology
TC623 MICROCHIP-TC623_13 Datasheet
141Kb / 12P
   3V, Dual Trip Point Temperature Sensor
11/29/12 2001-2012
TC623 MICROCHIP-TC623_06 Datasheet
239Kb / 12P
   3V, Dual Trip Point Temperature Sensor
2006
logo
ON Semiconductor
MC623 ONSEMI-MC623 Datasheet
71Kb / 4P
   3V, Dual Trip Point Temperature Sensor
February, 2000 ??Rev. 0
logo
Microchip Technology
TC623 MICROCHIP-TC623 Datasheet
422Kb / 12P
   3V, Dual Trip Point Temperature Sensor
2002
logo
TelCom Semiconductor, I...
TC623 TELCOM-TC623 Datasheet
41Kb / 3P
   3V, DUAL TRIP POINT TEMPERATURE SENSOR
logo
ON Semiconductor
MC642.REV3 ONSEMI-MC642.REV3 Datasheet
65Kb / 5P
   3.0 V, Dual Trip Point Temperature Sensor
February, 2003 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com