Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISD33120-4XD Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # ISD33120-4XD
Description  Single-Chip Voice Record/Playback Devices 60-, 75-, 90-, and 120-Second Durations
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ISD33120-4XD Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button ISD33120-4XD Datasheet HTML 2Page - List of Unclassifed Manufacturers ISD33120-4XD Datasheet HTML 3Page - List of Unclassifed Manufacturers ISD33120-4XD Datasheet HTML 4Page - List of Unclassifed Manufacturers ISD33120-4XD Datasheet HTML 5Page - List of Unclassifed Manufacturers ISD33120-4XD Datasheet HTML 6Page - List of Unclassifed Manufacturers ISD33120-4XD Datasheet HTML 7Page - List of Unclassifed Manufacturers ISD33120-4XD Datasheet HTML 8Page - List of Unclassifed Manufacturers ISD33120-4XD Datasheet HTML 9Page - List of Unclassifed Manufacturers ISD33120-4XD Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
 
2
Voice Solutions in Silicon
"!%"
)%$! "!*))+
 ##E &(  !  ! &
  ..AAA ,& & & 4 C&&&
& -. % C&&&  C!   &
&  & C  ! & &  
& & &&C  ( & &&
& C  & &   2! &
&&C
%""!*))+
 ..AAA & E& & ! 
! ! C&&&  ! ! '%)
& & C  ! & &   2+
! & &&C   !  4+
#   4 & ! 
! ! '%)  & C 
!  & 4+#   4+
 & ! & ! & & C
! !  &   # C+
4  % &   % &&&
 . Ω
Figure 1: ISD33000 Series Pinouts


Similar Part No. - ISD33120-4XD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISD33120 ETC1-ISD33120 Datasheet
1Mb / 30P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES 2-, 2.5-, 3-, AND 4-MINUTE DURATIONS
ISD33120E ETC1-ISD33120E Datasheet
1Mb / 30P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES 2-, 2.5-, 3-, AND 4-MINUTE DURATIONS
ISD33120ED ETC1-ISD33120ED Datasheet
1Mb / 30P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES 2-, 2.5-, 3-, AND 4-MINUTE DURATIONS
ISD33120EI ETC1-ISD33120EI Datasheet
1Mb / 30P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES 2-, 2.5-, 3-, AND 4-MINUTE DURATIONS
ISD33120P ETC1-ISD33120P Datasheet
1Mb / 30P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES 2-, 2.5-, 3-, AND 4-MINUTE DURATIONS
More results

Similar Description - ISD33120-4XD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISD2560 ETC1-ISD2560 Datasheet
801Kb / 26P
   Single-Chip Voice Record/Playback Devices 60-, 75-, 90-, and 120-Second Durations
ISD1000A ETC-ISD1000A Datasheet
402Kb / 20P
   Single-Chip Voice Record/Playback Devices 16- and 20-Second Durations
ISD1400 ETC-ISD1400 Datasheet
1Mb / 25P
   Single-Chip Voice Record/Playback Devices 16-and 20-Second Durations
ISD1200 ETC-ISD1200 Datasheet
1Mb / 25P
   Single-Chip Voice Record/Playback Devices 10- and 12-Second Durations
ISD4002 ETC-ISD4002 Datasheet
2Mb / 30P
   Single-Chip Voice Record/Playback Devices 120-, 150-, 180-, and 240-Second Durations
ISD2500 ETC1-ISD2500 Datasheet
331Kb / 28P
   Single-Chip Voice Record/Playback Devices 32-, 40-, 48-, 64-,60-,75,90-, and 120-Second Durations
logo
Winbond
ISD1810 WINBOND-ISD1810 Datasheet
278Kb / 18P
   Single-Chip, Single-Message Voice Record/Playback Device 8- to 16-Second Durations
logo
List of Unclassifed Man...
ISD4000 ETC1-ISD4000 Datasheet
317Kb / 2P
   Single-Chip Voice Record/Playback Devices 2- to 16-Minute Durations
logo
Generalplus Technology ...
GPCR20A GENERALPLUS-GPCR20A Datasheet
266Kb / 12P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
logo
List of Unclassifed Man...
ISD4003 ETC-ISD4003 Datasheet
2Mb / 30P
   Single-Chip Voice Record/Playback Devices 4-, 5-, 6-, and 8-Minute Durations
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com