Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TE90A1251N01 Datasheet(PDF) 1 Page - SL Power Electronics

Part # TE90A1251N01
Description  90W Single Output External Power
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

TE90A1251N01 Datasheet(HTML) 1 Page - SL Power Electronics

  TE90A1251N01 Datasheet HTML 1Page - SL Power Electronics TE90A1251N01 Datasheet HTML 2Page - SL Power Electronics TE90A1251N01 Datasheet HTML 3Page - SL Power Electronics TE90A1251N01 Datasheet HTML 4Page - SL Power Electronics TE90A1251N01 Datasheet HTML 5Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TE90
90W Single Output External Power
Test & Measurement/Industrial Series
www.slpower.com
TE90 Rev 2.1
25-APR-16
1
Features
Meets DoE Efficiency Level VI Requirements
No load input power
Average Efficiency
Up to 90W of AC-DC Power
Universal Input 90-264Vac Input Range
IP22 Rated Enclosure
Meets “Heavy Industrial” Levels of EN61000
EMC Requirements
Meets EN55011/CISPR11, FCC Part 15.109
Class B Conducted & Radiated Emissions, with
6db margin
Approved to EN/IEC/UL60950-1, 2
nd Edition,
Am. 2
E-cap life of >7 years
3 Year Warranty
RoHS/REACH Compliant
Description
A high performance AC to DC external power supply family designed for test & measurement and industrial applications.
Fully compliant with Efficiency Level VI requirements per U.S. Dept. of Energy, and also compliant to the Heavy Industrial
levels of various EN61000-4-x standards for EMC. The TE90 series models also meet Class B conducted and radiated
EMI per FCC Part 15, EN55022, CISPR22, with margin. Designed to allow easy integration with test and measurement
equipment and other industrial applications.
Model Selection
Model
Output
Output
Ripple &
Line
Load
Output Cable
Input
Number
Volts
Current
Power
Noise
¹
Regulation
Regulation
& Connector
Configuration
TE90A1251F01
12.0V
7.50A
90W
120mV pk-pk
±1%
±5%
6 pin Molex Type
2
Class I Desktop,
IEC60320 C14
Receptacle
TE90A1503F01
15.0V
6.00A
90W
150mV pk-pk
±1%
±5%
2.5 x 5.5 x 9.5mm
Straight Barrel Type,
center positive
TE90A1803F01
18.0V
5.00A
90W
180mV pk-pk
±1%
±5%
TE90A2403F01
24.0V
3.75A
90W
240mV pk-pk
±1%
±5%
TE90A1251N01
12.0V
7.50A
90W
120mV pk-pk
±1%
±5%
6 pin Molex Type
2
Class II Desktop,
IEC60320 C8
Receptacle
TE90A1503N01
15.0V
6.00A
90W
150mV pk-pk
±1%
±5%
2.5 x 5.5 x 9.5mm
Straight Barrel Type,
center positive
TE90A1803N01
18.0V
5.00A
90W
180mV pk-pk
±1%
±5%
TE90A2403N01
24.0V
3.75A
90W
240mV pk-pk
±1%
±5%
TE90A1251Q01
12.0V
7.50A
90W
120mV pk-pk
±1%
±5%
6 pin Molex Type
2
Class II Desktop,
IEC60320 C18
Receptacle
TE90A1503Q01
15.0V
6.00A
90W
150mV pk-pk
±1%
±5%
2.5 x 5.5 x 9.5mm
Straight Barrel Type,
center positive
TE90A1803Q01
18.0V
5.00A
90W
180mV pk-pk
±1%
±5%
TE90A2403Q01
24.0V
3.75A
90W
240mV pk-pk
±1%
±5%
Notes:
1. Measured at the output connector, with noise probe directly across output and load, terminated with 0.1μF ceramic and 47μF low ESR capacitors.
2. Molex p/n 39-01-2060 or equivalent. See outline drawing for pinout information.
3. For Input Class I models: For AC GND connected to output common (-), insert a “B” in the part number where the “A” is located (TE90B1251F01).
4. All specifications are typical at nominal input, full load, at 25
°C ambient unless noted.


Similar Description - TE90A1251N01

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LPF-90D_1108 MEANWELL-LPF-90D_1108 Datasheet
250Kb / 4P
   90W Single Output Switching Power Supply
NPF-90 MEANWELL-NPF-90 Datasheet
89Kb / 5P
   90W Single Output Switching Power Supply
LPF-90_1108 MEANWELL-LPF-90_1108 Datasheet
210Kb / 3P
   90W Single Output Switching Power Supply
LPF-90D MEANWELL-LPF-90D Datasheet
255Kb / 4P
   90W Single Output Switching Power Supply
logo
MicroPower Direct, LLC
LDC-80 MPD-LDC-80 Datasheet
1Mb / 4P
   90W Output Power
logo
Mean Well Enterprises C...
HLG-80H-C MEANWELL-HLG-80H-C Datasheet
221Kb / 6P
   90W Single Output LED Power Supply
LPF-90D_1112 MEANWELL-LPF-90D_1112 Datasheet
206Kb / 4P
   90W Single Output Switching Power Supply
LPF-90_1112 MEANWELL-LPF-90_1112 Datasheet
164Kb / 3P
   90W Single Output Switching Power Supply
LPF-90 MEANWELL-LPF-90 Datasheet
210Kb / 3P
   90W Single Output Switching Power Supply
NPF-90D MEANWELL-NPF-90D Datasheet
104Kb / 6P
   90W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com