Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TE20A1503F01 Datasheet(PDF) 2 Page - SL Power Electronics

Part # TE20A1503F01
Description  15W-20W Single Output External Power
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

TE20A1503F01 Datasheet(HTML) 2 Page - SL Power Electronics

  TE20A1503F01 Datasheet HTML 1Page - SL Power Electronics TE20A1503F01 Datasheet HTML 2Page - SL Power Electronics TE20A1503F01 Datasheet HTML 3Page - SL Power Electronics TE20A1503F01 Datasheet HTML 4Page - SL Power Electronics TE20A1503F01 Datasheet HTML 5Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TE20
15W-20W Single Output External Power
Test & Measurement/Industrial Series
www.slpower.com
TE20 Rev 2.7
10-MAY-16
2
Model Selection (continued)
TE20A0503B01
5.0V
3.00A
15W
75mV pk-pk
±1%
±5%
2.5 x 5.5 x 9.5mm
Straight Barrel Type,
center positive
Class II Wall-Plug,
Interchangeable
Blades (North American
Blade included)
²
TE20A0603B01
5.9V
2.50A
15W
75mV pk-pk
±1%
±5%
TE20A0703B01
7.5V
2.00A
15W
75mV pk-pk
±1%
±5%
TE20A0903B01
9.0V
2.00A
18W
90mV pk-pk
±1%
±5%
TE20A1203B01
12.0V
1.50A
18W
120mV pk-pk
±1%
±5%
TE20A1503B01
15.0V
1.20A
18W
150mV pk-pk
±1%
±5%
TE20A1803B01
18.0V
1.10A
20W
180mV pk-pk
±1%
±5%
TE20A2403B01
24.0V
0.83A
20W
240mV pk-pk
±1%
±5%
TE20A4803B01
48.0V
0.42A
20W
480mV pk-pk
±1%
±5%
TE20A0503C01
5.0V
3.00A
15W
75mV pk-pk
±1%
±5%
2.5 x 5.5 x 9.5mm
Straight Barrel Type,
center positive
Class II Wall-Plug,
Fixed North American
Blades
TE20A0603C01
5.9V
2.50A
15W
75mV pk-pk
±1%
±5%
TE20A0703C01
7.5V
2.00A
15W
75mV pk-pk
±1%
±5%
TE20A0903C01
9.0V
2.00A
18W
90mV pk-pk
±1%
±5%
TE20A1203C01
12.0V
1.50A
18W
120mV pk-pk
±1%
±5%
TE20A1503C01
15.0V
1.20A
18W
150mV pk-pk
±1%
±5%
TE20A2403C01
24.0V
0.83A
20W
240mV pk-pk
±1%
±5%
TE20A2403C01
24.0V
0.83A
20W
240mV pk-pk
±1%
±5%
TE20A4803C01
48.0V
0.42A
20W
480mV pk-pk
±1%
±5%
Notes: 1. Measured at the output connector, with noise probe directly across output and load terminated with 0.1μF ceramic and 10μF low ESR capacitors. For 5V and 6V
models, values listed are typical, 100mV pk-pk maximum with 0.1μF ceramic and 47μF low ESR capacitors used at measurement point.
2. Order blade kit KT-1027K for other blades (EU. UK, Australia)
3. For EU fixed blades, replace “C” in the model number with “M”, for UK blades, replace “C” with “G”, for Australia blades, replace “C” with “H”.
4. For Input Class I models: For AC GND connected to output common (-), insert a “B” in the part number where the “A” is located (TE20B0503F01).
5. All specifications are typical at nominal input, full load, at 25
°C ambient unless noted.
General Specifications
AC Input
100-240Vac, ±10%, 47-63Hz, 1
Turn On Time
Less than 700mS @115Vac, full load
Input Current
115Vac: 0.5A, 230Vac: 0.25A
Hold-up Time
20mS min., at full Load, 100Vac input
Inrush Current
264Vac, cold start: will not exceed 40A
Overtemperature
Protection
Will shutdown upon an overtemperature
condition, auto-recovery.
Input Fuses
F1, F2: 3.15A, 250Vac fuses (line & neutral
lines) provided on all models
Overload Protection
130 to 180% of rating, Hiccup Mode
Earth Leakage
Current
Input-GND: <500μA@264Vac, 60Hz, NC
Output-GND: <4mA@264Vac, 60Hz, NC
Short Circuit
Protection
Hiccup Mode, auto recovery.
Efficiency
Meets US DoE Efficiency Level VI Average
efficiency levels
Overvoltage
Protection
130 to 150% of output voltage, hiccup mode
Output Power
15 to 20W continuous – See models chart for
specific voltage model ratings.
Isolation
Input-Output:
4000Vac
Input-Ground:
1500Vac
Output-Ground: 1500Vac
No Load Input
Power
<0.1W per DoE Efficiency Level VI
Requirements
Safety Standards
EN/CSA/UL/IEC 60950-1, 2nd Edition, Am 2
Ripple and Noise
See models chart on pg 1.
Operating
Temperature
-20°C to +70°C
Start Up at -40°C, full load, (warmup period before
all parameters are within published specifications).
Output Voltage
See models chart on pg 1.
Temperature
Derating
See Derating Chart
Transient
Response
500
µs response time, return to within 0.5% of
final value for any 50% load step over 5% to
100% of rated load,
∆i/∆t< 0.2A/µs. Max.
voltage deviation is +/-3.5%.
Storage Temperature
-40°C to +85°C
Regulation
See models chart on pg 1.
Altitude
Operating: to 5000m.
Non-operating: -500 to 40,000 ft.
Drop Test
1.4m from table top to wooden platform, 6
faces.
Relative Humidity
5% to 95%, non-condensing


Similar Part No. - TE20A1503F01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
TE20A1203B01 SLPOWER-TE20A1203B01 Datasheet
728Kb / 4P
   15W-20W Single Output External Power
TE20A1203C01 SLPOWER-TE20A1203C01 Datasheet
728Kb / 4P
   15W-20W Single Output External Power
TE20A1203F01 SLPOWER-TE20A1203F01 Datasheet
728Kb / 4P
   15W-20W Single Output External Power
TE20A1203N01 SLPOWER-TE20A1203N01 Datasheet
728Kb / 4P
   15W-20W Single Output External Power
TE20A1203Q01 SLPOWER-TE20A1203Q01 Datasheet
728Kb / 4P
   15W-20W Single Output External Power
More results

Similar Description - TE20A1503F01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
TE20 SLPOWER-TE20 Datasheet
728Kb / 4P
   15W-20W Single Output External Power
ME20 SLPOWER-ME20_16 Datasheet
592Kb / 5P
   20W Single Output External Power
TE30 SLPOWER-TE30 Datasheet
764Kb / 5P
   20W-30W Single Output External Power
TE30 SLPOWER-TE30_16 Datasheet
757Kb / 5P
   20W-30W Single Output External Power
ME20 SLPOWER-ME20 Datasheet
659Kb / 4P
   20W Single Output External Power Medical Series
logo
Total Power Internation...
NES-15 TOTAL-POWER-NES-15 Datasheet
276Kb / 2P
   15W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
LPV-20 MEANWELL-LPV-20_11 Datasheet
97Kb / 2P
   20W Single Output Switching Power Supply
PLP-20 MEANWELL-PLP-20_12 Datasheet
184Kb / 3P
   20W Single Output LED Power Supply
LPV-20 MEANWELL-LPV-20 Datasheet
144Kb / 2P
   20W Single Output Switching Power Supply
LPV-20 MEANWELL-LPV-20_12 Datasheet
771Kb / 2P
   20W Single Output Swithching Power supply
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com