Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMB2EZ6.2 Datasheet(PDF) 1 Page - Dc Components

Part # SMB2EZ6.2
Description  RECTIFIER SPECIALISTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

SMB2EZ6.2 Datasheet(HTML) 1 Page - Dc Components

  SMB2EZ6.2 Datasheet HTML 1Page - Dc Components SMB2EZ6.2 Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SMB2EZ6.2
THRU
SMB2EZ330
RECTIFIER SPECIALISTS
R
DC COMPONENTS CO., LTD.
FEATURES
MECHANICAL DATA
Dimensions in inches(millimeters)
100
50
30
20
10
5
3
2
1
0.5
0.3
0.2
0.1
0
1
2
3
4
5
6
7
8
9
10
Fig. 1 - changes in the power dissipation
due to the ambient temperature.
2
1
Ta(oC)
0
50
100
150
Ambient Temperature.
VZ, Zener Voltage(V)
Fig. 2 - VZ=3.9 Thru 10 Volts
SMB(DO-214AA)
* Voltage Range:6.2V to 330V
* Build-in strain relief
* Glass passivated junction
* Low inductance
* Excellent clamping capability
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON ZENER DIODES
* Low profile package
SYMBOL
VALUE
UNITS
Zener Current see Table "Characteristics"
Power Dissipation (Notes 1) at Tamb=25oC
Ptot
2
W
Peak Forward Surge Current, 8.3ms single half sine-wave
IFSM
superimposed on rated load (JEDEC Method) (Notes 2)
15
Amps
Maximum Forward Voltage at IF=500mA
VF
1.2
Volts
Operating and Storage Temperature
TJ,Tstg
-55 to + 150
o
C
Notes: 1. Mounted on 5.0mm2 (.013mm thick) land areas.
2. Measured on 8.3ms, single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum.
.060(1.52)
.030(0.76)
.185(4.70)
.160(4.06)
.083(2.11)
.075(1.91)
.155(3.94)
.130(3.30)
.096(2.44)
.084(2.13)
.012(0.305)
.006(0.152)
.008(0.203)
.002(0.051)
.220(5.59)
.200(5.08)
VOLTAGE RANGE - 6.2 to 330 Volts
CURRENT - 2.0 Ampere
* Weight: 0.093 gram
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Mounting position: Any
*Terminals: Solder plated, solderable per
MIL-STD-750, Method 2026
* Polarity: As marked


Similar Part No. - SMB2EZ6.2

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
SMB2EZ6.2 YANGJIE-SMB2EZ6.2 Datasheet
195Kb / 4P
   Zener Diodes
logo
SeCoS Halbleitertechnol...
SMB2EZ6.2D5 SECOS-SMB2EZ6.2D5 Datasheet
264Kb / 4P
   2.0 Watts Surface Mount Zener Diode
logo
Micro Commercial Compon...
SMB2EZ6.2D5 MCC-SMB2EZ6.2D5 Datasheet
287Kb / 5P
   2 W Glass Passivated Junction Silicon Zener Diode 5.1-75 Volts
logo
Anova Technologies CO.,...
SMB2EZ6.2D5 ANOVA-SMB2EZ6.2D5 Datasheet
257Kb / 3P
   Surface Mount Zener Diodes
More results

Similar Description - SMB2EZ6.2

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
RS1A YEASHIN-RS1A Datasheet
208Kb / 2P
   RECTIFIER SPECIALISTS
logo
Dc Components
1EZ6.2 DCCOM-1EZ6.2 Datasheet
44Kb / 3P
   RECTIFIER SPECIALISTS
MBK22F DCCOM-MBK22F Datasheet
38Kb / 2P
   RECTIFIER SPECIALISTS
MB05F DCCOM-MB05F Datasheet
38Kb / 2P
   RECTIFIER SPECIALISTS
SPA2040 DCCOM-SPA2040 Datasheet
72Kb / 2P
   RECTIFIER SPECIALISTS
SQ1530 DCCOM-SQ1530 Datasheet
44Kb / 2P
   RECTIFIER SPECIALISTS
SS52F DCCOM-SS52F Datasheet
82Kb / 2P
   RECTIFIER SPECIALISTS
DZL4728A DCCOM-DZL4728A Datasheet
31Kb / 2P
   RECTIFIER SPECIALISTS
FMB05F DCCOM-FMB05F Datasheet
38Kb / 2P
   RECTIFIER SPECIALISTS
MB05S DCCOM-MB05S Datasheet
37Kb / 2P
   RECTIFIER SPECIALISTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com