Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PG-20 Datasheet(PDF) 1 Page - Copal Electronics

Part # PG-20
Description  For high vacuum pressure
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PG-20 Datasheet(HTML) 1 Page - Copal Electronics

  PG-20 Datasheet HTML 1Page - Copal Electronics PG-20 Datasheet HTML 2Page - Copal Electronics PG-20 Datasheet HTML 3Page - Copal Electronics PG-20 Datasheet HTML 4Page - Copal Electronics PG-20 Datasheet HTML 5Page - Copal Electronics PG-20 Datasheet HTML 6Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Thank you for purchasing a NIDEC COPAL ELECTRONICS
CORP. product.
In order to use the product correctly and most appropriately,
please completely read this manual before use and keep it for
future reference.
1
Important Information and Warnings
…This caution mark describes when there is a possibility that user may suffer from damage or physical damage may occur
 if the product is used improperly.
For high vacuum pressure
Thin film type semiconductor pressure gauge
Instruction Manual Ver.1.0
PG-20
CE marking
(Compliance with EMC Standards)
Nishi-Shinjuku Kimuraya Bidg. , 7-5-25
Nishi-Shinjuku Shinjuku-ku Tokyo 160-0023, Japan Phone.:(03)3364-7055
For more detailed information please ask for the
nearest distributor or the following sales center.
The applicatable pressure medium of PG-20 gases and liquids compatible to SUS316L.
For stability, use a regulated direct current power supply.
Please earth the terminal FG when you use the switching power supply.
Surge absorbing devices (diodes, varistors, etc.) are necessary if inductive loads such as relays or solenoids are connected to the same circuit to PG-20.
Turn off the power while wiring. Also, please do not mis-wire.
Do not wire parallel to a high tension cables or power lines, or use cable ducts containing high tension or high power.
Cables connectors should be removed from the product while piping. The product can be damaged if the connected cable is pulled at 20N or more. In
addition, the display rotation part can be damaged when turning the display at 0.3N・m or more.
Clean the product with the cloth that contains a small amount of pure water or alcohols solvent when the product is dirty. The cleaning solution must
never enter into the product. It may cause an internal circuit breakdown.
This product is dust proof and drip proof (to IP40 of IEC standards) and is not suitable for use in environments requiring higher standards.
Do not use pointed objects such as pens to press the setting buttons on the display panel, as this may push holes in the setting buttons and damage
them.
Do not insert wires, etc. in the pressure port, as this may damage the internal diaphragm and cause malfunctioning.
Do not touch or scratch the edge of the fitting, as this may damage the sealing and cause leakage.
The PG-20 series is not explosion proof. Do not use it for the detection of flammable gases.
When analog output is supplied to a noise-sensitive device, a low-pass filter is requested in a customer's circuit.
For EMC measures, please earth the power supply. Also, please connect the fitting block to an earthed metalic casing or to the ground. This product can
not resist thunder surge, therefore please do not use this product at unprotected outdoors or extend the cable to 30m or more.


Similar Part No. - PG-20

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PG-20-103G-BW1 COPAL-PG-20-103G-BW1 Datasheet
143Kb / 4P
   PRESSURE GAUGES
PG-20-103G-BW2 COPAL-PG-20-103G-BW2 Datasheet
143Kb / 4P
   PRESSURE GAUGES
PG-20-103G-N2W1 COPAL-PG-20-103G-N2W1 Datasheet
143Kb / 4P
   PRESSURE GAUGES
PG-20-103G-N2W2 COPAL-PG-20-103G-N2W2 Datasheet
143Kb / 4P
   PRESSURE GAUGES
PG-20-103G-NAW1 COPAL-PG-20-103G-NAW1 Datasheet
143Kb / 4P
   PRESSURE GAUGES
More results

Similar Description - PG-20

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
81513552 ETC1-81513552 Datasheet
1Mb / 6P
   Pressure switches - Vacuum
6819-01 ETC2-6819-01 Datasheet
848Kb / 20P
   Pressure & Vacuum Switches
logo
MKS Instruments.
274 MKS-274 Datasheet
316Kb / 8P
   Good vacuum pressure measurement for economical cost
logo
Ralston Instruments.
DPPV RALSTON-DPPV Datasheet
363Kb / 1P
   Pneumatic Pressure / Vacuum Hand Pumps
logo
Honeywell Solid State E...
163PC01D75 HONEYWELL-163PC01D75 Datasheet
507Kb / 5P
   Pressure Sensors Low Pressure Differential, Gage, Vacuum Gage/Amplified
logo
Amphenol Corporation
T10 AMPHENOL-T10 Datasheet
103Kb / 8P
   Measures differential, gage pressure, or vacuum
logo
Ralston Instruments.
DV0V-30HG-M RALSTON-DV0V-30HG-M_14 Datasheet
500Kb / 2P
   Create a vacuum and calibrate pressure devices with included vacuum pump and vacuum gauge
DV0V-30HG-D RALSTON-DV0V-30HG-D_14 Datasheet
499Kb / 2P
   Create a vacuum and calibrate pressure devices with included vacuum pump and vacuum gauge
DPPV-0025 RALSTON-DPPV-0025 Datasheet
276Kb / 1P
   DPPV Pressure / vacuum spool valve assembly, brass
logo
NXP Semiconductors
MPXV5050VC6T1 NXP-MPXV5050VC6T1 Datasheet
230Kb / 8P
   High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Vacuum/Gauge Pressure, On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 3, 12/2018
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com