Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PG-20-502R-N2W2 Datasheet(PDF) 1 Page - Copal Electronics

Part # PG-20-502R-N2W2
Description  PRESSURE GAUGES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PG-20-502R-N2W2 Datasheet(HTML) 1 Page - Copal Electronics

  PG-20-502R-N2W2 Datasheet HTML 1Page - Copal Electronics PG-20-502R-N2W2 Datasheet HTML 2Page - Copal Electronics PG-20-502R-N2W2 Datasheet HTML 3Page - Copal Electronics PG-20-502R-N2W2 Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PG-20
PRESSURE GAUGES
O External diameter φ20mm. Easily installable fitting block
O Rotable display part (90°step, 270° full travel)
O Wide combination of output types (switch, current or
voltage) available
O Integrally welded structure of sensing chip and fitting block
FEATURES
1
2
3
4
5
6
7
Part name
Material
Sensor holder
Sensor module
Amp board
Cover
Case
Display board
Fitting block
SUS316L of Double melt
SUS316L of Double melt
SUS316L
SUS316L
PBT
INTERNAL STRUCTURE (R 1/4)
MODEL NUMBER DESIGNATION
P G - 20 - 1 0 3 R - N 2 W 2
Series name
Rated pressure
502G
:0 ~ 0.5 MPa
502R
-0.1 ~ 0.5 MPa
103G
:0 ~ 1.0 MPa
103R
-0.1 ~ 1.0 MPa
Pressure Reference / Rated analog out put range
G : Gauge pressure (Positive) / 0MPa ~ Rated pressure
R : Gauge pressure (Compound) / -0.1MPa ~ Rated pressure
Fitting block spec.
W1:1.5 inches W-Seal
W2:1.125 inches W-Seal
Output specification
B : SW Nothing
N2 : SW Two outputs (NPN open collector)
P2 : SW Two outputs (PNP open collector)
NV : SW One output (NPN open collector)
+ Voltage output (1 ~ 5V)
PV : SW One output (PNP open collector)
+ Voltage output (1 ~ 5V)
NA : SW One output (NPN open collector)
+ Current output (4 ~ 20mA)
PA : SW One output (PNP open collector)
+ Current output (4 ~ 20mA)
LIST OF MODEL NUMBERS
Rated Pressure
PG-20-103R-BW*
PG-20-103R-N2W*
PG-20-103R-P2W*
PG-20-103
□-NVW*
PG-20-103
□-PVW*
PG-20-103
□-NAW*
PG-20-103
□-PAW*
103
PG-20-502R-BW*
PG-20-502R-N2W*
PG-20-502R-P2W*
PG-20-502
□-NVW*
PG-20-502
□-PVW*
PG-20-502
□-NAW*
PG-20-502
□-PAW*
502
Output specification
Switch output
Analog output
None
Voltage output
Current output
None
Two outputs
One outputs
NPN
PNP
NPN
PNP
NPN
PNP
Note 1. W* : Fitting block spec. (W1/ W2)
Note 2.
□ : G (Positive) / R (Compound)
marking
Compatible with
EMC directive


Similar Part No. - PG-20-502R-N2W2

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PG-20 COPAL-PG-20 Datasheet
846Kb / 6P
   For high vacuum pressure
PG-200 COPAL-PG-200 Datasheet
251Kb / 4P
   DIGITAL PRESSURE GAUGE
PG-200-101AH--P COPAL-PG-200-101AH--P Datasheet
129Kb / 8P
   PRESSURE GAUGES
PG-200-101AH--P COPAL-PG-200-101AH--P Datasheet
129Kb / 8P
   PRESSURE GAUGES
PG-200-101AH-3-P COPAL-PG-200-101AH-3-P Datasheet
129Kb / 8P
   PRESSURE GAUGES
More results

Similar Description - PG-20-502R-N2W2

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PG-35 COPAL-PG-35_16 Datasheet
191Kb / 6P
   PRESSURE GAUGES
PG-30 COPAL-PG-30 Datasheet
124Kb / 6P
   PRESSURE GAUGES
PG-35H COPAL-PG-35H_16 Datasheet
108Kb / 4P
   PRESSURE GAUGES
PG-200 COPAL-PG-200_16 Datasheet
129Kb / 8P
   PRESSURE GAUGES
PG-208 COPAL-PG-208_16 Datasheet
129Kb / 8P
   PRESSURE GAUGES
PG-35L COPAL-PG-35L_16 Datasheet
126Kb / 4P
   PRESSURE GAUGES
logo
Ralston Instruments.
QTHA-HCBL-45 RALSTON-QTHA-HCBL-45 Datasheet
645Kb / 1P
   Connect to pressure gauges, pressure calibrators and adapters easily and quickly
logo
Extech Instruments Corp...
475040 EXTECH-475040_15 Datasheet
367Kb / 1P
   Digital Forge Gauges
TKG150 EXTECH-TKG150 Datasheet
963Kb / 2P
   Ultrasonic Thickness Gauges
475044 EXTECH-475044_15 Datasheet
367Kb / 1P
   Digital Forge Gauges
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com