Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PG-20-103R-NVW2 Datasheet(PDF) 4 Page - Copal Electronics

Part # PG-20-103R-NVW2
Description  PRESSURE GAUGES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PG-20-103R-NVW2 Datasheet(HTML) 4 Page - Copal Electronics

  PG-20-103R-NVW2 Datasheet HTML 1Page - Copal Electronics PG-20-103R-NVW2 Datasheet HTML 2Page - Copal Electronics PG-20-103R-NVW2 Datasheet HTML 3Page - Copal Electronics PG-20-103R-NVW2 Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Output
Mode
Operation
Pressure setting
(Operating point)
Setting 1
Setting 2
(Lower limit) : Setting 1
(Upper limit) : Setting 2
(Lower limit) : Setting 1
(Upper limit) : Setting 2
SW1
SW2
Separate mode
Window comparator mode
S- 1
S- 2
S- 3
S- 4
C- 5
C- 6
C- 7
C- 8
Separate
Window comparator
Separate
Window comparator
HI
LO
A
B
HI
LO
A
B
(HI operation)
LO operation
(A operation)
B operation
P1: SW1
P2: SW2
P1
P2
P1
P2
OFF
ON
ON
ON
ON
-Pr
OFF
OFF
OFF
Pr
-Pr
Pr
-Pr
Pr
HH
P1: SW1
P2: SW2
OFF
ON
-Pr
Pr
HH
HH
HH
H: Switch hysteresis、
P1= Setting 1 、P2= Setting 2
P1
≦P2 or P1≧P2
P1
≦P2–2H
PG-20
PRESSURE GAUGES
OUTLINE DIMENSIONS
Unless otherwise specified tolerance :
± 0.5 (Unit: mm)
O PG-20-***R/G-**W1
O PG-20-***R/G-**W2
Made in Japan
8Y1
Lot.
RANGE(-0.100
∼1.000)MPa
1.BROWN:POWER (12
∼24VDC10%)
4.BLUE :COMMON
PG-20-103R-N2W1
2.BLACK:SWITCH1(NPN 30V100mA)
3.WHITE:SWITCH2(NPN 30V100mA)
PG-20
M
S
Made in Japan
8Y1
Lot.
RANGE(-0.100
∼1.000)MPa
1.BROWN:POWER (24VDC10%)
4.BLUE :COMMON
PG-20-103R-N
AW2
2.BLACK:SWITCH1(NPN 30V100mA)
3.WHITE:ANALOG OUT (4
∼ 20mA)
PG-20
MPa
M S
10
10
10
10
φ 200.2
φ 18 0.2
φ 240.2
13
13
φ
4- 4.4(through)
O-ring installation
CW-40 made by Fujikin
4- 5.6(through)
O-ring installation
S5-70 made by Fujikin
φ
Y
M
12
L
11
Y
10
J
9
H
8
G
7
F
E
5
Year of manufacture: years ending in 0∼9
Month of manufacture
Production week:1∼6
A
1
D
4
C
3
B
2
month
Lot No. (Rabel)
Lot No. (Rabel)
6
Y
M
12
L
11
Y
10
J
9
H
8
G
7
F
E
5
Year of manufacture: years ending in 0∼9
Month of manufacture
Production week:1∼6
A
1
D
4
C
3
B
2
month
6
13
13
□38.15 1.15
□28.5 0.2
MPa
φ 200.2
φ 180.2
panel (PET)
Connector with lock mechanical Post (9Tnylon),
Housing (PBT) GH connector made by JST
Connector with lock mechanical Post (9Tnylon),
Housing (PBT) GH connector made by JST
Heat shrinkage tube
(Flame resisting polyolefin)
Heat shrinkage tube
(Flame resisting polyolefin)
4 core cable ( 3.7), L=2000 100
AWG26. UL-style(21101)
Sheath / Insulator: (No.halogen,
Flame resisting polyolefin)
φ
4 core cable ( 3.7), L=2000 100
AWG26. UL-style(21101)
Sheath / Insulator: (No.halogen,
Flame resisting polyolefin)
Fitting port:W1
1.5W-seal
Fitting port:W2
1.125W-seal
panel (PET)
Plate screw (SWRM)
Ni plating
Plate screw (SWRM)
Ni plating
Rabel (PET)
Rabel (PET)
Laminate seal (PET)
Laminate seal (PET)
Rotation mechanism
Radial ( 270
°)
Rotation mechanism
Radial ( 270
°)
Lot No.
Lot No.
SWITCH OUTPUT MODE
Note 1. In the Separate Mode, setting 1 corresponds to SW1, and
Setting 2 corresponds to SW2.
Note 2. In the Window Comparator Mode, the minimum value for
SW1 and SW2 corresponds to Setting 1 and the maximum
value corresponds to Setting 2.
Note 3. It becomes only “SW1” for one switch output specification.
In that cace, it displays it in the switch operation mode in
order of “S-1”“S-3”“C-5”“C-7”.


Similar Part No. - PG-20-103R-NVW2

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PG-20 COPAL-PG-20 Datasheet
846Kb / 6P
   For high vacuum pressure
PG-200 COPAL-PG-200 Datasheet
251Kb / 4P
   DIGITAL PRESSURE GAUGE
PG-200-101AH--P COPAL-PG-200-101AH--P Datasheet
129Kb / 8P
   PRESSURE GAUGES
PG-200-101AH--P COPAL-PG-200-101AH--P Datasheet
129Kb / 8P
   PRESSURE GAUGES
PG-200-101AH-3-P COPAL-PG-200-101AH-3-P Datasheet
129Kb / 8P
   PRESSURE GAUGES
More results

Similar Description - PG-20-103R-NVW2

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PG-35 COPAL-PG-35_16 Datasheet
191Kb / 6P
   PRESSURE GAUGES
PG-30 COPAL-PG-30 Datasheet
124Kb / 6P
   PRESSURE GAUGES
PG-35H COPAL-PG-35H_16 Datasheet
108Kb / 4P
   PRESSURE GAUGES
PG-200 COPAL-PG-200_16 Datasheet
129Kb / 8P
   PRESSURE GAUGES
PG-208 COPAL-PG-208_16 Datasheet
129Kb / 8P
   PRESSURE GAUGES
PG-35L COPAL-PG-35L_16 Datasheet
126Kb / 4P
   PRESSURE GAUGES
logo
Ralston Instruments.
QTHA-HCBL-45 RALSTON-QTHA-HCBL-45 Datasheet
645Kb / 1P
   Connect to pressure gauges, pressure calibrators and adapters easily and quickly
logo
Extech Instruments Corp...
475040 EXTECH-475040_15 Datasheet
367Kb / 1P
   Digital Forge Gauges
TKG150 EXTECH-TKG150 Datasheet
963Kb / 2P
   Ultrasonic Thickness Gauges
475044 EXTECH-475044_15 Datasheet
367Kb / 1P
   Digital Forge Gauges
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com