Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1764 Datasheet(PDF) 2 Page - Linear Integrated Systems

Part # LT1764
Description  800mA Single Resistor Rugged Linear Regulator with Monitors
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1764 Datasheet(HTML) 2 Page - Linear Integrated Systems

  LT1764 Datasheet HTML 1Page - Linear Integrated Systems LT1764 Datasheet HTML 2Page - Linear Integrated Systems LT1764 Datasheet HTML 3Page - Linear Integrated Systems LT1764 Datasheet HTML 4Page - Linear Integrated Systems LT1764 Datasheet HTML 5Page - Linear Integrated Systems LT1764 Datasheet HTML 6Page - Linear Integrated Systems LT1764 Datasheet HTML 7Page - Linear Integrated Systems LT1764 Datasheet HTML 8Page - Linear Integrated Systems LT1764 Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LT3089
2
3089f
For more information www.linear.com/LT3089
ABSOLUTE MAXIMUM RATINGS
IN Pin to OUT Pin Differential Voltage.....................±40V
SET Pin Current (Note 6) .....................................±25mA
SET Pin Voltage (Relative to OUT, Note 6) .............. ±10V
TEMP Pin Voltage (Relative to OUT) .................1V, –40V
ILIM Pin Voltage (Relative to OUT) .........................±0.2V
IMON Pin Voltage (Relative to OUT)...................1V, –40V
Output Short-Circuit Duration.......................... Indefinite
(Note 1) All voltages Relative to VOUT.
TOP VIEW
13
OUT
DF PACKAGE
12-LEAD (4mm
× 4mm) PLASTIC DFN
12
11
8
9
10
4
5
3
2
1
IN
IN
IN
IN
TEMP
IMON
OUT
OUT
OUT
OUT
ILIM
SET 6
7
TJMAX = 125°C, θJA = 41°C/W, θJC = 1.6°C/W
EXPOSED PAD (PIN 13) IS OUT, MUST BE SOLDERED TO PCB
FE PACKAGE
16-LEAD PLASTIC TSSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
OUT
OUT
OUT
OUT
OUT
ILIM
SET
OUT
OUT
IN
IN
IN
IN
TEMP
IMON
OUT
17
OUT
TJMAX = 125°C, θJA = 35°C/W, θJC = 2.3°C/W
EXPOSED PAD (PIN 17) IS OUT, MUST BE SOLDERED TO PCB
R PACKAGE
7-LEAD PLASTIC DD
FRONT VIEW
TAB IS
OUT
NC
IN
TEMP
OUT
IMON
SET
ILIM
7
6
5
4
3
2
1
TJMAX = 125°C, θJA = 34°C/W, θJC = 3°C/W
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3089EDF#PBF
LT3089EDF#TRPBF
3089
12-Lead (4mm × 4mm) Plastic DFN
–40°C to 125°C
LT3089IDF#PBF
LT3089IDF#TRPBF
3089
12-Lead (4mm × 4mm) Plastic DFN
–40°C to 125°C
LT3089EFE#PBF
LT3089EFE#TRPBF
3089FE
16-Lead Plastic TSSOP
–40°C to 125°C
LT3089IFE#PBF
LT3089IFE#TRPBF
3089FE
16-Lead Plastic TSSOP
–40°C to 125°C
LT3089ER#PBF
LT3089ER#TRPBF
LT3089R
7-Lead Plastic DD-Pak
–40°C to 125°C
LT3089IR#PBF
LT3089IR#TRPBF
LT3089R
7-Lead Plastic DD-Pak
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/. Some packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.
Operating Junction Temperature Range (Note 2)
E-, I-Grades ....................................... –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
FE, R Packages Only.........................................300°C


Similar Part No. - LT1764

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1764 LINER-LT1764 Datasheet
213Kb / 16P
   3A, Fast Transient Response, Low Noise,LDO Regulators
LT1764 LINER-LT1764 Datasheet
192Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
LT1764 LINER-LT1764 Datasheet
208Kb / 16P
   1.1A, Low Noise, Low Dropout Linear Regulator
LT1764 LINER-LT1764 Datasheet
351Kb / 28P
   Adjustable 3A Single Resistor Low Dropout Regulator
LT1764 LINER-LT1764 Datasheet
286Kb / 20P
   3A, Fast Transient Response, Low Noise,LDO Regulators
More results

Similar Description - LT1764

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3089 LINER-LT3089 Datasheet
1Mb / 28P
   800mA Single Resistor Rugged Linear Regulator with Monitors
LT3089EDF LINER-LT3089EDF Datasheet
685Kb / 6P
   800mA Rugged Linear Regulator with Monitors
LT3088 LINER-LT3088_15 Datasheet
710Kb / 26P
   800mA Single Resistor Rugged Linear Regulator
LT3088EDD LINER-LT3088EDD Datasheet
627Kb / 6P
   800mA Single Resistor Rugged Linear Regulator
LT3088 LINER-LT3088 Datasheet
558Kb / 26P
   800mA Single Resistor Rugged Linear Regulator
LT3081 LINER-LT3081_15 Datasheet
469Kb / 32P
   1.5A Single Resistor Rugged Linear Regulator with Monitors
LT3081 LINER-LT3081 Datasheet
287Kb / 6P
   1.5A Single Resistor Rugged Linear Regulator with Monitors
logo
Linear Dimensions Semic...
LT3081 LINEAR_DIMENSIONS-LT3081 Datasheet
1Mb / 28P
   1.5A Single Resistor Rugged Linear Regulator with Monitors
logo
ACE Technology Co., LTD...
ACE51117C ACE-ACE51117C Datasheet
202Kb / 3P
   800mA Bipolar Linear Regulator
VER 1.1
logo
SHIKUES Electronics
SK1117A SKTECHNOLGY-SK1117A Datasheet
2Mb / 6P
   800mA Bipolar Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com