Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA3229-E1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # SA3229-E1
Description  Preconfigured DSP System
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SA3229-E1 Datasheet(HTML) 1 Page - ON Semiconductor

  SA3229-E1 Datasheet HTML 1Page - ON Semiconductor SA3229-E1 Datasheet HTML 2Page - ON Semiconductor SA3229-E1 Datasheet HTML 3Page - ON Semiconductor SA3229-E1 Datasheet HTML 4Page - ON Semiconductor SA3229-E1 Datasheet HTML 5Page - ON Semiconductor SA3229-E1 Datasheet HTML 6Page - ON Semiconductor SA3229-E1 Datasheet HTML 7Page - ON Semiconductor SA3229-E1 Datasheet HTML 8Page - ON Semiconductor SA3229-E1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© Semiconductor Components Industries, LLC, 2016
May, 2016 − Rev. 0
1
Publication Order Number:
SA3229/D
RHYTHM SA3229
Preconfigured DSP System
for Hearings Aids
Description
The RHYTHM
t SA3229 hybrid from ON Semiconductor is
a trimmer−configurable DSP system based on a four−channel
compression circuit featuring a feedback cancellation algorithm.
Based on a phase cancellation method, SA3229’s adaptive feedback
reduction algorithm provides added stable gain to enable extra gain
and user comfort. It features rapid adjustment for dynamic feedback
situations and resistance to tonal inputs.
In addition to these adaptive algorithms, SA3229 also supports the
following features: up to four channel WDRC, low−distortion
compression limiting, cross fading between audio paths for click−free
memory changes, eight−band graphic equalizer, eight configurable
generic biquad filters, programming speed enhancements, in−channel
squelch to attenuate microphone and circuit noise in quiet
environments, optional peak clipping, flexible compression
adjustments, volume control, rocker switch, noise generation for
Tinnitus treatment, and industry−leading security features to avoid
cloning and software piracy.
A trimmer interface supports manual circuit configuration. It
continuously monitors trimmer positions and translates them into
the hearing−aid parameters of choice. A Serial Data or I2C Interface
provides full programmability at the factory and in the field.
RHYTHM SA3229 is a single−chip hybrid with a one−time
programmable (OTP) memory intended for low cost applications
requiring high gain.
Features
Adaptive Feedback Cancellation
WDRC Compression with Choice of 1, 2 or 4 Channels of
Compression
Auto Telecoil with Programmable Delay
EVOKE LITEt Acoustic Indicators
Noise Generator for Tinnitus Treatment or In−Situ Audiometry
Frequency Response Shaping with Graphic EQ
Trimmer Compatibility – Four Three−Terminal Trimmers with
Configurable Assignments of Control Parameters
I2C and SDA Programming
Rocker Switch Support for Memory Change and/or Volume Control
Adjustment
Support for Active High or Active Low Switching
Analog or Digital Volume Control with Programmable Range
High Quality 20−bit Audio Processing
High Power/High Gain Capability
Configurable Low Battery Indicator
www.onsemi.com
SIP25
HYBRID
CASE 127DZ
PAD CONNECTION
MARKING DIAGRAM
SA3229−E1
XXXXXX
SA3229
= Specific Device Code
E1
= RoHS Compliant Hybrid
XXXXXX = Work Order Number
(Bottom View)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
VIN1
19
TR4
20
TR3
21
TR2
22
TR1
23
N/C
25
24
VIN2
TIN
DAI
VC
D_VC
SDA
CLK
MS1
VREG
MGND
GND
PGND
OUT+
OUT−
VBP
VB
MS2
See detailed ordering and shipping information on page 13 of
this data sheet.
ORDERING INFORMATION


Similar Part No. - SA3229-E1

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SA32-11SRWA KINGBRIGHT-SA32-11SRWA Datasheet
61Kb / 3P
   8mm (0.32INCH) SINGLE DIGIT NUMERIC DISPLAY
logo
List of Unclassifed Man...
SA3244 ETC2-SA3244 Datasheet
96Kb / 2P
   Screw Terminal Inserts - fit all body styles
logo
ON Semiconductor
SA3286 ONSEMI-SA3286 Datasheet
289Kb / 16P
   Pre-configured DSP System
July, 2015 ??Rev. 2
SA3286-E1 ONSEMI-SA3286-E1 Datasheet
289Kb / 16P
   Pre-configured DSP System
July, 2015 ??Rev. 2
SA3286-E1-T ONSEMI-SA3286-E1-T Datasheet
289Kb / 16P
   Pre-configured DSP System
July, 2015 ??Rev. 2
More results

Similar Description - SA3229-E1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
GB3225 ONSEMI-GB3225 Datasheet
113Kb / 7P
   Preconfigured DSP System
February, 2014 ??Rev. 2
R3710 ONSEMI-R3710_16 Datasheet
147Kb / 18P
   Preconfigured DSP System
June, 2016 ??Rev. 6
R3910 ONSEMI-R3910 Datasheet
172Kb / 22P
   Preconfigured DSP System
August, 2015 ??Rev. 9
GB3221 ONSEMI-GB3221 Datasheet
121Kb / 8P
   Preconfigured DSP System
February, 2014 ??Rev. 2
SB3229 ONSEMI-SB3229 Datasheet
135Kb / 17P
   Preconfigured DSP System
November, 2014 ??Rev. 5
SB3230 ONSEMI-SB3230 Datasheet
132Kb / 17P
   Preconfigured DSP System
November, 2014 ??Rev. 3
R3920 ONSEMI-R3920 Datasheet
219Kb / 13P
   Preconfigured DSP System
August, 2015 ??Rev. 4
GA3224 ONSEMI-GA3224 Datasheet
115Kb / 7P
   Preconfigured DSP System
February, 2014 ??Rev. 2
R3710 ONSEMI-R3710 Datasheet
147Kb / 18P
   Preconfigured DSP System
December, 2015 ??Rev. 5
SA3291 ONSEMI-SA3291_16 Datasheet
181Kb / 21P
   Preconfigured Wireless DSP System
April, 2016 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com