Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS3408G Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # BTS3408G
Description  Smart Low Side Power Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS3408G Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button BTS3408G_13 Datasheet HTML 6Page - Infineon Technologies AG BTS3408G_13 Datasheet HTML 7Page - Infineon Technologies AG BTS3408G_13 Datasheet HTML 8Page - Infineon Technologies AG BTS3408G_13 Datasheet HTML 9Page - Infineon Technologies AG BTS3408G_13 Datasheet HTML 10Page - Infineon Technologies AG BTS3408G_13 Datasheet HTML 11Page - Infineon Technologies AG BTS3408G_13 Datasheet HTML 12Page - Infineon Technologies AG BTS3408G_13 Datasheet HTML 13Page - Infineon Technologies AG BTS3408G_13 Datasheet HTML 14Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
HITFET® BTS3408G
Datasheet Rev. 1.4
11
2013-02-12
3. Typ. Short Circuit Current
I
D(lim) = f(Tj)
4. Typ. Supply current in Standby mode
I
S(stby) = f(Tj);VS = 5 V
5. Typ. Output leakage current
I
DSS = f(Tj);VS = 18 V; VDS = 60 V
0
0,5
1
1,5
2
-50 -25
0
2 5
5 0
75
1 00 125 15 0
I D(lim )
A
T j
°C
typ .
0
2
4
6
8
10
-5 0 -25
0
2 5
5 0
7 5
100 125 150
I S(stby)
μ A
T j
°C
typ .
0
0,4
0,8
1,2
1,6
2
-50 -25
0
2 5
5 0
75
1 00 125 15 0
I DSS
μA
T j
°C
typ .


Similar Part No. - BTS3408G_13

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS3408G INFINEON-BTS3408G_08 Datasheet
434Kb / 18P
   Smart Low Side Power Switch
Rev. 1.3 2008-01-09
More results

Similar Description - BTS3408G_13

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS3118N INFINEON-BTS3118N_08 Datasheet
277Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-1
BTS3205G INFINEON-BTS3205G Datasheet
399Kb / 21P
   Smart Low-Side Power Switch
Rev. 1.0, December 2007
BTS3410G INFINEON-BTS3410G_07 Datasheet
304Kb / 12P
   Smart Low Side Power Switch
Rev. 1.3, 2007-11-06
BTS141TC INFINEON-BTS141TC Datasheet
273Kb / 11P
   Smart Low Side Power Switch
Rev. 1.0, 2009-07-20
BSP77 INFINEON-BSP77_08 Datasheet
272Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-14
BTS3110N INFINEON-BTS3110N_08 Datasheet
278Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-1
BTS3408G INFINEON-BTS3408G_08 Datasheet
434Kb / 18P
   Smart Low Side Power Switch
Rev. 1.3 2008-01-09
BTS3028SDL INFINEON-BTS3028SDL Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3046SDR INFINEON-BTS3046SDR Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3104SDL INFINEON-BTS3104SDL Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3800SL INFINEON-BTS3800SL Datasheet
1Mb / 18P
   Smart Low Side Power Switch
Rev. 1.1, 2011-04-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com