Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS3060TF Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BTS3060TF
Description  Smart Low-Side Power Switch
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS3060TF Datasheet(HTML) 3 Page - Infineon Technologies AG

  BTS3060TF Datasheet HTML 1Page - Infineon Technologies AG BTS3060TF Datasheet HTML 2Page - Infineon Technologies AG BTS3060TF Datasheet HTML 3Page - Infineon Technologies AG BTS3060TF Datasheet HTML 4Page - Infineon Technologies AG BTS3060TF Datasheet HTML 5Page - Infineon Technologies AG BTS3060TF Datasheet HTML 6Page - Infineon Technologies AG BTS3060TF Datasheet HTML 7Page - Infineon Technologies AG BTS3060TF Datasheet HTML 8Page - Infineon Technologies AG BTS3060TF Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
PG-TO252-3
Type
Package
Marking
BTS3060TF
TO252-3
3060TF
Datasheet
3
Rev. 1.0, 2014-07-21
HITFET - BTS3060TF
Smart Low-Side Power Switch
BTS3060TF
1Overview
Application
Suitable for resistive, inductive and capacitive loads
Replaces electromechanical relays, fuses and discrete circuits
Most suitable for inductive loads as well as loads with inrush currents
Basic Features
Single channel device
Very low power DMOS leakage current in OFF state
Electrostatic discharge protection (ESD)
Green Product (RoHS compliant)
AEC Qualified
Description
The BTS3060TF is a 50 m
Ω single channel Smart Low-Side Power Switch with in a TO252-3 package providing
embedded protective functions. The power transistor is built by an N-channel vertical power MOSFET.
The device is monolithically integrated. The BTS3060TF is automotive qualified and is optimized for 12V
automotive applications.
Protection Functions
Latching over temperature protection
Active clamp over voltage protection
Current limitation
Table 1
Product Summary
Operating voltage range
V
OUT
3.0 .. 35.0 V
Maximum load voltage
V
BAT(LD)
42 V
Maximum input voltage
V
IN
5.5 V
Maximum On-State resistance at
T
J = 150°C, VIN = 5 V
R
DS(ON)
135 m
Ω
Nominal load current
I
L(NOM)
3 A
Minimum current limitation
I
L(LIM)
10.5 A
Maximum OFF state load current at
T
J = 25°C
I
L(OFF)
2 µA


Similar Part No. - BTS3060TF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS3018TC INFINEON-BTS3018TC Datasheet
1Mb / 22P
   18 mOhm single channel smart low side power switch for 12V & 24V Application
Rev. 1.0, 2015-02-11
BTS3028SDL INFINEON-BTS3028SDL Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3028SDR INFINEON-BTS3028SDR Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3035EJ INFINEON-BTS3035EJ Datasheet
1Mb / 45P
   Smart Low-Side Power Switch
Rev. 1.0 2016-09-12
BTS3035TF INFINEON-BTS3035TF Datasheet
1Mb / 39P
   Smart Low-Side Power Switch
Rev. 1.0 2016-06-01
More results

Similar Description - BTS3060TF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS3118N INFINEON-BTS3118N_08 Datasheet
277Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-1
BTS3205G INFINEON-BTS3205G Datasheet
399Kb / 21P
   Smart Low-Side Power Switch
Rev. 1.0, December 2007
BTS3410G INFINEON-BTS3410G_07 Datasheet
304Kb / 12P
   Smart Low Side Power Switch
Rev. 1.3, 2007-11-06
BTS141TC INFINEON-BTS141TC Datasheet
273Kb / 11P
   Smart Low Side Power Switch
Rev. 1.0, 2009-07-20
BSP77 INFINEON-BSP77_08 Datasheet
272Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-14
BTS3110N INFINEON-BTS3110N_08 Datasheet
278Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-1
BTS3408G INFINEON-BTS3408G_08 Datasheet
434Kb / 18P
   Smart Low Side Power Switch
Rev. 1.3 2008-01-09
BTS3028SDL INFINEON-BTS3028SDL Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3046SDR INFINEON-BTS3046SDR Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3104SDL INFINEON-BTS3104SDL Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3800SL INFINEON-BTS3800SL Datasheet
1Mb / 18P
   Smart Low Side Power Switch
Rev. 1.1, 2011-04-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com