Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS3018TC Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # BTS3018TC
Description  18 mOhm single channel smart low side power switch for 12V & 24V Application
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS3018TC Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button BTS3018TC Datasheet HTML 7Page - Infineon Technologies AG BTS3018TC Datasheet HTML 8Page - Infineon Technologies AG BTS3018TC Datasheet HTML 9Page - Infineon Technologies AG BTS3018TC Datasheet HTML 10Page - Infineon Technologies AG BTS3018TC Datasheet HTML 11Page - Infineon Technologies AG BTS3018TC Datasheet HTML 12Page - Infineon Technologies AG BTS3018TC Datasheet HTML 13Page - Infineon Technologies AG BTS3018TC Datasheet HTML 14Page - Infineon Technologies AG BTS3018TC Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
HITFET - BTS3018TC
Smart low side power switch
Input and Power Stage
Datasheet
11
Rev. 1.0, 2015-02-11
Figure 7 shows the typical transfer characteristic of BTS3018TC
Figure 7
Typical Transfer Characteristic
I
L = f(VIN); VOUT = 13.5 V, TJ(0) = 25 °C
5.1.1
Failure Feedback
During failure condition the BTS3018TC sinks the increased current
I
IN(FAULT).
5.2
Power stage
5.2.1
Output On-state Resistance
The on-state resistance depends on the junction temperature
T
J and on the applied input voltage. The following
Figures show this dependencies for the typical on-state resistance
R
DS(ON).
Figure 8
Typical On-State Resistance,
R
DS(ON) = f(TJ), VIN = 10 V
0
5
10
15
20
25
30
35
40
45
50
1,5
2,5
3,5
4,5
5,5
6,5
7,5
8,5
9,5
VIN [V]
-40 °C
25 °C
150 °C
0
0,005
0,01
0,015
0,02
0,025
0,03
-40
-20
0
25456585
105
125
145
Tj [°C]


Similar Part No. - BTS3018TC

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS3028SDL INFINEON-BTS3028SDL Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3028SDR INFINEON-BTS3028SDR Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3035EJ INFINEON-BTS3035EJ Datasheet
1Mb / 45P
   Smart Low-Side Power Switch
Rev. 1.0 2016-09-12
BTS3035TF INFINEON-BTS3035TF Datasheet
1Mb / 39P
   Smart Low-Side Power Switch
Rev. 1.0 2016-06-01
BTS3046SDL INFINEON-BTS3046SDL Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
More results

Similar Description - BTS3018TC

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HITFET-BTS3104SDR INFINEON-HITFET-BTS3104SDR Datasheet
1Mb / 22P
   104 mOhm single channel smart low side power switch for 12V & 24V Application
Rev. 1.0, 2009-12-06
BTT6050-1EKA INFINEON-BTT6050-1EKA_15 Datasheet
2Mb / 54P
   Smart High-Side Power Switch Single Channel
Rev. 1.1, 2015-03-04
BTT6020-1EKA INFINEON-BTT6020-1EKA_15 Datasheet
2Mb / 54P
   Smart High-Side Power Switch Single Channel
Rev. 1.1, 2015-03-04
BTT6010-1EKB INFINEON-BTT6010-1EKB_15 Datasheet
1Mb / 48P
   Smart High-Side Power Switch Single Channel
Rev. 1.0, 2015-10-01
BTS7004-1EPP INFINEON-BTS7004-1EPP Datasheet
1Mb / 57P
   PROFET??2 12V Smart High-Side Power Switch
Rev. 1.01.01 2019-04-29
BTS3118N INFINEON-BTS3118N_08 Datasheet
277Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-1
BTS3205G INFINEON-BTS3205G Datasheet
399Kb / 21P
   Smart Low-Side Power Switch
Rev. 1.0, December 2007
BTS3410G INFINEON-BTS3410G_07 Datasheet
304Kb / 12P
   Smart Low Side Power Switch
Rev. 1.3, 2007-11-06
BTS141TC INFINEON-BTS141TC Datasheet
273Kb / 11P
   Smart Low Side Power Switch
Rev. 1.0, 2009-07-20
BSP77 INFINEON-BSP77_08 Datasheet
272Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com