Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9B500MUV Datasheet(PDF) 9 Page - Rohm

Part # BD9B500MUV
Description  Integrated MOSFET Single Synchronous Buck DC/DC Converter
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9B500MUV Datasheet(HTML) 9 Page - Rohm

Back Button BD9B500MUV Datasheet HTML 5Page - Rohm BD9B500MUV Datasheet HTML 6Page - Rohm BD9B500MUV Datasheet HTML 7Page - Rohm BD9B500MUV Datasheet HTML 8Page - Rohm BD9B500MUV Datasheet HTML 9Page - Rohm BD9B500MUV Datasheet HTML 10Page - Rohm BD9B500MUV Datasheet HTML 11Page - Rohm BD9B500MUV Datasheet HTML 12Page - Rohm BD9B500MUV Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
9/30
© 2016 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111
• 15 • 001
TSZ02201-0J3J0AJ01280-1-2
25.May.2016 Rev.001
BD9B500MUV
Typical Performance Curves
- continued
Figure 14. FREQ Threshold vs Temperature
Figure 15. FREQ Input Current vs Temperature
Figure 12. EN Threshold vs Temperature
Figure 13. EN Input Current vs Temperature
0.5
1.0
1.5
2.0
2.5
3.0
3.5
-40
-20
0
20
40
60
80
Temperature [°C]
VIN=5V
VIN=3.3V
0.0
0.5
1.0
1.5
2.0
2.5
-40
-20
0
20
40
60
80
Temperature [°C]
VIN=5V
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-40
-20
0
20
40
60
80
Temperature [°C]
UP
DOWN
0.0
2.0
4.0
6.0
8.0
10.0
-40
-20
0
20
40
60
80
Temperature [°C]
VIN=3.3V
VIN=5V
VIN=3.3V
VIN=5.0V
VIN =5.0V


Similar Part No. - BD9B500MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9B100MUV ROHM-BD9B100MUV Datasheet
1Mb / 33P
   2.7V to 5.5V Input, 1.0A Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9B200MUV ROHM-BD9B200MUV Datasheet
1Mb / 33P
   2.7V to 5.5V Input, 2.0A Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9B206NF-Z ROHM-BD9B206NF-Z Datasheet
3Mb / 45P
   2.7 V to 5.5 V Input, 2.0 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
01.Apr.2023 Rev.001
BD9B206NF-ZTR ROHM-BD9B206NF-ZTR Datasheet
3Mb / 45P
   2.7 V to 5.5 V Input, 2.0 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
01.Apr.2023 Rev.001
BD9B300MUV ROHM-BD9B300MUV Datasheet
1Mb / 33P
   Over Current Protection
More results

Similar Description - BD9B500MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9E302EFJ ROHM-BD9E302EFJ Datasheet
2Mb / 44P
   Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9B400MUV ROHM-BD9B400MUV Datasheet
1Mb / 34P
   Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD91364AMUU ROHM-BD91364AMUU Datasheet
926Kb / 31P
   Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD91364BMUU ROHM-BD91364BMUU Datasheet
1Mb / 31P
   5A Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9B100MUV ROHM-BD9B100MUV Datasheet
1Mb / 33P
   2.7V to 5.5V Input, 1.0A Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9D322QWZ ROHM-BD9D322QWZ Datasheet
3Mb / 40P
   4.5V to 18V Input, 3.0A Integrated MOSFET Single Synchronous Buck DC/DC Converter
BDF9A101MUV-LB ROHM-BDF9A101MUV-LB Datasheet
2Mb / 35P
   2.7V to 5.5V Input, 1A Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9A302QWZ ROHM-BD9A302QWZ Datasheet
3Mb / 40P
   2.7V to 5.5V Input, 3A Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9B600MUV ROHM-BD9B600MUV Datasheet
1Mb / 33P
   2.7V to 5.5V Input, 6.0A Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9B200MUV ROHM-BD9B200MUV Datasheet
1Mb / 33P
   2.7V to 5.5V Input, 2.0A Integrated MOSFET Single Synchronous Buck DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com