Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9E302EFJ-E2 Datasheet(PDF) 1 Page - Rohm

Part # BD9E302EFJ-E2
Description  Integrated MOSFET Single Synchronous Buck DC/DC Converter
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9E302EFJ-E2 Datasheet(HTML) 1 Page - Rohm

  BD9E302EFJ-E2 Datasheet HTML 1Page - Rohm BD9E302EFJ-E2 Datasheet HTML 2Page - Rohm BD9E302EFJ-E2 Datasheet HTML 3Page - Rohm BD9E302EFJ-E2 Datasheet HTML 4Page - Rohm BD9E302EFJ-E2 Datasheet HTML 5Page - Rohm BD9E302EFJ-E2 Datasheet HTML 6Page - Rohm BD9E302EFJ-E2 Datasheet HTML 7Page - Rohm BD9E302EFJ-E2 Datasheet HTML 8Page - Rohm BD9E302EFJ-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
Product structure:Silicon monolithic integrated circuit. ○This product is not designed for protection against radioactive rays.
1/41
TSZ02201-0J3J0AJ00890-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
27.Apr.2016 Rev.002
www.rohm.com
TSZ22111・14・001
Datasheet
7.0V〜28V Input, 3A Integrated MOSFET
Single Synchronous Buck DC/DC Converter
BD9E302EFJ
General Description
BD9E302EFJ is a synchronous buck switching regulator
with built-in power MOSFETs. High efficiency at light load
with a SLLMTM (Simple Light Load Mode). It is most
suitable for use in the equipment to reduce the standby
power is required. It is a current mode control DC/DC
converter and features high-speed transient response.
Phase compensation can also be set easily.
Features
Synchronous single DC/DC converter
SLLMTM control (Simple Light Load Mode)
Over current protection
Short circuit protection
Thermal shutdown protection
Under voltage lockout protection
Soft start
Reduce external diode
HTSOP-J8 package
Applications
Consumer applications such as home appliance
Secondary power supply and Adapter equipment
Telecommunication devices
 Key Specifications
Input voltage range:
7.0V to 28V
Output voltage range:
1.0V to VIN x 0.7V
Output current:
3.0 A (Max)
Switching frequency:
550 kHz (Typ)
High-Side MOSFET on-resistance:
90 mΩ (Typ)
Low-Side MOSFET on-resistance:
70 mΩ (Typ)
Shutdown current:
0 μA (Typ)
 Package
W (Typ) x D (Typ) x H (Max)
HTSOP-J8
4.90 mm x 6.00 mm x 1.00 mm
 Typical Application Circuit
Figure 1. Application circuit
HTSOP-J8


Similar Part No. - BD9E302EFJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9E300EFJ-LB ROHM-BD9E300EFJ-LB Datasheet
3Mb / 33P
   7.0V to 36V Input, 2.5A Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9E300EFJ-LBH2 ROHM-BD9E300EFJ-LBH2 Datasheet
3Mb / 33P
   7.0V to 36V Input, 2.5A Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9E301EFJ-LB ROHM-BD9E301EFJ-LB Datasheet
3Mb / 33P
   7.0V to 36V Input, 2.5A Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9E301EFJ-LBH2 ROHM-BD9E301EFJ-LBH2 Datasheet
3Mb / 33P
   7.0V to 36V Input, 2.5A Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9E303EFJ-LB ROHM-BD9E303EFJ-LB Datasheet
1Mb / 31P
   Over-Current Protection
More results

Similar Description - BD9E302EFJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9B400MUV ROHM-BD9B400MUV Datasheet
1Mb / 34P
   Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD91364AMUU ROHM-BD91364AMUU Datasheet
926Kb / 31P
   Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9B500MUV ROHM-BD9B500MUV Datasheet
2Mb / 34P
   Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD91364BMUU ROHM-BD91364BMUU Datasheet
1Mb / 31P
   5A Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9B100MUV ROHM-BD9B100MUV Datasheet
1Mb / 33P
   2.7V to 5.5V Input, 1.0A Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9D322QWZ ROHM-BD9D322QWZ Datasheet
3Mb / 40P
   4.5V to 18V Input, 3.0A Integrated MOSFET Single Synchronous Buck DC/DC Converter
BDF9A101MUV-LB ROHM-BDF9A101MUV-LB Datasheet
2Mb / 35P
   2.7V to 5.5V Input, 1A Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9A302QWZ ROHM-BD9A302QWZ Datasheet
3Mb / 40P
   2.7V to 5.5V Input, 3A Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9B600MUV ROHM-BD9B600MUV Datasheet
1Mb / 33P
   2.7V to 5.5V Input, 6.0A Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9B200MUV ROHM-BD9B200MUV Datasheet
1Mb / 33P
   2.7V to 5.5V Input, 2.0A Integrated MOSFET Single Synchronous Buck DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com