Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9E302EFJ-E2 Datasheet(PDF) 6 Page - Rohm

Part # BD9E302EFJ-E2
Description  Integrated MOSFET Single Synchronous Buck DC/DC Converter
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9E302EFJ-E2 Datasheet(HTML) 6 Page - Rohm

Back Button BD9E302EFJ-E2 Datasheet HTML 2Page - Rohm BD9E302EFJ-E2 Datasheet HTML 3Page - Rohm BD9E302EFJ-E2 Datasheet HTML 4Page - Rohm BD9E302EFJ-E2 Datasheet HTML 5Page - Rohm BD9E302EFJ-E2 Datasheet HTML 6Page - Rohm BD9E302EFJ-E2 Datasheet HTML 7Page - Rohm BD9E302EFJ-E2 Datasheet HTML 8Page - Rohm BD9E302EFJ-E2 Datasheet HTML 9Page - Rohm BD9E302EFJ-E2 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
6/41
Datasheet
Datasheet
BD9E302EFJ
TSZ02201-0J3J0AJ00890-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
27.Apr.2016 Rev.002
www.rohm.com
TSZ22111•15•001
 Recommended Operating Ratings
Parameter
Symbol
Rating
Unit
Min
Typ
Max
Supply Voltage
VIN
7.0
-
28
V
Output Current
IOUT
0
-
3.0
A
Output Voltage Range
VRANGE
1.0(Note 1)
-
VIN × 0.7
V
(Note 1) Please use it in I/O voltage setting of which output pulse width does not become 200nsec (Typ) or less.(The output voltage set method,
please refer to Page 30.)
 Electrical Characteristics(Ta = 25C, VIN 12 V, VEN = 3 V unless otherwise specified)
Parameter
Symbol
Limits
Unit
Conditions
Min
Typ
Max
Supply Current in Operating
IOPR
-
290
580
µA
VFB = 0.9V
No switching
Supply Current in Standby
ISTBY
-
0
10
µA
VEN = 0V
Reference Voltage
VFB
0.792
0.800
0.808
V
FB Input Current
IFB
-1
0
1
µA
VFB = 0.8V
Switching frequency
FOSC
484
550
616
kHz
High-side FET on-resistance
RONH
-
90
-
mΩ
ISW = 100mA
Low-side FET on-resistance
RONL
-
70
-
mΩ
ISW = 100mA
Over Current limit
ILIMIT
-
5.2
-
A
UVLO detection voltage
VUVLO
6.0
6.4
6.7
V
VIN falling
UVLO hysteresis voltage
VUVLOHYS
100
200
300
mV
EN high-level input voltage
VENH
2.5
-
VIN
V
EN low-level input voltage
VENL
0
-
0.8
V
EN Input current
IEN
2
4
8
µA
VEN = 3V
Soft Start time
TSS
1.2
2.5
5.0
msec
● VFB : FB Input Voltage. VEN : EN Input Voltage.


Similar Part No. - BD9E302EFJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9E300EFJ-LB ROHM-BD9E300EFJ-LB Datasheet
3Mb / 33P
   7.0V to 36V Input, 2.5A Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9E300EFJ-LBH2 ROHM-BD9E300EFJ-LBH2 Datasheet
3Mb / 33P
   7.0V to 36V Input, 2.5A Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9E301EFJ-LB ROHM-BD9E301EFJ-LB Datasheet
3Mb / 33P
   7.0V to 36V Input, 2.5A Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9E301EFJ-LBH2 ROHM-BD9E301EFJ-LBH2 Datasheet
3Mb / 33P
   7.0V to 36V Input, 2.5A Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9E303EFJ-LB ROHM-BD9E303EFJ-LB Datasheet
1Mb / 31P
   Over-Current Protection
More results

Similar Description - BD9E302EFJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9B400MUV ROHM-BD9B400MUV Datasheet
1Mb / 34P
   Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD91364AMUU ROHM-BD91364AMUU Datasheet
926Kb / 31P
   Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9B500MUV ROHM-BD9B500MUV Datasheet
2Mb / 34P
   Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD91364BMUU ROHM-BD91364BMUU Datasheet
1Mb / 31P
   5A Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9B100MUV ROHM-BD9B100MUV Datasheet
1Mb / 33P
   2.7V to 5.5V Input, 1.0A Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9D322QWZ ROHM-BD9D322QWZ Datasheet
3Mb / 40P
   4.5V to 18V Input, 3.0A Integrated MOSFET Single Synchronous Buck DC/DC Converter
BDF9A101MUV-LB ROHM-BDF9A101MUV-LB Datasheet
2Mb / 35P
   2.7V to 5.5V Input, 1A Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9A302QWZ ROHM-BD9A302QWZ Datasheet
3Mb / 40P
   2.7V to 5.5V Input, 3A Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9B600MUV ROHM-BD9B600MUV Datasheet
1Mb / 33P
   2.7V to 5.5V Input, 6.0A Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9B200MUV ROHM-BD9B200MUV Datasheet
1Mb / 33P
   2.7V to 5.5V Input, 2.0A Integrated MOSFET Single Synchronous Buck DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com