Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8152FVM Datasheet(PDF) 10 Page - Rohm

Part # BD8152FVM
Description  Boost Converter with Integrated FET
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8152FVM Datasheet(HTML) 10 Page - Rohm

Back Button BD8152FVM_14 Datasheet HTML 6Page - Rohm BD8152FVM_14 Datasheet HTML 7Page - Rohm BD8152FVM_14 Datasheet HTML 8Page - Rohm BD8152FVM_14 Datasheet HTML 9Page - Rohm BD8152FVM_14 Datasheet HTML 10Page - Rohm BD8152FVM_14 Datasheet HTML 11Page - Rohm BD8152FVM_14 Datasheet HTML 12Page - Rohm BD8152FVM_14 Datasheet HTML 13Page - Rohm BD8152FVM_14 Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
BD8152FVM
BD8158FVM
Application Information
1. Description of Operation of Each Block
(1) Error Amp (ERR)
This is the circuit used to compare the reference voltage 1.245V(Typ) and the feedback voltage of output. Switching
duty is decided by the COMP pin voltage which is connected to the error amp output. During start-up, since the soft
start is operated by the SS pin voltage, the COMP pin voltage is limited to SS pin voltage.
(2) Oscillator (OSC)
This block generates the oscillating frequency. It is possible to select 600kHz/1.2MHz(Typ) via fCLK pin.
(3) SLOPE
This block generates the triangular waveform from the clock generated by OSC. Generated triangular waveform is
fed to the PWM comparator.
(4) PWM
The output COMP voltage of the error amp and the triangular waveform of the SLOPE block are compared to set the
switching duty. Since the switching duty is limited by the maximum duty ratio which is set internally, it does not
become 100%.
(5) Reference Voltage (VREF)
This block generates the internal reference voltage of 1.245V(Typ).
(6) Protection Circuit (UVLO/TSD)
UVLO (under-voltage lockout protection circuit) shuts down the circuit when the voltage is equal or lower than
2.2V(Typ) for BD8152FVM and 1.8V(Typ) for BD8158FVM. Thermal shutdown circuit shuts down IC’s operation at
175°C(Typ) and recovers at 160°C (Typ).
(7) Over-Current Protection Circuit (OCP)
Current flowing to the power FET is detected by voltage at the CURRENT SENSE and the Over-Current protection
operates at 3A(Typ). When the Over-Current protection activates, the switching is turned OFF and the SS pin
capacity is discharged.
(8) Soft-Start Circuit
Since the output voltage rises gradually while restricting the current at the time of startup, it is possible to prevent the
output voltage overshoot or the inrush current.
VCC
VOUT
UVLO/TSD
+
SENSE
CURRE NT
1.245V
SW
VCC
GND
FCLK
SS
PWM
+
-
8
7
6
5
OSC
SLOPE
Set
DRV
SDWN
LOGIC
Reset
ERR
- +
START
SOFT
1
2
3
4
COMP
FB
ENB
OCP
VREF
10uF
10uH
10uF
RB161M-20
C1
C2
0.01uF
C3
3300pF
R3
5.1kΩ
R1
110kΩ
R2
18kΩ
L1
D1
C0
9V
C4
100pF
VOUT
VCC
10/23
TSZ02201-0323AAJ00550-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
09.Sep.2014 Rev.001
www.rohm.com
TSZ22111・15・001


Similar Part No. - BD8152FVM_14

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8152FVM ROHM-BD8152FVM_1 Datasheet
443Kb / 18P
   High-efficiency Step-up Switching Regulators with Built-in Power MOSFET
BD8152FVM ROHM-BD8152FVM_11 Datasheet
444Kb / 18P
   High-efficiency Step-up Switching Regulators with Built-in Power MOSFET
More results

Similar Description - BD8152FVM_14

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5331 FAIRCHILD-FAN5331 Datasheet
214Kb / 10P
   1.6MHz Boost Converter with 20V Integrated FET Switch
logo
Texas Instruments
LP8543 TI-LP8543 Datasheet
1Mb / 40P
[Old version datasheet]   High-Voltage DC/DC Boost Converter With Integrated FET
logo
uPI Group Inc.
UP6663 UPI-UP6663 Datasheet
774Kb / 17P
   Integrated Boost Converter
logo
Rohm
BD9325FJ-LB ROHM-BD9325FJ-LB Datasheet
1Mb / 23P
   Buck Converter with Integrated FET
BD9325FJ ROHM-BD9325FJ_14 Datasheet
1Mb / 23P
   Buck Converter with Integrated FET
logo
Maxim Integrated Produc...
MAX9738 MAXIM-MAX9738 Datasheet
335Kb / 14P
   Integrated Inverting Boost Converter
Rev 0; 3/08
logo
Texas Instruments
DRV8662 TI1-DRV8662 Datasheet
54Kb / 2P
[Old version datasheet]   Piezo Haptic Driver with Integrated Boost Converter
JUNE2011
DRV8662 TI1-DRV8662_12 Datasheet
367Kb / 4P
[Old version datasheet]   Piezo Haptic Driver with Integrated Boost Converter
logo
Active-Semi, Inc
ACT510X ACTIVE-SEMI-ACT510X Datasheet
578Kb / 37P
   23V Buck-Boost Converter with Integrated MOSFETs
Rev 1.0, 24-Apr-2018
logo
Texas Instruments
TPS2500 TI-TPS2500 Datasheet
1Mb / 42P
[Old version datasheet]   INTEGRATED USB POWER SWITCH WITH BOOST CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com