Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8162AEKV Datasheet(PDF) 1 Page - Rohm

Part # BD8162AEKV
Description  Multi-channel System Power Supply IC Gamma Buffer
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8162AEKV Datasheet(HTML) 1 Page - Rohm

  BD8162AEKV Datasheet HTML 1Page - Rohm BD8162AEKV Datasheet HTML 2Page - Rohm BD8162AEKV Datasheet HTML 3Page - Rohm BD8162AEKV Datasheet HTML 4Page - Rohm BD8162AEKV Datasheet HTML 5Page - Rohm BD8162AEKV Datasheet HTML 6Page - Rohm BD8162AEKV Datasheet HTML 7Page - Rohm BD8162AEKV Datasheet HTML 8Page - Rohm BD8162AEKV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
○Product structure:Silicon monolithic integrated circuit ○This product has no designed protection against radioactive rays
1/26
TSZ02201-0323AAF00690-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
15.Feb.2016 Rev.001
TSZ22111・14・001
www.rohm.com
Power Supply IC Series for TFT-LCD Panels
Multi-channel
System Power Supply IC + Gamma Buffer
BD8162AEKV
General Description
The BD8162AEKV is a system power supply IC that
provides control 6 power supply channels and 4 gamma
output channels + VCOM required for TFT-LCD panels on
a single chip. All channels have built-in control input and
Power-Good output functions, enabling free sequence
control setting just by changing channels. In addition, the
BD8162AEKV is a user-friendly IC incorporating input
switch, short-circuit protection, and protection detection
output circuits.
Features
Step-up DC/DC Converter with Built-in 3A FET
Step-down DC/DC Converter with Built-in 2A FET
Synchronous Rectification Step-down DC/DC
Converter with Built-in 2A FET
3ch LDO Regulator (500mA, 200mA, 20mA)
Positive/Negative Charge Pumps
4ch Gamma Buffer Amplifier + VCOM
Protection Circuits:
 Under-Voltage Lockout Protection Circuit
 Thermal Shutdown Circuit
 Timer Latch Type Short-Circuit Protection Circuit
Controllable Startup Sequence
Applications
LCD TV power supplies
Key Specifications
Power Supply Voltage 1 Range:
4.2V to 14V
Oscillating Frequency:
200kHz to 800kHz(Variable)
Operating Temperature Range:
-40°C to +105°C
Package
W(Typ) x D(Typ) x H(Max)
HTQFP64V
12.00mm x 12.00mm x 1.00mm
Datasheet
Datasheet


Similar Part No. - BD8162AEKV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8160AEFV ROHM-BD8160AEFV Datasheet
422Kb / 19P
   12V Input Multi-channel System Power Supply IC
BD8160AEFV ROHM-BD8160AEFV Datasheet
966Kb / 21P
   12V Input Multi-channel System Power Supply IC
BD8160AEFV-E2 ROHM-BD8160AEFV-E2 Datasheet
422Kb / 19P
   12V Input Multi-channel System Power Supply IC
BD8160AEFV ROHM-BD8160AEFV_15 Datasheet
966Kb / 21P
   12V Input Multi-channel System Power Supply IC
BD8160EFV ROHM-BD8160EFV Datasheet
354Kb / 6P
   Main Power Supply For TFT-LCD Display Module
More results

Similar Description - BD8162AEKV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8150KVT ROHM-BD8150KVT_09 Datasheet
494Kb / 19P
   4-channel System Power Supply Gamma Buffer Amp IC
BM81028AMWV ROHM-BM81028AMWV Datasheet
1Mb / 48P
   Multi-Channel System Power Supply IC
logo
ON Semiconductor
LV5682P ONSEMI-LV5682P Datasheet
203Kb / 15P
   Multi-Power Supply System IC
July, 2013
logo
Rohm
BD8153EFV ROHM-BD8153EFV Datasheet
445Kb / 18P
   5V Input Multi-channel System Power Supply IC
BD8160AEFV ROHM-BD8160AEFV Datasheet
422Kb / 19P
   12V Input Multi-channel System Power Supply IC
BD8179MUV ROHM-BD8179MUV Datasheet
409Kb / 13P
   5V Input Multi-channel System Power Supply IC
BD8166EFV ROHM-BD8166EFV Datasheet
447Kb / 18P
   12V Input Multi-channel System Power Supply IC
BD9862MUV ROHM-BD9862MUV Datasheet
542Kb / 17P
   5V Input Multi-channel System Power Supply IC
BD8160AEFV ROHM-BD8160AEFV_15 Datasheet
966Kb / 21P
   12V Input Multi-channel System Power Supply IC
BM81110MUW ROHM-BM81110MUW Datasheet
3Mb / 50P
   12V Input Multi-Channel System Power Supply IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com