Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8158FVM-TR Datasheet(PDF) 5 Page - Rohm

Part # BD8158FVM-TR
Description  Boost Converter with Integrated FET
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8158FVM-TR Datasheet(HTML) 5 Page - Rohm

  BD8158FVM-TR Datasheet HTML 1Page - Rohm BD8158FVM-TR Datasheet HTML 2Page - Rohm BD8158FVM-TR Datasheet HTML 3Page - Rohm BD8158FVM-TR Datasheet HTML 4Page - Rohm BD8158FVM-TR Datasheet HTML 5Page - Rohm BD8158FVM-TR Datasheet HTML 6Page - Rohm BD8158FVM-TR Datasheet HTML 7Page - Rohm BD8158FVM-TR Datasheet HTML 8Page - Rohm BD8158FVM-TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
BD8152FVM
BD8158FVM
Typical Performance Curves
(Unless otherwise specified, Ta = 25°C)
Figure 4. Supply Current vs Supply Voltage
125°C
25°C
-40°C
Supply Voltage: VCC [V]
-2.000
-1.500
-1.000
-0.500
0.000
0.500
1.000
1.500
2.000
0
1
2
3
4
SUPPLY VOLTAGE:Vcc [V]
Figure 5. Standby Current vs Supply Voltage
Supply Voltage: VCC [V]
125°C
25°C
-40°C
1.230
1.235
1.240
1.245
1.250
1.255
1.260
-40
-15
10
35
60
85
110
AMBIENT TEMPERATURE:Ta [℃]
Figure 6. Reference Voltage vs Temperature
Ambient Temperature: Ta[°C]
Figure 7. SS Current vs SS Voltage
-20
-16
-12
-8
-4
0
0
0.5
1
1.5
2
SS VOLTAGE:VSS[V]
SS Voltage: VSS[V]
5/23
TSZ02201-0323AAJ00550-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
09.Sep.2014 Rev.001
www.rohm.com
TSZ22111・15・001


Similar Part No. - BD8158FVM-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8158FVM-TR ROHM-BD8158FVM-TR Datasheet
849Kb / 18P
   High-efficiency Step-up Switching Regulators with Built-in Power MOSFET
More results

Similar Description - BD8158FVM-TR

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5331 FAIRCHILD-FAN5331 Datasheet
214Kb / 10P
   1.6MHz Boost Converter with 20V Integrated FET Switch
logo
Texas Instruments
LP8543 TI-LP8543 Datasheet
1Mb / 40P
[Old version datasheet]   High-Voltage DC/DC Boost Converter With Integrated FET
logo
uPI Group Inc.
UP6663 UPI-UP6663 Datasheet
774Kb / 17P
   Integrated Boost Converter
logo
Rohm
BD9325FJ-LB ROHM-BD9325FJ-LB Datasheet
1Mb / 23P
   Buck Converter with Integrated FET
BD9325FJ ROHM-BD9325FJ_14 Datasheet
1Mb / 23P
   Buck Converter with Integrated FET
logo
Maxim Integrated Produc...
MAX9738 MAXIM-MAX9738 Datasheet
335Kb / 14P
   Integrated Inverting Boost Converter
Rev 0; 3/08
logo
Texas Instruments
DRV8662 TI1-DRV8662 Datasheet
54Kb / 2P
[Old version datasheet]   Piezo Haptic Driver with Integrated Boost Converter
JUNE2011
DRV8662 TI1-DRV8662_12 Datasheet
367Kb / 4P
[Old version datasheet]   Piezo Haptic Driver with Integrated Boost Converter
logo
Active-Semi, Inc
ACT510X ACTIVE-SEMI-ACT510X Datasheet
578Kb / 37P
   23V Buck-Boost Converter with Integrated MOSFETs
Rev 1.0, 24-Apr-2018
logo
Texas Instruments
TPS2500 TI-TPS2500 Datasheet
1Mb / 42P
[Old version datasheet]   INTEGRATED USB POWER SWITCH WITH BOOST CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com