Electronic Components Datasheet Search |
|
BD8303MUV Datasheet(PDF) 4 Page - Rohm |
|
BD8303MUV Datasheet(HTML) 4 Page - Rohm |
4 / 27 page 4/23 BD8303MUV © 2014 ROHM Co., Ltd. All rights reserved. www.rohm.com TSZ22111・15・001 TSZ02201-0Q3Q0NZ00320-1-2 16.Feb.2015 Rev.002 Absolute Maximum Ratings Parameter Symbol Rating Unit Maximum Applied Power Voltage VCC 15 V VREG 7 V Between VBOOT1 , VBOOT2 and VSW1, VSW2 7 V Between VBOOT1 , VBOOT2 and GND 20 V VSW1 and VSW2 15 V Power Dissipation Pd 0.62 (Note 1) W Operating Temperature Range Topr -25 to +85 °C Storage Temperature Range Tstg -55 to +150 °C Junction Temperature Tjmax +150 °C (Note 1) When installed on a 70.0 mm x 70.0 mm x 1.6 mm glass epoxy board. The rating is reduced by 4.96 mW/°C at Ta = 25°C or more. Caution: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is operated over the absolute maximum ratings. Recommended Operating Conditions Parameter Symbol Standard Value Unit Min Typ Max Power Supply Voltage Range VCC 2.7 - 14 V Output Voltage Range VOUT 1.8 - 12 V Oscillation Frequency Range fOSC 0.2 0.6 1.0 MHz |
Similar Part No. - BD8303MUV_15 |
|
Similar Description - BD8303MUV_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |