Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8303MUV-E2 Datasheet(PDF) 2 Page - Rohm

Part # BD8303MUV-E2
Description  Synchronous Buck-Boost Controller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8303MUV-E2 Datasheet(HTML) 2 Page - Rohm

  BD8303MUV-E2 Datasheet HTML 1Page - Rohm BD8303MUV-E2 Datasheet HTML 2Page - Rohm BD8303MUV-E2 Datasheet HTML 3Page - Rohm BD8303MUV-E2 Datasheet HTML 4Page - Rohm BD8303MUV-E2 Datasheet HTML 5Page - Rohm BD8303MUV-E2 Datasheet HTML 6Page - Rohm BD8303MUV-E2 Datasheet HTML 7Page - Rohm BD8303MUV-E2 Datasheet HTML 8Page - Rohm BD8303MUV-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
2/23
BD8303MUV
© 2014 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
TSZ02201-0Q3Q0NZ00320-1-2
16.Feb.2015 Rev.002
Pin Configuration
Pin Descriptions
Block Diagram
Pin No.
Pin Name
Function
1
RT
Oscillation frequency set terminal
2
INV
Error AMP input terminal
3
FB
Error AMP output terminal
4
GND
Ground terminal
5
STB
ON/OFF terminal
6
BOOT2
Output side high-side driver input terminal
7
HG2
Output side high-side FET gate drive terminal
8
SW2
Output side coil connecting terminal
9
LG2
Output side low-side FET gate drive terminal
10
PGND
Driver part ground terminal
11
LG1
Input side low-side FET gate drive terminal
12
SW1
Input side coil connecting terminal
13
HG1
Input side high-side FET gate drive terminal
14
BOOT1
Input side high-side driver input terminal
15
REG
5V Internal regulator output terminal
16
VCC
Power input terminal
TOP VIEW
RT
INV
FB
GND
SW1
LG1
LG2
PGND
REG
TIMING
CONTROL
TIMING
CONTROL


Similar Part No. - BD8303MUV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8303MUV-E2 ROHM-BD8303MUV-E2 Datasheet
398Kb / 18P
   Step-up/down, High-efficiency Switching Regulators (Controller type)
More results

Similar Description - BD8303MUV-E2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS43335-Q1 TI1-TPS43335-Q1_15 Datasheet
1Mb / 43P
[Old version datasheet]   Single-Boost, Dual Synchronous-Buck Controller
logo
Linear Technology
LT3791EFE-1 LINER-LT3791EFE-1 Datasheet
332Kb / 26P
   60V 4-Switch Synchronous Buck-Boost Controller
LT3790 LINER-LT3790_15 Datasheet
451Kb / 28P
   60V Synchronous 4-Switch Buck-Boost Controller
LT3790 LINER-LT3790 Datasheet
603Kb / 10P
   60V Four-Switch Synchronous Buck-Boost Controller
LTC7813 LINER-LTC7813 Datasheet
1Mb / 42P
   Low IQ, 60V Synchronous BoostBuck Controller
LTC3859 LINER-LTC3859 Datasheet
598Kb / 40P
   Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
LTC7812 LINER-LTC7812 Datasheet
2Mb / 44P
   Low IQ, 38V Synchronous BoostBuck Controller
logo
Renesas Technology Corp
ISL81401 RENESAS-ISL81401 Datasheet
3Mb / 47P
   40V 4-Switch Synchronous Buck-Boost Controller
Jan 27, 2022
logo
Linear Technology
LT3791-1 LINER-LT3791-1_15 Datasheet
332Kb / 26P
   60V 4-Switch Synchronous Buck-Boost Controller
LTC3859 LINER-LTC3859_15 Datasheet
634Kb / 42P
   Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com