Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8311NUV Datasheet(PDF) 1 Page - Rohm

Part # BD8311NUV
Description  Integrated 2.5A MOSFET 1ch Boost Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8311NUV Datasheet(HTML) 1 Page - Rohm

  BD8311NUV_15 Datasheet HTML 1Page - Rohm BD8311NUV_15 Datasheet HTML 2Page - Rohm BD8311NUV_15 Datasheet HTML 3Page - Rohm BD8311NUV_15 Datasheet HTML 4Page - Rohm BD8311NUV_15 Datasheet HTML 5Page - Rohm BD8311NUV_15 Datasheet HTML 6Page - Rohm BD8311NUV_15 Datasheet HTML 7Page - Rohm BD8311NUV_15 Datasheet HTML 8Page - Rohm BD8311NUV_15 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
○Product structure:Silicon monolithic integrated circuit ○This product has no designed protection against radioactive rays
.
1/21
TSZ02201-0Q3Q0NZ00350-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
17.Feb.2015 Rev.002
TSZ22111・14・001
www.rohm.com
3.5V to 11V, Integrated 2.5A MOSFET 1ch
Boost Converter
BD8311NUV
General Description
BD8311NUV is a high-efficiency step-up switching
regulator with built-in power MOSFET that can output
8V or 10V from a 4-battery voltage supply such as
Li2cell or a 5V fixed power supply line. The built-in
80mΩ N-Channel FET switch is capable of handling
output current up to 2.5A. This IC has a flexible phase
compensation system and a switching frequency of
1.2MHz allowing the use of smaller external output
inductor and capacitor making the construction of a
compact power supply really easy.
Features
Built-In 2.5A/14V N-Channel FET Switch
On-Chip Phase Compensation
Between Input and Output of ERROR AMP.
Output Current:
600mA at 10V (3.5V to 10V input)
800mA at 8V (3.5V to 8V input)
Built-In Soft-Start Function.
Built-In Timer Latch System for Short Circuit
Protection Function.
Application
General Portable Equipment like DSC/DVC Powered
by 4 dry Batteries or Li2cell
Key Specification
 Input Voltage Range:
+3.5V to +11.0V
 Output Voltage Range:
+4.0V to +11.0V
 FET Maximum Current:
2.5A
 Switching Frequency:
1.2MHz(Typ)
 Nch FET ON-Resistance:
80m
Ω(Typ)
 Standby Current:
0
μA (Typ)
 Operating Temperature Range:
-25°C to +85°C
Package
W (Typ) x D (Typ) x H (Max)
Typical Application Circuit
Input: 3.5V to 10V, Output: 10V / 500 mA
PGND
STB
INV
SWOUT
PGND
GND
VCC
Lx
Lx
1
3
4
5
2
10
8
7
6
9
ON/OFF
VREG
10V/500mA
10p
200k
10k
100k
22k
22µF
GRM32EB31C226KE16( Murata)
RSX201L-30 (ROHM)
4.7µH
DE3518E( TOKO)
VBAT=2.5~ 4.5V
10µF
GRM31CB31E106KA75L( Murata)
1µF
GRM21BB11C105KA01( Murata)
1µF
GRM188B11A105KA61( Murata)
3.3~ 5.0V
Figure 1. Typical Application Circuit
VSON010V3030
3.00mm x 3.00mm x 1.00mm
3.5V to 10 V
3.5V to 10 V
4.7μH
DE3518E(TOKO)
10μF
GRM31CB31E106KA75L(Murata)
1μF
GRM188B11A105KA61(Murata)
1μF
GRM21BB11C105KA01(Murata)
PGND
STB
INV
SWOUT
PGND
GND
VCC
LX
LX
VREG
22μF
GRM32EB31C226KE16 (Murata)
10V/500mA
RSX201L-30 (ROHM)
ON/OFF
10pF
200k
Ω
10k
Ω
100k
Ω
22k
Ω
Datasheet


Similar Part No. - BD8311NUV_15

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8311NUV ROHM-BD8311NUV_10 Datasheet
389Kb / 15P
   High-efficiency Step-up Switching Regulator with Built-in Power MOSFET
More results

Similar Description - BD8311NUV_15

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8314NUV ROHM-BD8314NUV_15 Datasheet
1Mb / 25P
   Integrated 2.5A MOSFET 1ch Boost Converter
BD8306MUV ROHM-BD8306MUV Datasheet
1Mb / 29P
   Integrated 2.0A MOSFET 1ch Buck-Boost Converter
BD8312HFN ROHM-BD8312HFN_15 Datasheet
1Mb / 25P
   1ch Synchronous Buck Converter Integrated MOSFET
BD8313HFN ROHM-BD8313HFN_15 Datasheet
1Mb / 31P
   1ch Synchronous Buck Converter Integrated MOSFET
logo
ON Semiconductor
LV56351JA ONSEMI-LV56351JA Datasheet
212Kb / 8P
   1ch DC/DC boost converter
August, 2013
logo
Sanyo Semicon Device
LV56351HA SANYO-LV56351HA Datasheet
206Kb / 9P
   1ch DC/DC boost converter
logo
ON Semiconductor
LV56351HA ONSEMI-LV56351HA Datasheet
193Kb / 9P
   1ch DC/DC boost converter
August, 2013
logo
Eutech Microelectronics...
EUP2459 EUTECH-EUP2459 Datasheet
60Kb / 1P
   2.5A, 500KHz Synchronous Boost Converter
logo
Major-Power Technology ...
MA2013 MPOWER-MA2013 Datasheet
184Kb / 2P
   1.2MHz, 2.5A, 24V Output Boost Converter
Rev 1.0
logo
Rohm
BD9G341AEFJ-LB ROHM-BD9G341AEFJ-LB Datasheet
2Mb / 30P
   1ch Buck Converter Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com