Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8314NUV-E2 Datasheet(PDF) 7 Page - Rohm

Part # BD8314NUV-E2
Description  Integrated 2.5A MOSFET 1ch Boost Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8314NUV-E2 Datasheet(HTML) 7 Page - Rohm

Back Button BD8314NUV-E2 Datasheet HTML 3Page - Rohm BD8314NUV-E2 Datasheet HTML 4Page - Rohm BD8314NUV-E2 Datasheet HTML 5Page - Rohm BD8314NUV-E2 Datasheet HTML 6Page - Rohm BD8314NUV-E2 Datasheet HTML 7Page - Rohm BD8314NUV-E2 Datasheet HTML 8Page - Rohm BD8314NUV-E2 Datasheet HTML 9Page - Rohm BD8314NUV-E2 Datasheet HTML 10Page - Rohm BD8314NUV-E2 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
7/21
TSZ02201-0Q3Q0NZ00380-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
17.Feb.2015 Rev.002
www.rohm.com
TSZ22111・15・001
BD8314NUV
Typical Performance Curves - continued
0
20
40
60
80
100
120
3
6
9
12
15
ID=500mA
Figure 12. ON-Resistance vs VCC
VCC [V]
0
20
40
60
80
100
-40
0
40
80
120
ID=1mA
Temperature [°C]
0
20
40
60
80
100
3
6
9
12
15
ID=1mA
Figure 15. SWOUT ON-Resistance vs VCC
VCC [V]
Figure 14. SWOUT ON-Resistance vs Temperature
Figure 13. STB Voltage vs Temperature
Temperature [°C]
1.0
1.5
2.0
2.5
-50
0
50
100
150
ON
OFF


Similar Part No. - BD8314NUV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8314NUV-E2 ROHM-BD8314NUV-E2 Datasheet
413Kb / 16P
   High-efficiency Step-up Switching Regulator with Built-in Power MOSFET
More results

Similar Description - BD8314NUV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8311NUV ROHM-BD8311NUV_15 Datasheet
1Mb / 25P
   Integrated 2.5A MOSFET 1ch Boost Converter
BD8306MUV ROHM-BD8306MUV Datasheet
1Mb / 29P
   Integrated 2.0A MOSFET 1ch Buck-Boost Converter
BD8312HFN ROHM-BD8312HFN_15 Datasheet
1Mb / 25P
   1ch Synchronous Buck Converter Integrated MOSFET
BD8313HFN ROHM-BD8313HFN_15 Datasheet
1Mb / 31P
   1ch Synchronous Buck Converter Integrated MOSFET
logo
ON Semiconductor
LV56351JA ONSEMI-LV56351JA Datasheet
212Kb / 8P
   1ch DC/DC boost converter
August, 2013
logo
Sanyo Semicon Device
LV56351HA SANYO-LV56351HA Datasheet
206Kb / 9P
   1ch DC/DC boost converter
logo
ON Semiconductor
LV56351HA ONSEMI-LV56351HA Datasheet
193Kb / 9P
   1ch DC/DC boost converter
August, 2013
logo
Eutech Microelectronics...
EUP2459 EUTECH-EUP2459 Datasheet
60Kb / 1P
   2.5A, 500KHz Synchronous Boost Converter
logo
Major-Power Technology ...
MA2013 MPOWER-MA2013 Datasheet
184Kb / 2P
   1.2MHz, 2.5A, 24V Output Boost Converter
Rev 1.0
logo
Rohm
BD9G341AEFJ-LB ROHM-BD9G341AEFJ-LB Datasheet
2Mb / 30P
   1ch Buck Converter Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com