Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8961NV Datasheet(PDF) 3 Page - Rohm

Part # BD8961NV
Description  Synchronous Buck Converter with Integrated FET
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8961NV Datasheet(HTML) 3 Page - Rohm

  BD8961NV Datasheet HTML 1Page - Rohm BD8961NV Datasheet HTML 2Page - Rohm BD8961NV Datasheet HTML 3Page - Rohm BD8961NV Datasheet HTML 4Page - Rohm BD8961NV Datasheet HTML 5Page - Rohm BD8961NV Datasheet HTML 6Page - Rohm BD8961NV Datasheet HTML 7Page - Rohm BD8961NV Datasheet HTML 8Page - Rohm BD8961NV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
3/21
BD8961NV
Datasheet
02.Oct.2014 Rev.002
www.rohm.com
TSZ02201-0J3J0AJ00020-1-2
©2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
VCC Voltage
VCC
-0.3 to +7 (Note 1)
V
PVCC Voltage
PVCC
-0.3 to +7 (Note 1)
V
EN Voltage
VEN
-0.3 to +7
V
SW,ITH Voltage
VSW,VITH
-0.3 to +7
V
Power Dissipation 1
Pd1
0.90 (Note 2)
W
Power Dissipation 2
Pd2
3.90 (Note 3)
W
Operating Temperature Range
Topr
-25 to +105
°C
Storage Temperature Range
Tstg
-55 to +150
°C
Maximum Junction Temperature
Tjmax
+150
°C
(Note 1) Pd should not be exceeded.
(Note 2) Mounted on 1 layer 70mm x 70mm x 1.6mm Glass Epoxy PCB (the density of copper:3%). Reduce by 7.2mW/°C for Ta over 25°C.
(Note 3) Mounted on JESD51-7. Reduce by 31.2mW/°C for Ta over 25°C.
Caution: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit
between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is operated
over the absolute maximum ratings.
Recommended Operating Conditions (Ta=25°C)
Parameter
Symbol
Limit
Unit
Min
Typ
Max
VCC Voltage
VCC (Note 4)
4.5
5.0
5.5
V
PVCC Voltage
PVCC (Note 4)
4.5
5.0
5.5
V
EN Voltage
VEN
0
-
VCC
V
SW Average Output Current
ISW (Note 4)
-
-
2.0
A
(Note 4) Pd should not be exceeded.
Electrical Characteristics (Ta=25°C, VCC=PVCC=3.3V, VEN=VCC)
Parameter
Symbol
Limit
Unit
Conditions
Min
Typ
Max
Standby Current
ISTB
-
0
10
μA
EN=GND
Bias Current
ICC
-
250
450
μA
EN Low Voltage
VENL
-
GND
0.8
V
Standby mode
EN High Voltage
VENH
2.0
VCC
-
V
Active mode
EN Input Current
IEN
-
1
10
μA
VEN=5V
Oscillation Frequency
fOSC
0.8
1
1.2
MHz
Pch FET ON-Resistance
RONP
-
200
320
PVCC=5V
Nch FET ON-Resistance
RONN
-
150
270
PVCC=5V
Output Voltage
VOUT
3.250
3.300
3.350
V
ITH SInk Current
ITHSI
10
20
-
μA
VOUT=3.6V
ITH Source Current
ITHSO
10
20
-
μA
VOUT=3.0V
UVLO Threshold Voltage
VUVLO1
3.6
3.8
4.0
V
VCC=5V to 0V
UVLO Release Voltage
VUVLO2
3.65
3.90
4.2
V
VCC=0V to 5V
Soft Start Time
tSS
0.5
1
2
ms
Timer Latch Time
tLATCH
1
2
3
ms
SCP/TSD operated
Output Short Circuit Threshold Voltage
VSCP
-
1.65
2.31
V
VOUT=3.3V to 0V


Similar Part No. - BD8961NV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8961NV ROHM-BD8961NV Datasheet
493Kb / 14P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8961NV ROHM-BD8961NV Datasheet
394Kb / 14P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8961NV ROHM-BD8961NV Datasheet
842Kb / 18P
   4.5V to 5.5V, 2.0A 1ch Synchronous Buck Converter Integrated FET
BD8961NV-E2 ROHM-BD8961NV-E2 Datasheet
394Kb / 14P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8961NV ROHM-BD8961NV_10 Datasheet
394Kb / 14P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
More results

Similar Description - BD8961NV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9329AEFJ ROHM-BD9329AEFJ_15 Datasheet
1Mb / 23P
   Synchronous Buck Converter with Integrated FET
BD8967FVM ROHM-BD8967FVM_15 Datasheet
745Kb / 25P
   Synchronous Buck Converter with Integrated FET
BD9122GUL ROHM-BD9122GUL_14 Datasheet
1Mb / 25P
   Synchronous Buck Converter with Integrated FET
BD9134MUV ROHM-BD9134MUV_14 Datasheet
1Mb / 25P
   Synchronous Buck Converter with Integrated FET
BD9106FVM ROHM-BD9106FVM_14 Datasheet
3Mb / 50P
   Synchronous Buck Converter with Integrated FET
BD9123MUV ROHM-BD9123MUV_14 Datasheet
1Mb / 28P
   Synchronous Buck Converter with Integrated FET
BD9137MUV ROHM-BD9137MUV_14 Datasheet
2Mb / 26P
   Synchronous Buck Converter with Integrated FET
BD8964FVM ROHM-BD8964FVM_15 Datasheet
795Kb / 25P
   Synchronous Buck Converter with Integrated FET
BD9141MUV ROHM-BD9141MUV_15 Datasheet
958Kb / 26P
   Synchronous Buck Converter with Integrated FET
BD91361MUV ROHM-BD91361MUV_14 Datasheet
2Mb / 27P
   Synchronous Buck Converter with Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com