Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8967FVM Datasheet(PDF) 5 Page - Rohm

Part # BD8967FVM
Description  Synchronous Buck Converter with Integrated FET
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8967FVM Datasheet(HTML) 5 Page - Rohm

  BD8967FVM Datasheet HTML 1Page - Rohm BD8967FVM Datasheet HTML 2Page - Rohm BD8967FVM Datasheet HTML 3Page - Rohm BD8967FVM Datasheet HTML 4Page - Rohm BD8967FVM Datasheet HTML 5Page - Rohm BD8967FVM Datasheet HTML 6Page - Rohm BD8967FVM Datasheet HTML 7Page - Rohm BD8967FVM Datasheet HTML 8Page - Rohm BD8967FVM Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
5/21
BD8967FVM
Datasheet
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
TSZ02201-0J3J0AJ00070-1-2
22.Jan.2015 Rev.003
Typical Performance Curves – continued
Figure 11. EN Voltage vs Temperature
Figure 9. Frequency vs Temperature
Temperature: Ta [°C]
Temperature: Ta [°C]
Figure 8. Efficiency vs Output Current
(VCC=EN=5V, VOUT=3.3V)
Output Current: IOUT [mA]
Ta=25°C
Figure 10. NMOS ON-Resistance vs
Temperature
Temperature: Ta [°C]
VCC=5V
VCC=5V


Similar Part No. - BD8967FVM

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8967FVM ROHM-BD8967FVM Datasheet
400Kb / 14P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8967FVM ROHM-BD8967FVM Datasheet
920Kb / 20P
   4.5V to 5.5V, 0.8A 1ch Synchronous Buck Converter integrated FET
BD8967FVM ROHM-BD8967FVM_12 Datasheet
920Kb / 20P
   4.5V to 5.5V, 0.8A 1ch Synchronous Buck Converter integrated FET
More results

Similar Description - BD8967FVM

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9329AEFJ ROHM-BD9329AEFJ_15 Datasheet
1Mb / 23P
   Synchronous Buck Converter with Integrated FET
BD9122GUL ROHM-BD9122GUL_14 Datasheet
1Mb / 25P
   Synchronous Buck Converter with Integrated FET
BD9134MUV ROHM-BD9134MUV_14 Datasheet
1Mb / 25P
   Synchronous Buck Converter with Integrated FET
BD8961NV ROHM-BD8961NV_14 Datasheet
1Mb / 25P
   Synchronous Buck Converter with Integrated FET
BD9106FVM ROHM-BD9106FVM_14 Datasheet
3Mb / 50P
   Synchronous Buck Converter with Integrated FET
BD9123MUV ROHM-BD9123MUV_14 Datasheet
1Mb / 28P
   Synchronous Buck Converter with Integrated FET
BD9137MUV ROHM-BD9137MUV_14 Datasheet
2Mb / 26P
   Synchronous Buck Converter with Integrated FET
BD8964FVM ROHM-BD8964FVM_15 Datasheet
795Kb / 25P
   Synchronous Buck Converter with Integrated FET
BD9141MUV ROHM-BD9141MUV_15 Datasheet
958Kb / 26P
   Synchronous Buck Converter with Integrated FET
BD91361MUV ROHM-BD91361MUV_14 Datasheet
2Mb / 27P
   Synchronous Buck Converter with Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com