Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9104FVM-TR Datasheet(PDF) 1 Page - Rohm

Part # BD9104FVM-TR
Description  Synchronous Buck Converter Integrated FET
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9104FVM-TR Datasheet(HTML) 1 Page - Rohm

  BD9104FVM-TR Datasheet HTML 1Page - Rohm BD9104FVM-TR Datasheet HTML 2Page - Rohm BD9104FVM-TR Datasheet HTML 3Page - Rohm BD9104FVM-TR Datasheet HTML 4Page - Rohm BD9104FVM-TR Datasheet HTML 5Page - Rohm BD9104FVM-TR Datasheet HTML 6Page - Rohm BD9104FVM-TR Datasheet HTML 7Page - Rohm BD9104FVM-TR Datasheet HTML 8Page - Rohm BD9104FVM-TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Product structure:Silicon monolithic integrated circuit ○ This product has no designed protection against radioactive rays
1/25
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・14・001
TSZ02201-0J3J0AJ00340-1-2
24.Oct.2013 Rev.003
4.0V(or 4.5V) to 5.5V, 0.8A 1ch
Synchronous Buck Converter Integrated FET
BD9102FVM BD9104FVM
General Description
The BD9102FVM and BD9104FVM are ROHM’s high
efficiency step-down switching regulator designed to
produce a voltage as low as 1.24V from a supply
voltage of 5V. Offers high efficiency with our original
pulse skip control technology and synchronous
rectifier. It offers high efficiency by using synchronous
switches and provides fast transient response to
sudden load changes by implementing current mode
control.
Features
Fast Transient Response Because of Current Mode
PWM Control System.
Highly Efficient for All Load Ranges Because of
Synchronous Rectifier (Nch/Pch FET) and SLLMTM
(Simple Light Load Mode)
Soft-Start Function.
Thermal Protection and UVLO Functions.
Short-Circuit Protection with Time Delay Function.
Shutdown Function
Applications
Power supply for HDD, portable electronic devices like
PDA, and LSI including CPU and ASIC.
Key Specifications
Input Voltage Range
BD9102FVM:
4.0V to 5.5V
BD9104FVM:
4.5V to 5.5V
Output Voltage Range
BD9102FVM:
1.24V ± 2%
BD9104FVM:
3.30V ± 2%
Output Current:
0.8A(Max)
Switching Frequency:
1.0MHz(Typ)
Pch FET ON-Resistance:
350mΩ(Typ)
Nch FET ON-Resistance:
250mΩ(Typ)
Standby Current:
0μA(Typ)
Operating Temperature Range:
-25°C to +85°C
Package
W(Typ) x D(Typ) x H(Max)
Typical Application Circuit
Figure 1.
Typical Application Circuit
Lineup
Input Voltage Range Output Voltage Range
UVLO Threshold
Voltage
(Typ)
Package
Orderable
Part Number
4.0V to 5.5V
1.24V±2%
2.7V
MSOP8
Reel of 3000
BD9102FVM-TR
4.5V to 5.5V
3.30V±2%
4.1V
MSOP8
Reel of 3000
BD9104FVM-TR
MSOP8
2.90 mm x 4.00 mm x 0.90 mm


Similar Part No. - BD9104FVM-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9104FVM-TR ROHM-BD9104FVM-TR Datasheet
1Mb / 29P
   4.0V(or 4.5V) to 5.5V, 0.8A 1ch Synchronous Buck Converter Integrated FET
More results

Similar Description - BD9104FVM-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD91361MUV-E2 ROHM-BD91361MUV-E2 Datasheet
1Mb / 23P
   Synchronous Buck Converter Integrated FET
BU90002GWXEVK-101 ROHM-BU90002GWXEVK-101 Datasheet
797Kb / 7P
   Synchronous Buck Converter Integrated FET
BD9328EFJ-LB ROHM-BD9328EFJ-LB Datasheet
1Mb / 22P
   Synchronous Buck Converter Integrated FET
BD9106FVM ROHM-BD9106FVM_12 Datasheet
2Mb / 42P
   Synchronous Buck Converter Integrated FET
BD9329AEFJ-LB ROHM-BD9329AEFJ-LB_15 Datasheet
1Mb / 22P
   Synchronous Buck Converter integrated FET
BD89630EFJ ROHM-BD89630EFJ_12 Datasheet
630Kb / 25P
   Synchronous Buck Converter integrated FET
BD91501MUV ROHM-BD91501MUV Datasheet
570Kb / 26P
   Synchronous Buck Converter Integrated FET
BD9106FVM-LB ROHM-BD9106FVM-LB Datasheet
2Mb / 23P
   Synchronous Buck Converter Integrated FET
BD9109FVM-LB ROHM-BD9109FVM-LB Datasheet
2Mb / 23P
   Synchronous Buck Converter Integrated FET
BD9329AEFJ ROHM-BD9329AEFJ_15 Datasheet
1Mb / 23P
   Synchronous Buck Converter with Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com